công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA9898HL bảng dữ liệu(PDF) 4 Page - NXP Semiconductors

tên linh kiện TDA9898HL
Giải thích chi tiết về linh kiện  Multistandard hybrid IF processing
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9898HL bảng dữ liệu(HTML) 4 Page - NXP Semiconductors

  TDA9898HL Datasheet HTML 1Page - NXP Semiconductors TDA9898HL Datasheet HTML 2Page - NXP Semiconductors TDA9898HL Datasheet HTML 3Page - NXP Semiconductors TDA9898HL Datasheet HTML 4Page - NXP Semiconductors TDA9898HL Datasheet HTML 5Page - NXP Semiconductors TDA9898HL Datasheet HTML 6Page - NXP Semiconductors TDA9898HL Datasheet HTML 7Page - NXP Semiconductors TDA9898HL Datasheet HTML 8Page - NXP Semiconductors TDA9898HL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 103 page
background image
TDA9897_TDA9898_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 11 January 2008
4 of 103
NXP Semiconductors
TDA9897; TDA9898
Multistandard hybrid IF processing
Gdif
differential gain
“ITU-T J.63 line 330”
[2][4]
B/G standard
-
-
5
%
L standard
-
-
7
%
ϕdif
differential phase
“ITU-T J.63 line 330”
[2][4]
B/G standard
-
2
4
deg
L standard
-
2
4
deg
Bvideo(−3dB)
−3 dB video bandwidth
trap bypass mode and
sound carrier off; AC load:
CL <20pF, RL >1kΩ
[3] 68-
MHz
α
SC1
first sound carrier attenuation
M/N standard;
f=fSC1 = 4.5 MHz;
see Figure 21
[3] 38
--dB
B/G standard;
f=fSC1 = 5.5 MHz;
see Figure 23
[3] 35
--dB
(S/N)w
weighted signal-to-noise ratio
normal mode and sound
carrier on; B/G standard;
50 % grey video signal;
unified weighting filter
(
“ITU-T J.61”);
see Figure 20
[2][5] 53
57
-
dB
PSRRCVBS
power supply ripple rejection on
pin CVBS
normal mode and sound
carrier on; fripple =70Hz;
video signal; grey level;
positive and negative
modulation; see Figure 11
[2] 14
20
-
dB
∆IAFC/∆fVIF
change of AFC current with VIF
frequency
AFC TV mode
[6] 0.85
1.05
1.25
µA/kHz
Audio part
Vo(AF)(RMS)
RMS AF output voltage
FM: QSS mode;
27 kHz FM deviation;
50
µs de-emphasis
430
540
650
mV
AM: 54 % modulation
400
500
600
mV
THD
total harmonic distortion
FM: 50
µs de-emphasis;
FM deviation: for TV mode
27 kHz and for radio mode
22.5 kHz
-
0.15
0.50
%
AM: 54 % modulation;
BP on; see Figure 33
-
0.5
1.0
%
f−3dB(AF)
AF cut-off frequency
W3[2] = 0; W3[4] = 0;
without de-emphasis;
FM window
width = 237.5 kHz
80
100
-
kHz
Table 1.
Quick reference data …continued
VP =5V; Tamb =25 °C.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


Số phần tương tự - TDA9898HL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA9898HL/V3 NXP-TDA9898HL/V3 Datasheet
543Kb / 103P
   Multistandard hybrid IF processing
Rev. 04-25 May 2009
More results

Mô tả tương tự - TDA9898HL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA9897 NXP-TDA9897_09 Datasheet
543Kb / 103P
   Multistandard hybrid IF processing
Rev. 04-25 May 2009
TDA9899 NXP-TDA9899 Datasheet
511Kb / 103P
   Multistandard hybrid IF processing including car mobile
Rev. 03-15 January 2008
TDA9819 PHILIPS-TDA9819 Datasheet
267Kb / 40P
   Multistandard vision and sound-IF PLL with DVB-IF processing
1998 Jul 14
logo
TEMIC Semiconductors
TDA4471 TEMIC-TDA4471 Datasheet
289Kb / 16P
   Multistandard Video-IF and Quasi Parallel Sound Processing
TDA4470-M TEMIC-TDA4470-M Datasheet
189Kb / 16P
   Multistandard Video-IF and Quasi Parallel Sound Processing
TDA4474 TEMIC-TDA4474 Datasheet
156Kb / 17P
   Multistandard Video-IF and Quasi Parallel Sound Processing
logo
Siemens Semiconductor G...
TDA6160-2X SIEMENS-TDA6160-2X Datasheet
361Kb / 17P
   Multistandard Sound IF
TDA6160-2S SIEMENS-TDA6160-2S Datasheet
254Kb / 17P
   Multistandard Sound IF
logo
STMicroelectronics
TDA4443 STMICROELECTRONICS-TDA4443 Datasheet
150Kb / 7P
   MULTISTANDARD VIDEO IF AMPLIFIER
logo
List of Unclassifed Man...
K7252M ETC1-K7252M Datasheet
112Kb / 8P
   IF Filter intercarrier/Multistandard Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com