công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SST29LE010A-200-4C-UH bảng dữ liệu(PDF) 3 Page - Silicon Storage Technology, Inc

tên linh kiện SST29LE010A-200-4C-UH
Giải thích chi tiết về linh kiện  1 Megabit (128K x 8) Page Mode EEPROM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SST [Silicon Storage Technology, Inc]
Trang chủ  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST29LE010A-200-4C-UH bảng dữ liệu(HTML) 3 Page - Silicon Storage Technology, Inc

  SST29LE010A-200-4C-UH Datasheet HTML 1Page - Silicon Storage Technology, Inc SST29LE010A-200-4C-UH Datasheet HTML 2Page - Silicon Storage Technology, Inc SST29LE010A-200-4C-UH Datasheet HTML 3Page - Silicon Storage Technology, Inc SST29LE010A-200-4C-UH Datasheet HTML 4Page - Silicon Storage Technology, Inc SST29LE010A-200-4C-UH Datasheet HTML 5Page - Silicon Storage Technology, Inc SST29LE010A-200-4C-UH Datasheet HTML 6Page - Silicon Storage Technology, Inc SST29LE010A-200-4C-UH Datasheet HTML 7Page - Silicon Storage Technology, Inc SST29LE010A-200-4C-UH Datasheet HTML 8Page - Silicon Storage Technology, Inc SST29LE010A-200-4C-UH Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
3
© 1999 Silicon Storage Technology, Inc.
303-01 2/99
1 Megabit Page Mode EEPROM
SST29EE010A / SST29LE010A / SST29VE010A
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Write Operation Status Detection
The SST29EE010A/29LE010A/29VE010A provide two
software means to detect the completion of a write cycle,
in order to optimize the system write cycle time. The
software detection includes two status bits: Data# Polling
(DQ7) and Toggle Bit (DQ6). The end of write detection
mode is enabled after the rising WE# or CE# whichever
occurs first, which initiates the internal write cycle.
The actual completion of the nonvolatile write is asyn-
chronous with the system; therefore, either a Data#
Polling or Toggle Bit read may be simultaneous with the
completion of the write cycle. If this occurs, the system
may possibly get an erroneous result, i.e., valid data may
appear to conflict with either DQ7 or DQ6. In order to
prevent spurious rejection, if an erroneous result occurs,
the software routine should include a loop to read the
accessed location an additional two (2) times. If both
reads are valid, then the device has completed the write
cycle, otherwise the rejection is valid.
Data# Polling (DQ7)
When the SST29EE010A/29LE010A/29VE010A are in
the internal write cycle, any attempt to read DQ7 of the
last byte loaded during the byte-load cycle will receive
the complement of the true data. Once the write cycle is
completed, DQ7 will show true data. The device is then
ready for the next operation. See Figure 6 for Data#
Polling timing diagram and Figure 14 for a flowchart.
Toggle Bit (DQ6)
During the internal write cycle, any consecutive attempts
to read DQ6 will produce alternating 0’s and 1’s, i.e.
toggling between 0 and 1. When the write cycle is
completed, the toggling will stop. The device is then
ready for the next operation. See Figure 7 for Toggle Bit
timing diagram and Figure 14 for a flowchart. The initial
read of the Toggle Bit will typically be a “1”.
Data Protection
The SST29EE010A/29LE010A/29VE010A provide both
hardware and software features to protect nonvolatile
data from inadvertent writes.
Hardware Data Protection
Noise/Glitch Protection: A WE# or CE# pulse of less than
5 ns will not initiate a write cycle.
VCC Power Up/Down Detection: The write operation is
inhibited when VCC is less than 2.5V.
Write Inhibit Mode: Forcing OE# low, CE# high, or WE#
high will inhibit the write operation. This prevents inad-
vertent writes during power-up or power-down.
Software Data Protection (SDP)
The SST29EE010A/29LE010A/29VE010A provide the
JEDEC approved software data protection scheme for
all data alteration operations, i.e., Write and Chip Erase.
With this scheme, any Write operation requires the
inclusion of a series of three byte-load operations to
precede the data loading operation. The three byte-load
sequence is used to initiate the write cycle, providing
optimal protection from inadvertent write operations,
e.g., during the system power-up or power-down.


Số phần tương tự - SST29LE010A-200-4C-UH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicon Storage Technol...
SST29LE010 SST-SST29LE010 Datasheet
326Kb / 26P
   1 Mbit (128K x8) Page-Mode EEPROM
SST29LE010 SST-SST29LE010 Datasheet
882Kb / 27P
   1 Megabit (128K x 8) Page Mode EEPROM
SST29LE010 SST-SST29LE010 Datasheet
267Kb / 26P
   1 Megabit (128K x8) Page-Mode EEPROM
SST29LE010-120-3C-E SST-SST29LE010-120-3C-E Datasheet
882Kb / 27P
   1 Megabit (128K x 8) Page Mode EEPROM
SST29LE010-120-3C-EH SST-SST29LE010-120-3C-EH Datasheet
882Kb / 27P
   1 Megabit (128K x 8) Page Mode EEPROM
More results

Mô tả tương tự - SST29LE010A-200-4C-UH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicon Storage Technol...
SST29EE010 SST-SST29EE010_04 Datasheet
882Kb / 27P
   1 Megabit (128K x 8) Page Mode EEPROM
SST29EE010 SST-SST29EE010_00 Datasheet
267Kb / 26P
   1 Megabit (128K x8) Page-Mode EEPROM
logo
Maxwell Technologies
28C010T MAXWELL-28C010T Datasheet
359Kb / 20P
   1 Megabit (128K x 8-Bit) EEPROM
28C011T MAXWELL-28C011T Datasheet
348Kb / 19P
   1 Megabit (128K x 8-Bit) EEPROM
logo
ATMEL Corporation
AT28C010 ATMEL-AT28C010_06 Datasheet
410Kb / 17P
   1-megabit (128K x 8) Paged Parallel EEPROM
logo
Maxwell Technologies
28LV010 MAXWELL-28LV010 Datasheet
363Kb / 20P
   3.3V 1 Megabit (128K x 8-Bit) EEPROM
28LV011 MAXWELL-28LV011 Datasheet
305Kb / 19P
   3.3V 1 Megabit (128K x 8-Bit) EEPROM
logo
Silicon Storage Technol...
SST29EE010 SST-SST29EE010 Datasheet
326Kb / 26P
   1 Mbit (128K x8) Page-Mode EEPROM
logo
Force Technologies Ltd
FT27C010 FORCE-FT27C010 Datasheet
809Kb / 11P
   1-Megabit (128K x 8) UVEPROM
logo
ATMEL Corporation
AT27C010 ATMEL-AT27C010_07 Datasheet
343Kb / 14P
   1-Megabit (128K x 8) OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com