công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SST29LE010A-250-4C-EH bảng dữ liệu(PDF) 1 Page - Silicon Storage Technology, Inc

tên linh kiện SST29LE010A-250-4C-EH
Giải thích chi tiết về linh kiện  1 Megabit (128K x 8) Page Mode EEPROM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SST [Silicon Storage Technology, Inc]
Trang chủ  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST29LE010A-250-4C-EH bảng dữ liệu(HTML) 1 Page - Silicon Storage Technology, Inc

  SST29LE010A-250-4C-EH Datasheet HTML 1Page - Silicon Storage Technology, Inc SST29LE010A-250-4C-EH Datasheet HTML 2Page - Silicon Storage Technology, Inc SST29LE010A-250-4C-EH Datasheet HTML 3Page - Silicon Storage Technology, Inc SST29LE010A-250-4C-EH Datasheet HTML 4Page - Silicon Storage Technology, Inc SST29LE010A-250-4C-EH Datasheet HTML 5Page - Silicon Storage Technology, Inc SST29LE010A-250-4C-EH Datasheet HTML 6Page - Silicon Storage Technology, Inc SST29LE010A-250-4C-EH Datasheet HTML 7Page - Silicon Storage Technology, Inc SST29LE010A-250-4C-EH Datasheet HTML 8Page - Silicon Storage Technology, Inc SST29LE010A-250-4C-EH Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1
1 Megabit (128K x 8) Page Mode EEPROM
SST29EE010A / SST29LE010A / SST29VE010A
Data Sheet
© 1999 Silicon Storage Technology, Inc. The SST logo and SuperFlash are registered trademarks of Silicon Storage Technology, Inc. These specifications are subject to change without notice.
303-01 2/99
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
FEATURES:
Single Voltage Read and Write Operations
– 5.0V-only for the SST29EE010A
– 3.0-3.6V for the SST29LE010A
– 2.7-3.6V for the SST29VE010A
Superior Reliability
– Endurance: 100,000 Cycles (typical)
– Greater than 100 years Data Retention
Low Power Consumption
– Active Current: 20 mA (typical) for 5V and
10 mA (typical) for 3.0/2.7V
– Standby Current: 10 µA (typical)
Fast Page Write Operation
– 128 Bytes per Page, 1024 Pages
– Page Write Cycle: 5 ms (typical)
– Complete Memory Rewrite: 5 sec (typical)
– Effective Byte Write Cycle Time:
39 µs
(typical)
Fast Read Access Time
– 5.0V-only operation: 90 and 120 ns
– 3.0-3.6V operation: 150 and 200 ns
– 2.7-3.6V operation: 200 and 250 ns
Latched Address and Data
Automatic Write Timing
– Internal VPP Generation
End of Write Detection
– Toggle Bit
– Data# Polling
Hardware and Software Data Protection
TTL I/O Compatibility
JEDEC Standard
– Flash EEPROM Pinouts and command sets
Packages Available
– 32 Pin PDIP
– 32-Pin PLCC
– 32-Pin TSOP (8mm x 20mm & 8mm x 14mm)
PRODUCT DESCRIPTION
The SST29EE010A/29LE010A/29VE010A are 128K x 8
CMOS Page Write EEPROMs manufactured with SST’s
proprietary, high performance CMOS SuperFlash tech-
nology. The split-gate cell design and thick oxide tunnel-
ing injector attain better reliability and manufacturability
compared
with
alternate
approaches.
The
SST29EE010A/29LE010A/29VE010A write with a
single power supply. Internal Erase/Program is transpar-
ent to the user. The SST29EE010A/29LE010A/
29VE010A conform to JEDEC standard pinouts for byte-
wide memories.
Featuring high performance page write, the
SST29EE010A/29LE010A/29VE010A provide a typical
byte-write time of 39 µsec. The entire memory, i.e., 128
KBytes, can be written page-by-page in as little as 5
seconds, when using interface features such as Toggle
Bit or Data# Polling to indicate the completion of a write
cycle. To protect against inadvertent write, the
SST29EE010A/29LE010A/29VE010A have on-chip
hardware and software data protection schemes. De-
signed, manufactured, and tested for a wide spectrum of
applications, the SST29EE010A/29LE010A/29VE010A
are offered with a guaranteed page write endurance of
104 cycles. Data retention is rated at greater than 100
years.
The SST29EE010A/29LE010A/29VE010A are suited
for applications that require convenient and economical
updating of program, configuration, or data memory. For
all system applications, the SST29EE010A/29LE010A/
29VE010A significantly improve performance and reli-
ability, while lowering power consumption. The
SST29EE010A/29LE010A/29VE010A improve flexibil-
ity while lowering the cost for program, data, and configu-
ration storage applications.
To meet high density, surface mount requirements, the
SST29EE010A/29LE010A/29VE010A are offered in 32-
pin TSOP and 32-lead PLCC packages. A 600-mil, 32-
pin PDIP package is also available. See Figures 1 and 2
for pinouts.
Device Operation
The SST page mode EEPROM offers in-circuit electrical
write capability. The SST29EE010A/29LE010A/
29VE010A does not require separate Erase and
Program operations. The internally timed write cycle
executes both erase and program transparently to the
user. The SST29EE010A/29LE010A/29VE010A have
industry standard Software Data Protection. The
SST29EE010A/29LE010A/29VE010A are compatible
with industry standard EEPROM pinouts and
functionality.
Read
The Read operations of the SST29EE010A/29LE010A/
29VE010A are controlled by CE# and OE#, both have to
be low for the system to obtain data from the outputs.


Số phần tương tự - SST29LE010A-250-4C-EH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicon Storage Technol...
SST29LE010 SST-SST29LE010 Datasheet
326Kb / 26P
   1 Mbit (128K x8) Page-Mode EEPROM
SST29LE010 SST-SST29LE010 Datasheet
882Kb / 27P
   1 Megabit (128K x 8) Page Mode EEPROM
SST29LE010 SST-SST29LE010 Datasheet
267Kb / 26P
   1 Megabit (128K x8) Page-Mode EEPROM
SST29LE010-120-3C-E SST-SST29LE010-120-3C-E Datasheet
882Kb / 27P
   1 Megabit (128K x 8) Page Mode EEPROM
SST29LE010-120-3C-EH SST-SST29LE010-120-3C-EH Datasheet
882Kb / 27P
   1 Megabit (128K x 8) Page Mode EEPROM
More results

Mô tả tương tự - SST29LE010A-250-4C-EH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicon Storage Technol...
SST29EE010 SST-SST29EE010_04 Datasheet
882Kb / 27P
   1 Megabit (128K x 8) Page Mode EEPROM
SST29EE010 SST-SST29EE010_00 Datasheet
267Kb / 26P
   1 Megabit (128K x8) Page-Mode EEPROM
logo
Maxwell Technologies
28C010T MAXWELL-28C010T Datasheet
359Kb / 20P
   1 Megabit (128K x 8-Bit) EEPROM
28C011T MAXWELL-28C011T Datasheet
348Kb / 19P
   1 Megabit (128K x 8-Bit) EEPROM
logo
ATMEL Corporation
AT28C010 ATMEL-AT28C010_06 Datasheet
410Kb / 17P
   1-megabit (128K x 8) Paged Parallel EEPROM
logo
Maxwell Technologies
28LV010 MAXWELL-28LV010 Datasheet
363Kb / 20P
   3.3V 1 Megabit (128K x 8-Bit) EEPROM
28LV011 MAXWELL-28LV011 Datasheet
305Kb / 19P
   3.3V 1 Megabit (128K x 8-Bit) EEPROM
logo
Silicon Storage Technol...
SST29EE010 SST-SST29EE010 Datasheet
326Kb / 26P
   1 Mbit (128K x8) Page-Mode EEPROM
logo
Force Technologies Ltd
FT27C010 FORCE-FT27C010 Datasheet
809Kb / 11P
   1-Megabit (128K x 8) UVEPROM
logo
ATMEL Corporation
AT27C010 ATMEL-AT27C010_07 Datasheet
343Kb / 14P
   1-Megabit (128K x 8) OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com