công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SST29LE010A-250-4C-PH bảng dữ liệu(PDF) 7 Page - Silicon Storage Technology, Inc |
|
SST29LE010A-250-4C-PH bảng dữ liệu(HTML) 7 Page - Silicon Storage Technology, Inc |
7 / 26 page 7 © 1999 Silicon Storage Technology, Inc. 303-01 2/99 1 Megabit Page Mode EEPROM SST29EE010A / SST29LE010A / SST29VE010A 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 SST29EE010A OPERATING RANGE Range Ambient Temp VCC Commercial 0°C to +70°C 5V±10% Industrial -40°C to +85°C 5V±10% AC CONDITIONS OF TEST Input Rise/Fall Time ......... 10 ns Output Load ..................... 1 TTL Gate and CL = 100 pF See Figures 12 and 13 Absolute Maximum Stress Ratings (Applied conditions greater than those listed under “Absolute Maximum Stress Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these conditions or conditions greater than those defined in the operational sections of this data sheet is not implied. Exposure to absolute maximum stress rating conditions may affect device reliability.) Temperature Under Bias ................................................................................................................. -55°C to +125°C Storage Temperature ...................................................................................................................... -65°C to +150°C D. C. Voltage on Any Pin to Ground Potential ............................................................................. -0.5V to VCC+ 0.5V Transient Voltage (<20 ns) on Any Pin to Ground Potential ......................................................... -1.0V to VCC+ 1.0V Voltage on A9 Pin to Ground Potential ................................................................................................ -0.5V to 14.0V Package Power Dissipation Capability (Ta = 25°C) ........................................................................................... 1.0W Through Hole Lead Soldering Temperature (10 Seconds) .............................................................................. 300°C Surface Mount Lead Soldering Temperature (3 Seconds) ............................................................................... 240°C Output Short Circuit Current(1) ....................................................................................................................... 100 mA Note: (1) Outputs shorted for no more than one second. No more than one output shorted at a time. SST29LE010A OPERATING RANGE Range Ambient Temp VCC Commercial 0°C to +70°C 3.0V to 3.6V Industrial -40°C to +85°C 3.0V to 3.6V SST29VE010A OPERATING RANGE Range Ambient Temp VCC Commercial 0°C to +70°C 2.7V to 3.6V Industrial -40°C to +85°C 2.7V to 3.6V |
Số phần tương tự - SST29LE010A-250-4C-PH |
|
Mô tả tương tự - SST29LE010A-250-4C-PH |