công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74ABT640PW bảng dữ liệu(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SN74ABT640PW
Giải thích chi tiết về linh kiện  OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT640PW bảng dữ liệu(HTML) 4 Page - Texas Instruments

  SN74ABT640PW Datasheet HTML 1Page - Texas Instruments SN74ABT640PW Datasheet HTML 2Page - Texas Instruments SN74ABT640PW Datasheet HTML 3Page - Texas Instruments SN74ABT640PW Datasheet HTML 4Page - Texas Instruments SN74ABT640PW Datasheet HTML 5Page - Texas Instruments SN74ABT640PW Datasheet HTML 6Page - Texas Instruments SN74ABT640PW Datasheet HTML 7Page - Texas Instruments SN74ABT640PW Datasheet HTML 8Page - Texas Instruments SN74ABT640PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
SN54ABT640, SN74ABT640
OCTAL BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCBS104C – FEBRUARY 1991 – REVISED JANUARY 1997
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
TA = 25°C
SN54ABT640
SN74ABT640
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
MAX
MIN
MAX
UNIT
VIK
VCC = 4.5 V,
II = –18 mA
–1.2
–1.2
–1.2
V
VCC = 4.5 V,
IOH = –3 mA
2.5
2.5
2.5
VOH
VCC = 5 V,
IOH = –3 mA
3
3
3
V
VOH
VCC =4 5V
IOH = –24 mA
2
2
V
VCC = 4.5 V
IOH = –32 mA
2*
2
VOL
VCC =4 5V
IOL = 48 mA
0.55
0.55
V
VOL
VCC = 4.5 V
IOL = 64 mA
0.55*
0.55
V
Vhys
100
mV
II
Control inputs
VCC =5 5V
VI =VCC or GND
±1
±1
±1
µA
II
A or B ports
VCC = 5.5 V,
VI = VCC or GND
±100
±100
±100
µA
IOZH‡
VCC = 5.5 V,
VO = 2.7 V
50
50
50
µA
IOZL‡
VCC = 5.5 V,
VO = 0.5 V
–50
–50
–50
µA
Ioff
VCC = 0,
VI or VO ≤ 4.5 V
±100
±100
µA
ICEX
VCC = 5.5 V,
VO = 5.5 V
Outputs high
50
50
50
µA
IO§
VCC = 5.5 V,
VO = 2.5 V
–50
–100
–180
–50
–180
–50
–180
mA
VCC = 5.5 V,
Outputs high
5
250
250
250
µA
ICC
A or B ports
VCC = 5.5 V,
IO = 0,
Outputs low
24
30
30
30
mA
VI = VCC or GND
Outputs disabled
0.5
250
250
250
µA
Data inp ts
VCC = 5.5 V,
One input at 3.4 V,
Outputs enabled
1.5
1.5
1.5
∆ICC¶
Data inputs
,
Other inputs at
VCC or GND
Outputs disabled
0.05
0.05
0.05
mA
Control inputs
VCC = 5.5 V, One input at 3.4 V,
Other inputs at VCC or GND
1.5
1.5
1.5
Ci
Control inputs
VI = 2.5 V or 0.5 V
4
pF
Cio
A or B ports
VO = 2.5 V or 0.5 V
7
pF
* On products compliant to MIL-PRF-38535, this parameter does not apply.
† All typical values are at VCC = 5 V.
‡ The parameters IOZH and IOZL include the input leakage current.
§ Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
¶ This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
SN54ABT640
SN74ABT640
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
AorB
BorA
1
2.7
4.2
1
5
1
4.9
ns
tPHL
A or B
B or A
1.5
2.7
4.3
1.5
5
1.5
4.9
ns
tPZH
OE
AorB
1.5
3.7
4.9
1.5
5.9
1.5
5.8
ns
tPZL
OE
A or B
1.3
5
5.9
1.3
7.4
1.3
7.3
ns
tPHZ
OE
AorB
2.5
4.1
6.5
2.5
6.9
2.5
6.8
ns
tPLZ
OE
A or B
2
3.3
5.3
2
5.6
2
5.5
ns
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Số phần tương tự - SN74ABT640PW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74ABT640PW TI-SN74ABT640PW Datasheet
107Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ABT640PW TI-SN74ABT640PW Datasheet
124Kb / 8P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ABT640PW TI-SN74ABT640PW Datasheet
305Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ABT640PWE4 TI-SN74ABT640PWE4 Datasheet
124Kb / 8P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ABT640PWE4 TI-SN74ABT640PWE4 Datasheet
305Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Mô tả tương tự - SN74ABT640PW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
   Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
   Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
logo
Hitachi Semiconductor
HD74BC245A HITACHI-HD74BC245A Datasheet
42Kb / 8P
   Octal Bus Transceivers With 3 State Outputs
HD74HCT245 HITACHI-HD74HCT245 Datasheet
57Kb / 8P
   Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54HC245 TI-SN54HC245 Datasheet
533Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALS640B TI-SN54ALS640B Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ACT245 TI-SN54ACT245 Datasheet
509Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT640 TI-SN54ABT640 Datasheet
107Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AC245 TI-SN54AC245 Datasheet
100Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74BC640A HITACHI-HD74BC640A Datasheet
44Kb / 9P
   Octal Bus Transceivers With 3 State Outputs
logo
Renesas Technology Corp
HD74HCT245 RENESAS-HD74HCT245_15 Datasheet
130Kb / 9P
   Octal Bus Transceivers (with 3-state outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com