công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74AHC1G00DCKR bảng dữ liệu(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SN74AHC1G00DCKR
Giải thích chi tiết về linh kiện  SINGLE 2-INPUT POSITIVE-NAND GATE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

SN74AHC1G00DCKR bảng dữ liệu(HTML) 5 Page - Texas Instruments

  SN74AHC1G00DCKR Datasheet HTML 1Page - Texas Instruments SN74AHC1G00DCKR Datasheet HTML 2Page - Texas Instruments SN74AHC1G00DCKR Datasheet HTML 3Page - Texas Instruments SN74AHC1G00DCKR Datasheet HTML 4Page - Texas Instruments SN74AHC1G00DCKR Datasheet HTML 5Page - Texas Instruments SN74AHC1G00DCKR Datasheet HTML 6Page - Texas Instruments SN74AHC1G00DCKR Datasheet HTML 7Page - Texas Instruments SN74AHC1G00DCKR Datasheet HTML 8Page - Texas Instruments SN74AHC1G00DCKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
SN74AHC1G00DBVR
ACTIVE
SOT-23
DBV
5
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AHC1G00DBVRE4
ACTIVE
SOT-23
DBV
5
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AHC1G00DBVRG4
ACTIVE
SOT-23
DBV
5
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AHC1G00DBVT
ACTIVE
SOT-23
DBV
5
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AHC1G00DBVTE4
ACTIVE
SOT-23
DBV
5
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AHC1G00DBVTG4
ACTIVE
SOT-23
DBV
5
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AHC1G00DCKR
ACTIVE
SC70
DCK
5
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AHC1G00DCKRE4
ACTIVE
SC70
DCK
5
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AHC1G00DCKRG4
ACTIVE
SC70
DCK
5
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AHC1G00DCKT
ACTIVE
SC70
DCK
5
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AHC1G00DCKTE4
ACTIVE
SC70
DCK
5
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AHC1G00DCKTG4
ACTIVE
SC70
DCK
5
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AHC1G00DRLR
ACTIVE
SOT
DRL
5
4000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AHC1G00DRLRG4
ACTIVE
SOT
DRL
5
4000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
PACKAGE OPTION ADDENDUM
www.ti.com
22-Oct-2007
Addendum-Page 1


Số phần tương tự - SN74AHC1G00DCKR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74AHC1G00DCKR TI-SN74AHC1G00DCKR Datasheet
575Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AHC1G00DCKR TI1-SN74AHC1G00DCKR Datasheet
1Mb / 24P
[Old version datasheet]   SN74AHC1G00 Single 2-Input Positive-NAND Gate
SN74AHC1G00DCKR TI1-SN74AHC1G00DCKR Datasheet
1Mb / 29P
[Old version datasheet]   Single 2-Input Positive-NAND Gate
SN74AHC1G00DCKRE4 TI-SN74AHC1G00DCKRE4 Datasheet
575Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AHC1G00DCKRE4 TI1-SN74AHC1G00DCKRE4 Datasheet
1Mb / 24P
[Old version datasheet]   SN74AHC1G00 Single 2-Input Positive-NAND Gate
More results

Mô tả tương tự - SN74AHC1G00DCKR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Diodes Incorporated
74LVC1G00_1012 DIODES-74LVC1G00_1012 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE NAND GATE
DS32196 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G00 TI-SN74LVC1G00_10 Datasheet
668Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74LVC1G00_101 TI-SN74LVC1G00_101 Datasheet
667Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
logo
Diodes Incorporated
74LVCE1G00SE-7 DIODES-74LVCE1G00SE-7 Datasheet
275Kb / 14P
   SINGLE 2 INPUT POSITIVE NAND GATE
74AUP1G00 DIODES-74AUP1G00 Datasheet
206Kb / 11P
   SINGLE 2 INPUT POSITIVE NAND GATE
logo
Texas Instruments
SN74AHCT1G00 TI1-SN74AHCT1G00_18 Datasheet
1Mb / 25P
[Old version datasheet]   Single 2-Input Positive-NAND Gate
logo
Diodes Incorporated
74LVC1G00Q DIODES-74LVC1G00Q Datasheet
528Kb / 9P
   SINGLE 2 INPUT POSITIVE NAND GATE
June 2020 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G00 TI-SN74LVC1G00 Datasheet
443Kb / 17P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AHC1G00-Q1 TI-SN74AHC1G00-Q1 Datasheet
117Kb / 6P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AHCT1G00 TI1-SN74AHCT1G00_15 Datasheet
1,001Kb / 20P
[Old version datasheet]   Single 2-Input Positive-NAND Gate
logo
Diodes Incorporated
74AHC1G00Q DIODES-74AHC1G00Q Datasheet
523Kb / 9P
   SINGLE 2-INPUT POSITIVE NAND GATE
August 2020 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com