công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74AHC1G02 bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SN74AHC1G02
Giải thích chi tiết về linh kiện  SINGLE 2-INPUT POSITIVE-NOR GATE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

SN74AHC1G02 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  SN74AHC1G02 Datasheet HTML 1Page - Texas Instruments SN74AHC1G02 Datasheet HTML 2Page - Texas Instruments SN74AHC1G02 Datasheet HTML 3Page - Texas Instruments SN74AHC1G02 Datasheet HTML 4Page - Texas Instruments SN74AHC1G02 Datasheet HTML 5Page - Texas Instruments SN74AHC1G02 Datasheet HTML 6Page - Texas Instruments SN74AHC1G02 Datasheet HTML 7Page - Texas Instruments SN74AHC1G02 Datasheet HTML 8Page - Texas Instruments SN74AHC1G02 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SN74AHC1G02
SINGLE 2INPUT POSITIVENOR GATE
SCLS342L − APRIL 1996 − REVISED JUNE 2005
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Operating Range of 2 V to 5.5 V
D Max tpd of 6.5 ns at 5 V
D Low Power Consumption, 10-µA Max ICC
D ±8-mA Output Drive at 5 V
D Schmitt Trigger Action at All Inputs Makes
the Circuit Tolerant for Slower Input Rise
and Fall Time
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)
− 1000-V Charged-Device Model (C101)
3
2
4
5
1
AVCC
Y
B
GND
DBV PACKAGE
(TOP VIEW)
DCK PACKAGE
(TOP VIEW)
3
2
4
5
1
AVCC
Y
B
GND
3
2
4
5
1
AVCC
Y
B
GND
DRL PACKAGE
(TOP VIEW)
See mechanical drawings for dimensions.
description/ordering information
This device contains a single 2-input NOR gate that performs the Boolean function Y = A
S B or Y = A + B in
positive logic.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING‡
SOT (SOT-23) − DBV
Reel of 3000
SN74AHC1G02DBVR
A02_
SOT (SOT-23) − DBV
Reel of 250
SN74AHC1G02DBVT
A02_
−40
°C to 85°C
SOT (SC-70) − DCK
Reel of 3000
SN74AHC1G02DCKR
AB_
−40 C to 85 C
SOT (SC-70) − DCK
Reel of 250
SN74AHC1G02DCKT
AB_
SOT (SOT-553) – DRL
Reel of 4000
SN74AHC1G02DRLR
AB_
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
‡ The actual top-side marking has one additional character that designates the assembly/test site.
FUNCTION TABLE
INPUTS
OUTPUT
A
B
OUTPUT
Y
H
X
L
X
HL
L
L
H
logic diagram (positive logic)
A
B
Y
1
2
4
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2005, Texas Instruments Incorporated


Số phần tương tự - SN74AHC1G02

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74AHC1G02 TI-SN74AHC1G02 Datasheet
72Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AHC1G02 TI1-SN74AHC1G02 Datasheet
1Mb / 22P
[Old version datasheet]   SN74AHC1G02 Single 2-Input Positive-NOR Gate
SN74AHC1G02-EP TI1-SN74AHC1G02-EP Datasheet
532Kb / 10P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AHC1G02-EP TI1-SN74AHC1G02-EP Datasheet
739Kb / 10P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AHC1G02-EP TI1-SN74AHC1G02-EP_16 Datasheet
739Kb / 10P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
More results

Mô tả tương tự - SN74AHC1G02

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Diodes Incorporated
74LVCE1G02 DIODES-74LVCE1G02 Datasheet
274Kb / 14P
   SINGLE 2 INPUT POSITIVE NOR GATE
DS32211 Rev. 2 - 2
74AHCT1G02 DIODES-74AHCT1G02 Datasheet
190Kb / 8P
   SINGLE 2 INPUT POSITIVE NOR GATE
logo
Texas Instruments
SN74LVC1G02DSFR TI1-SN74LVC1G02DSFR Datasheet
1,021Kb / 22P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE NOR-GATE
SN74AHCT1G02DCKT TI-SN74AHCT1G02DCKT Datasheet
816Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AHCT1G02 TI-SN74AHCT1G02 Datasheet
68Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
logo
Diodes Incorporated
74LVC1G02_1012 DIODES-74LVC1G02_1012 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE NOR GATE
DS32197 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G02 TI-SN74LVC1G02_08 Datasheet
559Kb / 15P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE NOR-GATE
SN74AHC1G02-EP TI1-SN74AHC1G02-EP_16 Datasheet
739Kb / 10P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74LVC1G02-EP TI1-SN74LVC1G02-EP Datasheet
545Kb / 14P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
logo
Diodes Incorporated
74AHCT1G02Q DIODES-74AHCT1G02Q Datasheet
509Kb / 9P
   SINGLE 2-INPUT POSITIVE NOR GATE
August 2020 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com