công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08QE8C20 bảng dữ liệu(PDF) 11 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08QE8C20
Giải thích chi tiết về linh kiện  8-Bit HCS08 Central Processor Unit
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08QE8C20 bảng dữ liệu(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MC9S08QE8C20 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S08QE8C20 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08QE8C20 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC9S08QE8C20 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC9S08QE8C20 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC9S08QE8C20 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC9S08QE8C20 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC9S08QE8C20 Datasheet HTML 14Page - Freescale Semiconductor, Inc MC9S08QE8C20 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
Electrical Characteristics
MC9S08QE8 Series, Rev. 3
Preliminary
Subject to Change Without Notice
Freescale Semiconductor
11
3.6
DC Characteristics
This section includes information about power supply requirements and I/O pin characteristics.
3
Charge device model (CDM)
VCDM
±500
V
4
Latch-up current at TA = 85°CILAT
±100
mA
1 Parameter is achieved by design characterization on a small sample size from typical devices
under typical conditions unless otherwise noted.
Table 7. DC Characteristics
Num C
Characteristic
Symbol
Condition
Min.
Typical1
Max.
Unit
1
Operating Voltage
1.8
3.6
V
2
C
Output high
voltage
All I/O pins,
low-drive strength
VOH
VDD > 1.8 V,
ILoad = –2 mA
VDD – 0.5
V
P
All I/O pins,
high-drive strength
VDD > 2.7 V,
ILoad = –10 mA
VDD – 0.5
C
VDD > 1.8V,
ILoad = –2 mA
VDD – 0.5
3
D
Output high
current
Max total IOH for all ports
IOHT
——
100
mA
4
C
Output low
voltage
All I/O pins,
low-drive strength
VOL
VDD > 1.8 V,
ILoad = 0.6 mA
——
0.5
V
P
All I/O pins,
high-drive strength
VDD > 2.7 V,
ILoad = 10 mA
——
0.5
C
VDD > 1.8 V,
ILoad = 3 mA
——
0.5
D
Output low
current
Max total IOL for all ports
IOLT
——
100
mA
5
6
P Input high
voltage
all digital inputs
VIH
VDD > 2.7 V
0.70 x VDD
——
V
CVDD > 1.8 V
0.85 x VDD
——
7
P Input low
voltage
all digital inputs
VIL
VDD > 2.7 V
0.35 x VDD
CVDD > 1.8 V
0.30 x VDD
8C
Input
hysteresis
all digital inputs
Vhys
0.06 x VDD
——
mV
9P
Input
leakage
current
all input only pins
(Per pin)
|IIn|VIn = VDD or VSS
—0.1
1
μA
10
P
Hi-Z
(off-state)
leakage
current
all input/output
(per pin)
|IOZ|VIn = VDD or VSS
—0.1
1
μA
11a
P
Pullup,
Pulldown
resistors
all digital inputs, when
enabled (all I/O pins other
than
PTA5/IRQ/TCLK/RESET
RPU,
RPD
17.5
52.5
k
Ω
Table 6. ESD and Latch-Up Protection Characteristics (continued)


Số phần tương tự - MC9S08QE8C20

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC9S08QE8CLC FREESCALE-MC9S08QE8CLC Datasheet
1Mb / 46P
   8-Bit HCS08 Central Processor Unit
MC9S08QE8CPG FREESCALE-MC9S08QE8CPG Datasheet
1Mb / 46P
   8-Bit HCS08 Central Processor Unit
MC9S08QE8CTG FREESCALE-MC9S08QE8CTG Datasheet
1Mb / 46P
   8-Bit HCS08 Central Processor Unit
MC9S08QE8CWJ FREESCALE-MC9S08QE8CWJ Datasheet
1Mb / 46P
   8-Bit HCS08 Central Processor Unit
MC9S08QE8CWL FREESCALE-MC9S08QE8CWL Datasheet
1Mb / 46P
   8-Bit HCS08 Central Processor Unit
More results

Mô tả tương tự - MC9S08QE8C20

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC9S08QG8 FREESCALE-MC9S08QG8 Datasheet
3Mb / 300P
   8-BIT HCS08 Central Processor Unit
MC9S08QE128 FREESCALE-MC9S08QE128 Datasheet
829Kb / 52P
   8-Bit HCS08 Central Processor Unit
MC9S08LL16 FREESCALE-MC9S08LL16 Datasheet
1Mb / 50P
   8-Bit HCS08 Central Processor Unit
MC9S08QE8 FREESCALE-MC9S08QE8_09 Datasheet
1Mb / 46P
   8-Bit HCS08 Central Processor Unit
MC9S08QB8 FREESCALE-MC9S08QB8 Datasheet
1Mb / 36P
   8-Bit HCS08 Central Processor Unit
MC9S08SE8 FREESCALE-MC9S08SE8 Datasheet
2Mb / 38P
   8-Bit HCS08 Central Processor Unit
MC9S08DZ60 FREESCALE-MC9S08DZ60_08 Datasheet
4Mb / 416P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08MP16 FREESCALE-MC9S08MP16 Datasheet
775Kb / 36P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AW60MFGE FREESCALE-MC9S08AW60MFGE Datasheet
1Mb / 324P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AC32CFGE FREESCALE-MC9S08AC32CFGE Datasheet
2Mb / 350P
   8-Bit HCS08 Central Processor Unit (CPU)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com