công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BTB41-700B bảng dữ liệu(PDF) 1 Page - STMicroelectronics |
|
BTB41-700B bảng dữ liệu(HTML) 1 Page - STMicroelectronics |
1 / 5 page BTA41 A/B BTB41 B March 1995 STANDARD TRIACS Symbol Parameter Value Unit IT(RMS) RMS on-state current (360 ° conduction angle) BTA Tc = 75 °C40 A BTB Tc = 85 °C45 ITSM Non repetitive surge peak on-state current ( Tj initial = 25 °C) tp = 8.3 ms 315 A tp = 10 ms 300 I2tI2t value tp = 10 ms 450 A2s dI/dt Critical rate of rise of on-state current Gate supply : IG = 500mA diG/dt = 1A/µs Repetitive F = 50 Hz 10 A/ µs Non Repetitive 50 Tstg Tj Storage and operating junction temperature range - 40 to + 150 - 40 to + 125 °C °C Tl Maximum lead temperature for soldering during 10 s at 4.5 mm from case 260 °C TOP 3 (Plastic) A1 A2 G . HIGH SURGE CURRENT CAPABILITY . COMMUTATION : (dV/dt)c > 10V/ µs . BTA Family : INSULATING VOLTAGE = 2500V(RMS) (UL RECOGNIZED : E81734) DESCRIPTION Symbol Parameter BTA41-...A/B / BTB41-... B Unit 400 600 700 800 VDRM VRRM Repetitive peak off-state voltage Tj = 125 °C 400 600 700 800 V ABSOLUTE RATINGS (limiting values) FEATURES The BTA41 A/B / BTB41 B triac family are high performance glass passivated PNPN devices. These parts are suitables for general purpose ap- plications where high surge current capability is re- quired. Application such as phase control and static switching on inductive or resistive load. 1/5 |
Số phần tương tự - BTB41-700B |
|
Mô tả tương tự - BTB41-700B |