công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SMBJ9.0 bảng dữ liệu(PDF) 2 Page - DAESAN ELECTRONIC CORP.

tên linh kiện SMBJ9.0
Giải thích chi tiết về linh kiện  POWER 600Watts VOLTAGE 5.0 to 188 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DAESAN [DAESAN ELECTRONIC CORP.]
Trang chủ  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

SMBJ9.0 bảng dữ liệu(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  SMBJ9.0 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. SMBJ9.0 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. SMBJ9.0 Datasheet HTML 3Page - DAESAN ELECTRONIC CORP. SMBJ9.0 Datasheet HTML 4Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTIC
Ratings at 25℃ ambient temperature unless otherwise specified. VF=3.5V at IF=50A (uni-directional only)
Device
Breakdown Voltage
Maximum
Maximum
Maximum
Device Type
Marking
V(BR) at I T (1)
Test
Stand-off
Reverse Leakage Peak Pulse Surge
Clamping
Code
(V)
Current
Voltage
at VWM
Current IPPM
Voltage at IPPM
UNI
BI
Min
Max
IT (mA)
VWM (V)
ID (μA) (3)
(A)(2)
VC (V)
S MB J 5.0(C )
K D
K D
6.40
7.82
7.07
10
5.0
800
62.5
9.6
S MB J 5.0(C )A(5)
K E
K E
6.40
10
5.0
800
65.2
9.2
S MB J 6.0(C )
K F
K F
6.67
8.15
7.37
10
6.0
800
52.6
11.4
S MB J 6.0(C )A
K G
K G
6.67
10
6.0
800
58.3
10.3
S MB J 6.5(C )
K H
AH
7.22
7.22
8.82
10
6.5
500
48.8
12.3
S MB J 6.5(C )A
K K
AK
7.98
10
6.5
500
53.6
11.2
S MB J 7.0(C )
K L
K L
7.78
9.51
8.60
10
7.0
200
45.1
13.3
S MB J 7.0(C )A
K M
K M
7.78
10
7.0
200
50.0
12.0
S MB J 7.5(C )
K N
AN
8.33
10.2
1.0
7.5
100
42.0
14.3
S MB J 7.5(C )A
K P
AP
8.33
1.0
7.5
100
46.5
12.9
S MB J 8.0(C )
K Q
AQ
8.89
10.9
9.83
9.21
1.0
8.0
50
40.0
15.0
S MB J 8.0(C )A
K R
AR
8.89
1.0
8.0
50
44.1
13.6
S MB J 8.5(C )
K S
AS
9.44
11.5
10.4
1.0
8.5
20
37.7
15.9
S MB J 8.5(C )A
K T
AT
9.44
1.0
8.5
20
41.7
14.4
S MB J 9.0(C )
K U
AU
10.0
12.2
1.0
9.0
10
35.5
16.9
S MB J 9.0(C )A
K V
AV
10.0
1.0
9.0
10
39.0
15.4
S MB J 10(C )
K W
AW
11.1
13.6
12.3
11.1
1.0
10
5.0
31.9
18.8
S MB J 10(C )A
K X
AX
11.1
1.0
10
5.0
35.3
17.0
S MB J 11(C )
K Y
K Y
12.2
14.9
1.0
11
5.0
29.9
20.1
S MB J 11(C )A
K Z
K Z
12.2
1.0
11
5.0
33.0
18.2
S MB J 12(C )
LD
B D
13.3
16.3
13.5
1.0
12
5.0
27.3
22.0
S MB J 12(C )A
LE
B E
13.3
1.0
12
5.0
30.2
19.9
S MB J 13(C )
LF
LF
14.4
17.6
15.9
14.7
1.0
13
1.0
25.2
23.8
S MB J 13(C )A
LG
LG
14.4
1.0
13
1.0
27.9
21.5
S MB J 14(C )
LH
B H
15.6
19.1
17.2
1.0
14
1.0
23.3
25.8
S MB J 14(C )A
LK
B K
15.6
1.0
14
1.0
25.9
23.2
S MB J 15(C )
LL
B L
16.7
20.4
18.5
1.0
15
1.0
22.3
26.9
S MB J 15(C )A
LM
B M
16.7
1.0
15
1.0
24.6
24.4
S MB J 16(C )
LN
LN
17.8
21.8
19.7
1.0
16
1.0
20.8
28.8
S MB J 16(C )A
LP
LM
17.8
1.0
16
1.0
23.1
26.0
S MB J 17(C )
LQ
LQ
18.9
23.1
20.9
1.0
17
1.0
19.7
30.5
S MB J 17(C )A
LR
LR
18.9
1.0
17
1.0
21.7
27.6
S MB J 18(C )
LS
B S
20.0
24.4
1.0
18
1.0
18.6
32.2
S MB J 18(C )A
LT
B T
20.0
1.0
18
1.0
20.5
29.2
S MB J 20(C )
LU
LU
22.2
27.1
22.1
1.0
20
1.0
16.8
35.8
S MB J 20(C )A
LV
LV
22.2
1.0
20
1.0
18.5
32.4
S MB J 22(C )
LW
B W
24.4
29.8
24.5
1.0
22
1.0
15.2
39.4
S MB J 22(C )A
LX
B X
24.4
1.0
22
1.0
16.9
35.5
S MB J 24(C )
LY
B Y
26.7
32.6
26.9
1.0
24
1.0
14.0
43.0
S MB J 24(C )A
LZ
B Z
26.7
1.0
24
1.0
15.4
38.9
S MB J 26(C )
MD
C D
28.9
35.3
29.5
1.0
26
1.0
12.9
46.6
S MB J 26(C )A
ME
C E
28.9
1.0
26
1.0
14.3
42.1
S MB J 28(C )
MF
MF
31.1
38.0
34.4
31.9
1.0
28
1.0
12.0
50.0
S MB J 28(C )A
MG
MG
31.1
1.0
28
1.0
13.2
45.4
S MB J 30(C )
MH
C H
33.3
40.7
36.8
1.0
30
1.0
11.2
53.5
S MB J 30(C )A
MK
C K
33.3
1.0
30
1.0
12.4
48.4
Notes : (1) P ulse test: tp = 50ms
(2) S urge current waveform per F ig. 3 and derate per F ig. 2
(3) For bi-directional types having V WM of 10 Volts and less, the ID limit is doubled
(4) All terms and symbols are consistent with ANS I/IE E E C 62.35
(5) For the bidirectional S MB G /S MB J 5.0C A, the maximum V(BR ) is 7.25V


Số phần tương tự - SMBJ9.0

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Jinan Gude Electronic D...
SMBJ9.0 JGD-SMBJ9.0 Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMBJ9.0 MICROSEMI-SMBJ9.0 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt SURFACE MOUNT 600 Watt
logo
Socay Electornics Co., ...
SMBJ9.0 SOCAY-SMBJ9.0 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ9.0 SOCAY-SMBJ9.0 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Yangzhou yangjie electr...
SMBJ9.0 YANGJIE-SMBJ9.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIERT VOLTAGE SUPPRESSOR
More results

Mô tả tương tự - SMBJ9.0

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
DAESAN ELECTRONIC CORP.
SMCJ5.0 DAESAN-SMCJ5.0 Datasheet
709Kb / 4P
   POWER 1500Watts VOLTAGE 5.0 to 188 Volts
SMAJ50 DAESAN-SMAJ50 Datasheet
369Kb / 4P
   POWER 400WATTS VOLTAGE 5.0 TO 188 VOLTS
P6KE6.8 DAESAN-P6KE6.8 Datasheet
748Kb / 5P
   POWER 600Watts VOLTAGE 6.8 to 440 Volts
logo
Zibo Seno Electronic En...
SMBJ ZSELEC-SMBJ Datasheet
134Kb / 5P
   5.0 to 440Volts 600Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
Yea Shin Technology Co....
P4SMFJ5.0 YEASHIN-P4SMFJ5.0 Datasheet
1,002Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 188 Volts 400 Watt Peak Power Pulse
logo
DONGGUAN YOU FENG WEI E...
P6KE6.8-DO15 YFWDIODE-P6KE6.8-DO15 Datasheet
544Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
Nanjing International G...
P6KE6.8 DGNJDZ-P6KE6.8 Datasheet
83Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
Micro Commercial Compon...
P6KE68 MCC-P6KE68_09 Datasheet
208Kb / 5P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 540 VOLTS
P6KE68 MCC-P6KE68 Datasheet
111Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
DONGGUAN YOU FENG WEI E...
P6KE6.8 YFWDIODE-P6KE6.8 Datasheet
83Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com