công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74AC11191N bảng dữ liệu(PDF) 7 Page - Texas Instruments

tên linh kiện 74AC11191N
Giải thích chi tiết về linh kiện  SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

74AC11191N bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button 74AC11191N Datasheet HTML 2Page - Texas Instruments 74AC11191N Datasheet HTML 3Page - Texas Instruments 74AC11191N Datasheet HTML 4Page - Texas Instruments 74AC11191N Datasheet HTML 5Page - Texas Instruments 74AC11191N Datasheet HTML 6Page - Texas Instruments 74AC11191N Datasheet HTML 7Page - Texas Instruments 74AC11191N Datasheet HTML 8Page - Texas Instruments 74AC11191N Datasheet HTML 9Page - Texas Instruments 74AC11191N Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
74AC11191
SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
SCAS105A – FEBRUARY 1990 – REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
7
timing requirements over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
TA = 25°C
MIN
MAX
UNIT
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency
0
100
0
100
MHz
t
Pulse duration
LOAD low
4
4
ns
tw
Pulse duration
CLK high or low
7.2
7.2
ns
Data before LOAD
3
3
t
Setup time
CTEN before CLK
8
8
ns
tsu
Setup time
D/U before CLK
8.5
8.5
ns
LOAD inactive before CLK
2
2
Data after LOAD
1.5
1.5
th
Hold time
CTEN after CLK
0.5
0.5
ns
D/U after CLK
0
0
switching characteristics over recommended operating free-air temperature range,
VCC = 3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
fmax
50
80
50
MHz
tPLH
LOAD
Any Q
3.7
10.7
13.4
3.7
14.9
ns
tPHL
LOAD
Any Q
3.6
9.3
12.3
3.6
14.1
ns
tPLH
LOAD
MAX/MIN
5
14.2
18.7
5
21.1
ns
tPHL
LOAD
MAX/MIN
4.6
12.6
17.5
4.6
19.6
ns
tPLH
LOAD
RCO
5.2
15.4
20.2
5.2
22.9
ns
tPHL
LOAD
RCO
6
15.7
21.6
6
24.7
ns
tPLH
ABCor D
Any Q
3.4
9.8
12.3
3.4
13.8
ns
tPHL
A, B, C, or D
Any Q
3.5
8.9
12.1
3.5
13.7
ns
tPLH
ABCor D
MAX/MIN
4.7
13.5
18.2
4.7
20.7
ns
tPHL
A, B, C, or D
MAX/MIN
4
11.8
17.1
4
19.3
ns
tPLH
ABCor D
RCO
5
14.7
19.9
5
22.5
ns
tPHL
A, B, C, or D
RCO
5.3
15.1
21.1
5.3
24.3
ns
tPLH
CLK
RCO
2.8
8.7
11.5
2.8
12.9
ns
tPHL
CLK
RCO
2.8
7.8
10.6
2.8
11.9
ns
tPLH
CLK
Any Q
2.2
7.5
9.8
2.2
11.1
ns
tPHL
CLK
Any Q
2.7
7.5
11
2.7
12.7
ns
tPLH
CLK
MAX/MIN
3.7
9.9
12.2
3.7
13.8
ns
tPHL
CLK
MAX/MIN
4.1
10.2
14.4
4.1
16
ns
tPLH
D/U
RCO
4.1
11.2
14.4
4.1
15.9
ns
tPHL
D/U
RCO
4.1
10.2
14.3
4.1
16.5
ns
tPLH
D/U
MAX/MIN
2.7
8.7
11.5
2.7
12.7
ns
tPHL
D/U
MAX/MIN
3.1
8.3
11.8
3.1
13.6
ns
tPLH
CTEN
RCO
2.5
7.2
9
2.5
10.3
ns
tPHL
CTEN
RCO
2.6
6.6
8.8
2.6
10
ns


Số phần tương tự - 74AC11191N

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
74AC11191N TI1-74AC11191N Datasheet
148Kb / 10P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
More results

Mô tả tương tự - 74AC11191N

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
MM74C192 FAIRCHILD-MM74C192 Datasheet
62Kb / 6P
   Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
logo
Renesas Technology Corp
HD74HC668 RENESAS-HD74HC668 Datasheet
222Kb / 11P
   Synchronous UP/Down Decade Counter, Synchronous Up/Down 4-bit binary Counter
logo
Fairchild Semiconductor
CD40192BC FAIRCHILD-CD40192BC Datasheet
74Kb / 7P
   Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
DM74LS169A FAIRCHILD-DM74LS169A Datasheet
72Kb / 8P
   Synchronous 4-Bit Up/Down Binary Counter
logo
Texas Instruments
SN54HC191-DIE TI1-SN54HC191-DIE Datasheet
132Kb / 6P
[Old version datasheet]   4-Bit Synchronous Up/Down Binary Counter
SN74F169 TI-SN74F169 Datasheet
126Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
74ACT11191 TI1-74ACT11191 Datasheet
135Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
logo
Fairchild Semiconductor
DM74AS169A FAIRCHILD-DM74AS169A Datasheet
61Kb / 6P
   Synchronous 4-Bit Binary Up/Down Counter
logo
National Semiconductor ...
54LS169 NSC-54LS169 Datasheet
165Kb / 8P
   Synchronous 4-Bit Up/Down Binary Counter
logo
Texas Instruments
74AC11191 TI1-74AC11191_09 Datasheet
148Kb / 10P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com