công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1N6292C bảng dữ liệu(PDF) 4 Page - DAESAN ELECTRONIC CORP.

tên linh kiện 1N6292C
Giải thích chi tiết về linh kiện  POWER 1500Watts VOLTAGE 6.8 to 440 Volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DAESAN [DAESAN ELECTRONIC CORP.]
Trang chủ  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

1N6292C bảng dữ liệu(HTML) 4 Page - DAESAN ELECTRONIC CORP.

  1N6292C Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. 1N6292C Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. 1N6292C Datasheet HTML 3Page - DAESAN ELECTRONIC CORP. 1N6292C Datasheet HTML 4Page - DAESAN ELECTRONIC CORP. 1N6292C Datasheet HTML 5Page - DAESAN ELECTRONIC CORP. 1N6292C Datasheet HTML 6Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
RATINGS AND CHARACTERISTIC CURVES 1.5KE SERIES AND 1N6267 THRU 1N6303(C)A
0
50
100
150
200
0
25
50
75
100
25
75
125
175
5
10
100
500
10
100
1,000
10,000
1
10
100
10
100
200
0
25
50
75
100
125
150
175
200
0
1.0
2.0
3.0
5.0
4.0
6.0
8.0
7.0
T A ,
Ambient Temperature (
oC )
Fig. 2Ð P uls e Derating C urve
F ig. 4 - Typical J unction C apacitance
F ig. 6 - Maximum Non-repetitive Peak F orwar d
S urge C urrent Unidirectional Only
V(BR ), B reakdown Voltage (V)
Unidirectional
B idirectional
8.3ms S ingle Half S ine-Wave
(J E DE C Method) TJ = TJ max.
F ig. 5Ð S teady S tate Power
Derating C ur ve
T L ,
Lead Temperature (
oC )
L = 0.375" (9.5mm)
Lead Lengths
1.6 x 1.6 x .040"
(40 x 40 x 1mm)
C opper Heat S inks
Number of C ycles at 60 HZ
V R = R ated
S tand-off Voltage
V R = 0
f = 1 MHz
V sig = 50mV p-p
T J = 25
oC
60 HZ
R esistive or
Inductive Load
0
50
100
150
Fig. 3Ð P uls e Waveform
T J = 25
oC
P ulse Width (td)
is defined as the point
where the peak current
decays to 50% of IPPM
tr = 10μ
S
P eak Value
IPPM
Half Value
IP P
IPPM
2
td
10/1000μ
S W aveform
as defined by R .E .A.
0
1.0
2.0
3.0
4.0
t ,
Time (ms)
Fig. 1ÐP eak P uls e Po wer R ating C ur ve
0.1
1
10
100
0.1μ
S
μS
μS
μS
1.0
1 0
td ,
P ulse Width (sec.)
100
1.0ms
10ms


Số phần tương tự - 1N6292C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Transys Electronics
1N6292C TRSYS-1N6292C Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Taiwan Semiconductor Co...
1N6292C TSC-1N6292C Datasheet
110Kb / 3P
   Transient Voltage Suppressor Diodes
logo
List of Unclassifed Man...
1N6292C ETC1-1N6292C Datasheet
91Kb / 6P
   1500W Unidirectional and Bidirectional Transient Voltage Suppressor Diodes
logo
EIC discrete Semiconduc...
1N6292C EIC-1N6292C Datasheet
80Kb / 4P
   BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
DAESAN ELECTRONIC CORP.
1N6292C DAESAN-1N6292C Datasheet
1Mb / 5P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Mô tả tương tự - 1N6292C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
DAESAN ELECTRONIC CORP.
P4KE6.8 DAESAN-P4KE6.8 Datasheet
732Kb / 5P
   POWER 400Watts VOLTAGE 6.8 to 440 Volts
P6KE6.8 DAESAN-P6KE6.8 Datasheet
748Kb / 5P
   POWER 600Watts VOLTAGE 6.8 to 440 Volts
logo
Nanjing International G...
P6KE6.8 DGNJDZ-P6KE6.8 Datasheet
83Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
Micro Commercial Compon...
P6KE68 MCC-P6KE68 Datasheet
111Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
DONGGUAN YOU FENG WEI E...
P6KE6.8 YFWDIODE-P6KE6.8 Datasheet
83Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
P6KE6.8-DO15 YFWDIODE-P6KE6.8-DO15 Datasheet
544Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
DAESAN ELECTRONIC CORP.
SMCJ5.0 DAESAN-SMCJ5.0 Datasheet
709Kb / 4P
   POWER 1500Watts VOLTAGE 5.0 to 188 Volts
logo
Zibo Seno Electronic En...
1.5SMC ZSELEC-1.5SMC Datasheet
80Kb / 5P
   6.8 to 440Volts 1500Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
Surge Components
P6KE SURGE-P6KE Datasheet
201Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 to 440 Volts?
logo
Nanjing International G...
1.5KE DGNJDZ-1.5KE Datasheet
334Kb / 4P
   6.8 to 440 Volts 1500 Watts Peak Power 5.0 Watts Steady State
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com