công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KBL605 bảng dữ liệu(PDF) 1 Page - DAESAN ELECTRONIC CORP.

tên linh kiện KBL605
Giải thích chi tiết về linh kiện  CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DAESAN [DAESAN ELECTRONIC CORP.]
Trang chủ  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

KBL605 bảng dữ liệu(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  KBL605 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. KBL605 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KBL6005 THRU KBL607
Features
Mechanical Data
· High case dielectric Strength of 1500V
· Low Forward Voltage Drop, High Current Capability
· Surge Overload Rating to 250A Peak
· Ideal for Printed Circuit Board Application
· Plastic Material - UL Flammability Classification 94V-0
Maximum Ratings And Electrical Characteristics
· Case : Molded Plastic
· Terminals : Plated Leads, Solderable per
MIL-STD-202, Method 208
· Polarity : Symbols Marked on Case
· Approx. Weight: 5.6 grams
· Marking : Type Number
(Ratings at 25℃ ambient temperature unless otherwise specified, Single phase, half wave 60Hz, resistive or inductive
load. For capacitive load, derate by 20%)
CURRENT 6.0 Amperes
VOLTAGE 50 to 1000 Volts
K B L
Dim
Min
Max
A
18.50
19.50
B
15.40
16.40
C
19.00
D
6.20
6.50
E
4.60
5.60
G
1.50
2.00
H
1.30 T ypical
A ll Dimens ions in mm
Notes:
(1) Thermal Resistance from junction to case per element mounted on PC board with 13 x 13 x 0.03mm land areas.
(2) Non-repetitive for t > 1ms and < 8.3ms.
Peak Repetitive Reverse voltage
Working Peak Reverse voltage
DC Blocking voltage
RMS Reverse voltage
Average Rectified Output Current
@ TC=75
Non-Repetitive Peak Forward Surge Current,
8.3ms single half-sine-wave superimposed
on rated load (JEDEC method)
Volts
Forward Voltage per element
@ IF=3.0 A
VRMM
VRWM
VR
50
Volts
Symbols
Units
1.1
VFM
VRMS
6.0
Amps
150
IFSM
Tj
TSTG
1.0
-40 to +150
Amps
Peak Reverse Current at Rated
DC Blocking Voltage
I2t Rating for Fusing (t<8.3ms) (Note 2)
Operating and Storage Temperature Range
KBL
6005
KBL
601
KBL
602
KBL
604
KBL
605
KBL
606
KBL
607
35
10
166
100
70
200
140
400
280
600
420
800
560
1000
700
Volts
mA
μA
A2S
℃/W
Io
IR
I2t
JA
@ TC=25℃
@ TC=100℃
Typical Thermal Resistance,
Junction to Case (Note 1)
19
-
+
A
B
C
E
G
H
D


Số phần tương tự - KBL605

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
KBL605 ETC-KBL605 Datasheet
70Kb / 2P
   Single Phase 6.0 AMPS. Silicon Bridge Rectifiers
logo
Taiwan Semiconductor Co...
KBL605 TSC-KBL605 Datasheet
76Kb / 2P
   Single Phase 6.0 AMPS. Silicon Bridge Rectifiers
logo
Diotech Company.
KBL605 DIOTECH-KBL605 Datasheet
907Kb / 2P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shenzhen Luguang Electr...
KBL605 LUGUANG-KBL605 Datasheet
221Kb / 2P
   Single Phase 6.0AMP. Silicon Bridge Rectifiers
logo
Zibo Seno Electronic En...
KBL605 ZSELEC-KBL605 Datasheet
84Kb / 2P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
More results

Mô tả tương tự - KBL605

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
DAESAN ELECTRONIC CORP.
UF601 DAESAN-UF601 Datasheet
325Kb / 2P
   CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
HER601G DAESAN-HER601G Datasheet
305Kb / 2P
   CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
6A05G DAESAN-6A05G Datasheet
321Kb / 2P
   CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
KBJ6A DAESAN-KBJ6A Datasheet
231Kb / 2P
   CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
FR601 DAESAN-FR601 Datasheet
314Kb / 2P
   CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
6A05 DAESAN-6A05 Datasheet
271Kb / 2P
   CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
KBU6A DAESAN-KBU6A Datasheet
228Kb / 2P
   CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
KBPC6005 DAESAN-KBPC6005 Datasheet
187Kb / 2P
   CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
HER601 DAESAN-HER601 Datasheet
325Kb / 2P
   CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
FR601G DAESAN-FR601G Datasheet
315Kb / 2P
   CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com