công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS5287IRGCR bảng dữ liệu(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS5287IRGCR
Giải thích chi tiết về linh kiện  10-Bit, Octal-Channel ADC Up to 65MSPS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADS5287IRGCR bảng dữ liệu(HTML) 2 Page - Texas Instruments

  ADS5287IRGCR Datasheet HTML 1Page - Texas Instruments ADS5287IRGCR Datasheet HTML 2Page - Texas Instruments ADS5287IRGCR Datasheet HTML 3Page - Texas Instruments ADS5287IRGCR Datasheet HTML 4Page - Texas Instruments ADS5287IRGCR Datasheet HTML 5Page - Texas Instruments ADS5287IRGCR Datasheet HTML 6Page - Texas Instruments ADS5287IRGCR Datasheet HTML 7Page - Texas Instruments ADS5287IRGCR Datasheet HTML 8Page - Texas Instruments ADS5287IRGCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
ADS5287
SBAS428 – JANUARY 2008
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
RELATED PRODUCTS
MODEL
RESOLUTION (BITS)
SAMPLE RATE (MSPS)
CHANNELS
ADS5281
12
50
8
ADS5282
12
65
8
ADS5287
10
65
8
ADS5270
12
40
8
ADS5271
12
50
8
ADS5272
12
65
8
ADS5273
12
70
8
ADS5242
12
65
4
ORDERING INFORMATION(1)(2)
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
ADS5287IRGCT
Tape and Reel, 250
ADS5287
QFN-64
RGC
–40
°C to +85°C
AZ5287
ADS5287IRGCR
Tape and Reel, 2000
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
These devices meet the following planned eco-friendly classification:
Green (RoHS and No Sb/Br): Texas Instruments defines Green to mean Pb-free (RoHS compatible) and free of bromine (Br)- and
antimony (Sb)-based flame retardants. Refer to the Quality and Lead-Free (Pb-Free) Data web site for more information. These devices
have a Cu NiPdAu lead/ball finish.
Over operating free-air temperature range, unless otherwise noted.
ADS5287
UNIT
Supply voltage range, AVDD
–0.3 to +3.9
V
Supply voltage range, LVDD
–0.3 to +2.2
V
Voltage between AVSS and LVSS
–0.3 to +0.3
V
External voltage applied to REFT pin
–0.3 to +3
V
External voltage applied to REFB pin
–0.3 to +2
V
Voltage applied to analog input pins
–0.3 to minimum [3.6, (AVDD + 0.3)]
V
Voltage applied to digital input pins
–0.3 to minimum [3.9, (AVDD + 0.3)]
V
Peak solder temperature
+260
°C
Junction temperature
+125
°C
Storage temperature range
–65 to +150
°C
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not supported.
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): ADS5287


Số phần tương tự - ADS5287IRGCR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS5287IRGCR TI-ADS5287IRGCR Datasheet
824Kb / 42P
[Old version datasheet]   10-Bit, Octal-Channel ADC Up to 65MSPS
ADS5287IRGCRG4 TI-ADS5287IRGCRG4 Datasheet
824Kb / 42P
[Old version datasheet]   10-Bit, Octal-Channel ADC Up to 65MSPS
More results

Mô tả tương tự - ADS5287IRGCR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS5287IRGCRG4 TI-ADS5287IRGCRG4 Datasheet
824Kb / 42P
[Old version datasheet]   10-Bit, Octal-Channel ADC Up to 65MSPS
ADS5281 TI-ADS5281_1 Datasheet
1Mb / 44P
[Old version datasheet]   12-Bit Octal-Channel ADC Family Up to 65MSPS
ADS5281 TI-ADS5281 Datasheet
913Kb / 41P
[Old version datasheet]   12-Bit Octal-Channel ADC Family Up to 65MSPS
logo
Maxim Integrated Produc...
MAX19515 MAXIM-MAX19515 Datasheet
340Kb / 35P
   Dual-Channel, 10-Bit, 65Msps ADC
Rev 1; 10/08
MAX19515 MAXIM-MAX19515_11 Datasheet
552Kb / 35P
   Dual-Channel, 10-Bit, 65Msps ADC
Rev 3; 1/11
MAX19505 MAXIM-MAX19505_V01 Datasheet
549Kb / 35P
   Dual-Channel, 8-Bit, 65Msps ADC
2010
MAX19505 MAXIM-MAX19505 Datasheet
454Kb / 34P
   Dual-Channel, 8-Bit, 65Msps ADC
Rev 0; 10/08
MAX1207 MAXIM-MAX1207 Datasheet
892Kb / 29P
   65Msps, 12-Bit ADC
2004
logo
Texas Instruments
ADS5272 TI1-ADS5272_13 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 65MSPS ADC
logo
Linear Technology
LTC2205-14 LINER-LTC2205-14 Datasheet
1Mb / 28P
   14-Bit, 65Msps ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com