công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS985C6R bảng dữ liệu(PDF) 8 Page - Fuji Electric

tên linh kiện TS985C6R
Giải thích chi tiết về linh kiện  SILICON DIODE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FUJI [Fuji Electric]
Trang chủ  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

TS985C6R bảng dữ liệu(HTML) 8 Page - Fuji Electric

Back Button TS985C6R Datasheet HTML 4Page - Fuji Electric TS985C6R Datasheet HTML 5Page - Fuji Electric TS985C6R Datasheet HTML 6Page - Fuji Electric TS985C6R Datasheet HTML 7Page - Fuji Electric TS985C6R Datasheet HTML 8Page - Fuji Electric TS985C6R Datasheet HTML 9Page - Fuji Electric TS985C6R Datasheet HTML 10Page - Fuji Electric TS985C6R Datasheet HTML 11Page - Fuji Electric TS985C6R Datasheet HTML 12Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MS5D3308
8/12
H04-004-03a
Fuji Electric Device Technology Co.,Ltd.
STORAGE
・The Diodes must be stored at a standard temperature of 5 to 35℃ and relative humidity of 45
to 75%.If the storage area is very dry, a humidifier may be required. In such a case, use only
deionized water or boiled water, since the chlorine in tap water may corrode the leads.
・The Diodes should not be subjected to rapid changes in temperature to avoid condensation on
the surface of the Diodes. Therefore, store the Diodes in a place where the temperature is
steady.
・The Diodes should not be stored on top of each other, since this may cause excessive external
force on the case.
・The Diodes should not be stored with the lead terminals remaining unprocessed. Rust may
cause presoldered connections to go fail during later processing.
・The Diodes should be stored in antistatic containers or shipping bags.
7.APPENDIX
・This products does not contain PBBs (Polybrominated Biphenyl) or PBDEs (Polybrominated
Diphenyl Ether ) , substances.
・This products does not contain Class-I ODS and Class-II ODS substances set force by ‘Clean Air
Act of US’ law.
・If you have any questions about any part of this specification, please contact Fuji Electric Device
Technology or its sales agent before using the product
・Neither Fuji nor its agents shall be held liable for any injury caused by using the products not in
accordance with the instructions.
・This specification does not confer any industrial property rights or other rights, nor constitute a
license for such rights.


Số phần tương tự - TS985C6R

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fuji Electric
TS985C6R FUJI-TS985C6R Datasheet
642Kb / 6P
   Low-Loss Fast Recovery Diode
TS985C6R FUJI-TS985C6R_10 Datasheet
642Kb / 6P
   Low-Loss Fast Recovery Diode
More results

Mô tả tương tự - TS985C6R

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fuji Electric
YG963S6R FUJI-YG963S6R Datasheet
137Kb / 12P
   SILICON DIODE
ESAD92M-02RR FUJI-ESAD92M-02RR Datasheet
447Kb / 12P
   SILICON DIODE
ESAD92-03R FUJI-ESAD92-03R Datasheet
481Kb / 12P
   SILICON DIODE
ESAB92-02R FUJI-ESAB92-02R Datasheet
446Kb / 12P
   SILICON DIODE
logo
Sanken electric
FMG-24R SANKEN-FMG-24R Datasheet
226Kb / 3P
   Silicon Diode
FML-G12S SANKEN-FML-G12S Datasheet
197Kb / 4P
   Silicon Diode
FMX-22SL SANKEN-FMX-22SL Datasheet
140Kb / 5P
   Silicon Diode
FMX-2203 SANKEN-FMX-2203 Datasheet
223Kb / 4P
   Silicon Diode
FMXA-1104S SANKEN-FMXA-1104S Datasheet
137Kb / 5P
   Silicon Diode
FMX-G16S SANKEN-FMX-G16S Datasheet
149Kb / 5P
   Silicon Diode
MPL-102S SANKEN-MPL-102S Datasheet
336Kb / 4P
   Silicon Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com