công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TS985C6R bảng dữ liệu(PDF) 6 Page - Fuji Electric |
|
TS985C6R bảng dữ liệu(HTML) 6 Page - Fuji Electric |
6 / 12 page MS5D3308 6/12 H04-004-03a Fuji Electric Device Technology Co.,Ltd. 5.CAUTIONS ・Although Fuji Electric is continually improving product quality and reliability, a small percentage of semiconductor products may become faulty. When using Fuji Electric semiconductor products in your equipment, you are requested to take adequate safety measures to prevent the equipment from causing physical injury, fire, or other problem in case any of the products fail. It is recommended to make your design fail-safe, flame retardant, and free of malfunction. ・The products described in this specification are intended for use in the following electronic and electrical equipment which has normal reliability requirements. ・Computers ・OA equipment ・Communications equipment (Terminal devices) ・Measurement equipment ・Machine tools ・AV equipment ・Electrical home appliances ・Personal equipment ・Industrial robots etc. ・The products described in this specification are not designed or manufactured to be used in equipment or systems used under life-threatening situations. If you are considering using these products in the equipment listed below, first check the system construction and required reliability, and take adequate safety measures such as a backup system to prevent the equipment from malfunctioning. ・Transportation equipment (automobiles, trains, ships, etc.) ・Backbone network equipment ・Traffic-signal control equipment ・Gas alarms, leakage gas auto breakers ・Submarine repeater equipment ・Burglar alarms, fire alarms, emergency equipment ・Medical equipment ・Nuclear control equipment etc. ・Do not use the products in this specification for equipment requiring strict reliability such as (but not limited to): ・Aerospace equipment ・Aeronautical equipment 6.WARNINGS ・The Diodes should be used in products within their absolute maximum rating (voltage, current, temperature, etc. ). The diodes may be destroyed if used beyond the rating. ・The equipment containing Diodes should have adequate fuses or circuit breakers to prevent the equipment from causing secondary destruction (ex. fire, explosion etc…). ・Use the Diodes within their reliability and lifetime under certain environments or conditions. The Diodes may fail before the target lifetime of your products if used under certain reliability conditions. ・You must design the Diodes to be operated within the specified maximum ratings (voltage, current, temperature, etc. ) to prevent possible failure or destruction of devices. ・Consider the possible temperature rise not only for the junction and case, but also for the outer leads. ・Do not directly touch the leads or package of the Diodes while power is supplied or during operation, to avoid electric shock and burns. ・The Diodes are made of incombustible material. However, if a Diode fails, it may emit smoke of flame. Also, operating the Diodes near any flammable place or material may cause the Diodes to emit smoke or flame in case the Diodes become even hotter during operation. Design the arrangement to prevent the spread of fire. ・The Diodes should not used in an environment in the presence of acid, organic matter, or corrosive gas. (hydrogen sulfide, sulfurous acid gas.) ・The Diodes should not used in an irradiated field since they are not radiation proof. |
Số phần tương tự - TS985C6R |
|
Mô tả tương tự - TS985C6R |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |