công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LF3312 bảng dữ liệu(PDF) 6 Page - LOGIC Devices Incorporated

tên linh kiện LF3312
Giải thích chi tiết về linh kiện  12-Mbit Frame Buffer / FIFO
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LODEV [LOGIC Devices Incorporated]
Trang chủ  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF3312 bảng dữ liệu(HTML) 6 Page - LOGIC Devices Incorporated

Back Button LF3312 Datasheet HTML 2Page - LOGIC Devices Incorporated LF3312 Datasheet HTML 3Page - LOGIC Devices Incorporated LF3312 Datasheet HTML 4Page - LOGIC Devices Incorporated LF3312 Datasheet HTML 5Page - LOGIC Devices Incorporated LF3312 Datasheet HTML 6Page - LOGIC Devices Incorporated LF3312 Datasheet HTML 7Page - LOGIC Devices Incorporated LF3312 Datasheet HTML 8Page - LOGIC Devices Incorporated LF3312 Datasheet HTML 9Page - LOGIC Devices Incorporated LF3312 Datasheet HTML 10Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
DEVICES INCORPORATED
LF3312
12-Mbit Frame Buffer / FIFO
Preliminary Datasheet
LOGIC Devices Incorporated
6
August 8, 2006 LDS.3312 O
Video Imaging Product
Single-channel synchronous shift register mode (OPMODE = 0)
In OPMODE 0, the LF3312 becomes a single channel shift register with programmable total latency up to
224-8 clock cycles. Writes and reads occur simultaneously, hence synchronous operation.
In OPMODE 0, the user provides a single clock for both the input and output clocks and specifies a desired
input-to-output data path latency, (ALAT) via the control interface. AWCLK, BWCLK, and RCLK must be tied
together, as should AWEN, BWEN, AREN, and BREN. When activated, ALAT will begin to countdown, and
once expired, will allow the inputs to begin to appear on the outputs. In OPMODE 0, ALAT countdown can
be activated in two ways. The first occurs when the first enable is brought LOW after the LOAD signal has
been set HIGH after MPU programming. The second is by bringing LOAD HIGH once MPU programming
complete, after the enables have been brought LOW.
Dual-channel synchronous shift register mode (OPMODE = 4)
The operation of dual-channel shift register mode is identical to single-channel operation, with the addition
of a second independent channel. The latency for each channel is independent and set by the user.
The user must also supply a single clock to tie AWCLK, BWCLK, and RCLK together, and must load the
respective desired constant latency for each channel, (ALAT, BLAT), via the microprocessor bus. ALAT
and BLAT are activated in the same manner as in OPMODE 0, with the respective inputs being made
available on the outputs once ALAT or BLAT expire. In this mode, AWEN and AREN must be tied together,
as must be BWEN and BREN.
Dual-channel master/slave mode (OPMODE = 5)
OPMODE 5 is one of two master/slave synchronizing modes where two data streams are written into the
LF3312 at independent rates and with independent TRS timing information. In this mode, both channels
are synchronized together based on the sync data supplied to channel A or by the embedded TRS data
within the A channel.
When in OPMODE 5, channel A operates as a fully synchronous master shift register, to which the data in
asynchronous FIFO channel B is re-timed. The user drives AWCLK and RCLK from the incoming AIN data
stream’s sample clock, and BWCLK from the BIN data stream’s clock. The user also specifies whether sync
timing will be derived from TRS words embedded within the incoming data streams or from signals applied
to ACLR and ASET or to AMARK and BMARK. AWEN, AREN and BREN must be tied together to maintain
constant reference latency through channel A and to synchronize the outputs. When a MARK occurs, the
signal MARK_ACTIVE_RSET when set high, allows the read pointer to be set to the current value of the
write pointer “ALAT” RCLK cycles later. If the user sets MARK_ACTIVE_RSET = 0, the LF3312 will ignore
the internal read pointer set.
Dual-channel slave/master mode (OPMODE = 6)
OPMODE 6 is the reverse of OPMODE 5, with the difference being that the two streams are synchronized to
the timing information applied to the B channel or embedded within the B channel as TRS data.
This OPMODE is identical to the previous, except that channel A is the slave FIFO and channel B is the
master shift register, and RCLK needs to be tied to BWCLK, and BWEN needs to be tied to BREN and
AREN. Similarly to mode 5, when a MARK occurs, the signal MARK_ACTIVE_RSET when set high, allows
the read pointer to be set to the registered value of the write pointer BLAT number of RCLK cycles later. If
the user sets MARK_ACTIVE_RSET = 0, the LF3312 will ignore the internal read pointer set.
Operating Modes


Số phần tương tự - LF3312

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LOGIC Devices Incorpora...
LF3310 LODEV-LF3310 Datasheet
287Kb / 21P
   Horizontal / Vertical Digital Image Filter
LF3310QC12 LODEV-LF3310QC12 Datasheet
287Kb / 21P
   Horizontal / Vertical Digital Image Filter
LF3310QC15 LODEV-LF3310QC15 Datasheet
287Kb / 21P
   Horizontal / Vertical Digital Image Filter
LF3311 LODEV-LF3311 Datasheet
947Kb / 24P
   Horizontal / Vertical Digital Image Filter
More results

Mô tả tương tự - LF3312

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Cypress Semiconductor
CYFB0072V CYPRESS-CYFB0072V Datasheet
486Kb / 27P
   72-Mbit Video Frame Buffer
logo
LOGIC Devices Incorpora...
LF3304 LODEV-LF3304 Datasheet
130Kb / 12P
   Dual Line Buffer/FIFO
logo
List of Unclassifed Man...
WD1510 ETC1-WD1510 Datasheet
332Kb / 4P
   LIFO/FIFO Buffer Register
logo
Fairchild Semiconductor
74F433 FAIRCHILD-74F433 Datasheet
166Kb / 16P
   First-In First-Out (FIFO) Buffer Memory
logo
AverLogic Technologies ...
AL422B AVERLOGIC-AL422B Datasheet
30Kb / 2P
   3M-Bit Frame Buffer
logo
Fairchild Semiconductor
74F403A FAIRCHILD-74F403A Datasheet
167Kb / 15P
   First-In First-Out (FIFO) Buffer Memory
9403A FAIRCHILD-9403A Datasheet
156Kb / 16P
   First-In First-Out (FIFO) Buffer Memory
logo
Texas Instruments
TMS4024 TI-TMS4024 Datasheet
172Kb / 5P
[Old version datasheet]   9 X 64 DIGITAL STORAGE BUFFER (FIFO)
logo
Renesas Technology Corp
R8A66174SP RENESAS-R8A66174SP Datasheet
468Kb / 12P
   PARALLEL-IN SERIAL-OUT DATA BUFFER WITH FIFO
logo
Mitsubishi Electric Sem...
M66300P MITSUBISHI-M66300P Datasheet
393Kb / 10P
   PARALLEL-IN SERIAL-OUT DATA BUFFER WITH FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com