công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS5282 bảng dữ liệu(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS5282
Giải thích chi tiết về linh kiện  12-Bit Octal-Channel ADC Family Up to 65MSPS
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADS5282 bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button ADS5282 Datasheet HTML 5Page - Texas Instruments ADS5282 Datasheet HTML 6Page - Texas Instruments ADS5282 Datasheet HTML 7Page - Texas Instruments ADS5282 Datasheet HTML 8Page - Texas Instruments ADS5282 Datasheet HTML 9Page - Texas Instruments ADS5282 Datasheet HTML 10Page - Texas Instruments ADS5282 Datasheet HTML 11Page - Texas Instruments ADS5282 Datasheet HTML 12Page - Texas Instruments ADS5282 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
www.ti.com
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
IN8
N
IN8
P
AVSS
IN7
N
IN7
P
AVSS
IN6
N
IN6
P
AVSS
IN5
N
IN5
P
AVSS
LVSS
LVDD
OUT8
N
OUT8
P
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
IN1
P
IN1
N
AVSS
IN2
P
IN2
N
AVSS
IN3
P
IN3
N
AVSS
IN4
P
IN4
N
LVSS
PD
LVSS
OUT1
P
OUT1
N
64
63
62
61
60
59
58
57
56
55
54
17
18
19
20
21
22
23
24
25
26
27
53
52
51
50
49
28
29
30
31
32
ADS528X
ADS5281
ADS5282
SBAS397E – DECEMBER 2006 – REVISED JANUARY 2008
QFN-64 PowerPAD
TOP VIEW
Table 2. PIN DESCRIPTIONS: QFN-64
PIN NAME
DESCRIPTION
PIN NUMBER
# OF PINS
ADCLKN
LVDS frame clock (1X)—negative output
24
1
ADCLKP
LVDS frame clock (1X)—positive output
23
1
AVDD
Analog power supply, 3.3V
49, 50, 57, 60
4
AVSS
Analog ground
3, 6, 9, 37, 40, 43, 46
7
Negative differential clock input
CLKN
59
1
Tie CLKN to 0V for a single-ended clock
CLKP
Positive differential clock input
58
1
CS
Serial enable chip select—active low digital input
61
1
IN1N
Negative differential input signal, channel 1
2
1
IN1P
Positive differential input signal, channel 1
1
1
IN2N
Negative differential input signal, channel 2
5
1
IN2P
Positive differential input signal, channel 2
4
1
IN3N
Negative differential input signal, channel 3
8
1
IN3P
Positive differential input signal, channel 3
7
1
IN4N
Negative differential input signal, channel 4
11
1
IN4P
Positive differential input signal, channel 4
10
1
IN5N
Negative differential input signal, channel 5
39
1
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): ADS5281 ADS5282


Số phần tương tự - ADS5282

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS5282 TI-ADS5282 Datasheet
1Mb / 44P
[Old version datasheet]   12-Bit Octal-Channel ADC Family Up to 65MSPS
ADS5282EVM TI-ADS5282EVM Datasheet
2Mb / 29P
[Old version datasheet]   The following sections describe the function of individual circuits.
ADS5282IRGCR TI-ADS5282IRGCR Datasheet
1Mb / 44P
[Old version datasheet]   12-Bit Octal-Channel ADC Family Up to 65MSPS
ADS5282IRGCRG4 TI-ADS5282IRGCRG4 Datasheet
1Mb / 44P
[Old version datasheet]   12-Bit Octal-Channel ADC Family Up to 65MSPS
ADS5282IRGCT TI-ADS5282IRGCT Datasheet
1Mb / 44P
[Old version datasheet]   12-Bit Octal-Channel ADC Family Up to 65MSPS
More results

Mô tả tương tự - ADS5282

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS5281 TI-ADS5281_1 Datasheet
1Mb / 44P
[Old version datasheet]   12-Bit Octal-Channel ADC Family Up to 65MSPS
ADS5287IRGCRG4 TI-ADS5287IRGCRG4 Datasheet
824Kb / 42P
[Old version datasheet]   10-Bit, Octal-Channel ADC Up to 65MSPS
ADS5287 TI-ADS5287 Datasheet
476Kb / 31P
[Old version datasheet]   10-Bit, Octal-Channel ADC Up to 65MSPS
logo
Maxim Integrated Produc...
MAX1207 MAXIM-MAX1207 Datasheet
892Kb / 29P
   65Msps, 12-Bit ADC
2004
logo
Texas Instruments
ADS5272 TI1-ADS5272_13 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 65MSPS ADC
logo
Maxim Integrated Produc...
MAX1211 MAXIM-MAX1211 Datasheet
534Kb / 30P
   65Msps, 12-Bit, IF Sampling ADC
2004
logo
Linear Technology
LTC1741 LINER-LTC1741 Datasheet
666Kb / 20P
   12-Bit, 65Msps Low Noise ADC
LTC1741 LINER-LTC1741_15 Datasheet
671Kb / 20P
   12-Bit, 65Msps Low Noise ADC
logo
Maxim Integrated Produc...
MAX12527 MAXIM-MAX12527 Datasheet
649Kb / 28P
   Dual, 65Msps, 12-Bit, IF/Baseband ADC
Rev 0; 2/05
MAX19505 MAXIM-MAX19505_V01 Datasheet
549Kb / 35P
   Dual-Channel, 8-Bit, 65Msps ADC
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com