công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS5281 bảng dữ liệu(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS5281
Giải thích chi tiết về linh kiện  12-Bit Octal-Channel ADC Family Up to 65MSPS
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADS5281 bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button ADS5281 Datasheet HTML 6Page - Texas Instruments ADS5281 Datasheet HTML 7Page - Texas Instruments ADS5281 Datasheet HTML 8Page - Texas Instruments ADS5281 Datasheet HTML 9Page - Texas Instruments ADS5281 Datasheet HTML 10Page - Texas Instruments ADS5281 Datasheet HTML 11Page - Texas Instruments ADS5281 Datasheet HTML 12Page - Texas Instruments ADS5281 Datasheet HTML 13Page - Texas Instruments ADS5281 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
www.ti.com
ADS5281
ADS5282
SBAS397E – DECEMBER 2006 – REVISED JANUARY 2008
Table 2. PIN DESCRIPTIONS: QFN-64 (continued)
PIN NAME
DESCRIPTION
PIN NUMBER
# OF PINS
IN5P
Positive differential input signal, channel 5
38
1
IN6N
Negative differential input signal, channel 6
42
1
IN6P
Positive differential input signal, channel 6
41
1
IN7N
Negative differential input signal, channel 7
45
1
IN7P
Positive differential input signal, channel 7
44
1
IN8N
Negative differential input signal, channel 8
48
1
IN8P
Positive differential input signal, channel 8
47
1
INT/EXT
Internal/external reference mode select input
56
1
ISET
Bias pin—56.2k
Ω to ground
51
1
LCLKN
LVDS bit clock (6X)—negative output
26
1
LCLKP
LVDS bit clock (6X)—positive output
25
1
LVDD
Digital and I/O power supply, 1.8V
35
1
LVSS
Digital ground
12, 14, 36
3
OUT1N
LVDS channel 1—negative output
16
1
OUT1P
LVDS channel 1—positive output
15
1
OUT2N
LVDS channel 2—negative output
18
1
OUT2P
LVDS channel 2—positive output
17
1
OUT3N
LVDS channel 3—negative output
20
1
OUT3P
LVDS channel 3—positive output
19
1
OUT4N
LVDS channel 4—negative output
22
1
OUT4P
LVDS channel 4—positive output
21
1
OUT5N
LVDS channel 5—negative output
28
1
OUT5P
LVDS channel 5—positive output
27
1
OUT6N
LVDS channel 6—negative output
30
1
OUT6P
LVDS channel 6—positive output
29
1
OUT7N
LVDS channel 7—negative output
32
1
OUT7P
LVDS channel 7—positive output
31
1
OUT8N
LVDS channel 8—negative output
34
1
OUT8P
LVDS channel 8—positive output
33
1
PD
Power-down input
13
1
REFB
Negative reference input/output
54
1
REFT
Positive reference input/output
55
1
RESET
Active low RESET input
64
1
SCLK
Serial clock input
63
1
SDATA
Serial data input
62
1
TP
Test pin, do not use
52
1
VCM
Common-mode output pin, 1.5V output
53
1
10
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): ADS5281 ADS5282


Số phần tương tự - ADS5281

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS5281 TI-ADS5281 Datasheet
1Mb / 44P
[Old version datasheet]   12-Bit Octal-Channel ADC Family Up to 65MSPS
ADS5281IPFP TI-ADS5281IPFP Datasheet
1Mb / 44P
[Old version datasheet]   12-Bit Octal-Channel ADC Family Up to 65MSPS
ADS5281IPFPG4 TI-ADS5281IPFPG4 Datasheet
1Mb / 44P
[Old version datasheet]   12-Bit Octal-Channel ADC Family Up to 65MSPS
ADS5281IPFPR TI-ADS5281IPFPR Datasheet
1Mb / 44P
[Old version datasheet]   12-Bit Octal-Channel ADC Family Up to 65MSPS
ADS5281IPFPRG4 TI-ADS5281IPFPRG4 Datasheet
1Mb / 44P
[Old version datasheet]   12-Bit Octal-Channel ADC Family Up to 65MSPS
More results

Mô tả tương tự - ADS5281

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS5281 TI-ADS5281_1 Datasheet
1Mb / 44P
[Old version datasheet]   12-Bit Octal-Channel ADC Family Up to 65MSPS
ADS5287IRGCRG4 TI-ADS5287IRGCRG4 Datasheet
824Kb / 42P
[Old version datasheet]   10-Bit, Octal-Channel ADC Up to 65MSPS
ADS5287 TI-ADS5287 Datasheet
476Kb / 31P
[Old version datasheet]   10-Bit, Octal-Channel ADC Up to 65MSPS
logo
Maxim Integrated Produc...
MAX1207 MAXIM-MAX1207 Datasheet
892Kb / 29P
   65Msps, 12-Bit ADC
2004
logo
Texas Instruments
ADS5272 TI1-ADS5272_13 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 65MSPS ADC
logo
Maxim Integrated Produc...
MAX1211 MAXIM-MAX1211 Datasheet
534Kb / 30P
   65Msps, 12-Bit, IF Sampling ADC
2004
logo
Linear Technology
LTC1741 LINER-LTC1741 Datasheet
666Kb / 20P
   12-Bit, 65Msps Low Noise ADC
LTC1741 LINER-LTC1741_15 Datasheet
671Kb / 20P
   12-Bit, 65Msps Low Noise ADC
logo
Maxim Integrated Produc...
MAX12527 MAXIM-MAX12527 Datasheet
649Kb / 28P
   Dual, 65Msps, 12-Bit, IF/Baseband ADC
Rev 0; 2/05
MAX19505 MAXIM-MAX19505_V01 Datasheet
549Kb / 35P
   Dual-Channel, 8-Bit, 65Msps ADC
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com