công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST72F623F2M1 bảng dữ liệu(PDF) 8 Page - STMicroelectronics

tên linh kiện ST72F623F2M1
Giải thích chi tiết về linh kiện  LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI
Download  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F623F2M1 bảng dữ liệu(HTML) 8 Page - STMicroelectronics

Back Button ST72F623F2M1 Datasheet HTML 4Page - STMicroelectronics ST72F623F2M1 Datasheet HTML 5Page - STMicroelectronics ST72F623F2M1 Datasheet HTML 6Page - STMicroelectronics ST72F623F2M1 Datasheet HTML 7Page - STMicroelectronics ST72F623F2M1 Datasheet HTML 8Page - STMicroelectronics ST72F623F2M1 Datasheet HTML 9Page - STMicroelectronics ST72F623F2M1 Datasheet HTML 10Page - STMicroelectronics ST72F623F2M1 Datasheet HTML 11Page - STMicroelectronics ST72F623F2M1 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 139 page
background image
ST7262
8/139
PIN DESCRIPTION (Cont’d)
Legend / Abbreviations:
Type:
I = Input, O = Output, S = Supply
Input level:
A = Dedicated analog input
Input level:
C = CMOS 0.3VDD/0.7VDD,
CT= CMOS 0.3VDD/0.7VDD with input trigger
Output level:
HS = High Sink (on N-buffer only)
Port configuration capabilities:
– Input:float = floating, wpu = weak pull-up, int = interrupt (\ =falling edge, / =rising edge),
ana = analog
– Output: OD = open drain, T = true open drain (N buffer 8mA@0.4 V), PP = push-pull
Table 1. Device Pin Description
Pin n°
Pin Name
Level
Port / Control
Main
Function
(after
reset)
Alternate Function
Input
Output
1
6
29 28
9
14 VPP
Sx
FLASH programming voltage
(12V), must be tied low in user
mode.
2
7
--
--
PD1
I/O CT
xx
Port D1
3
8
--
--
PD0
I/O CT
xx
Port D0
49
31
-
-
-
PC7
I/O CT
xx
Port C7
5
10 32 30
-
-
PC6/MOSI
I/O CT
xx
Port C6
SPI Master Out /
Slave In 1)
6
11 33 31
-
-
PC5/MISO/IT12
I/O CT
xx
x
Port C5
SPI Master In /
Slave Out 1) /
Interrupt 12 input
712 34 32
-
-
PC4/SS/IT11
I/O CT
xx
x
Port C4
SPI Slave Select
(active low) 1)/
Interrupt 11 input
8
13 1
1
-
-
PC3/SCK/IT10
I/O CT
xx
x
Port C3
SPI Serial Clock 1)/
Interrupt 10 input
9142
2
-
-
PC2/IT9
I/O CT
xx
x
Port C2
Interrupt 9 input
10 15
3
3
11 16 OSCIN
These pins are used connect an
external clock source to the on-
chip main oscillator.
11 16
4
4
12 17 OSCOUT
12 17
5
5
4
9
VSS
S
Digital Ground Voltage
13 18
6
6
8
13 VDD
S
Digital Main Power Supply Volt-
age
14 19
7
-
-
-
PC1
I/O CT
xT
Port C1
15 20
-
-
-
-
PC0
I/O CT
xT
Port C0
16 21
8
7
13 18
PB7/PWM1/IT8/
RX_SEZ/DA-
TAOUT/DA9
I/O CT HS x
\
x
Port B7
ART PWM output 1/
Interrupt 8 input
17
-
-
N.C.
Not Connected


Số phần tương tự - ST72F623F2M1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
ST72F623F2M1 STMICROELECTRONICS-ST72F623F2M1 Datasheet
1Mb / 132P
   LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI
June 2003 Rev. 2.2
More results

Mô tả tương tự - ST72F623F2M1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
ST7262 STMICROELECTRONICS-ST7262 Datasheet
1Mb / 132P
   LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI
June 2003 Rev. 2.2
ST7261 STMICROELECTRONICS-ST7261 Datasheet
1Mb / 80P
   LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, ROM MEMORY, LVD, WDG, TIMER
June 2003 Rev. 2.1
ST72F262G2B5 STMICROELECTRONICS-ST72F262G2B5 Datasheet
1Mb / 172P
   8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
ST72260G STMICROELECTRONICS-ST72260G Datasheet
2Mb / 171P
   8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
August 2003 Rev. 1.7
ST72260GX STMICROELECTRONICS-ST72260GX Datasheet
1Mb / 172P
   8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
ST7232A STMICROELECTRONICS-ST7232A Datasheet
1Mb / 154P
   8-BIT MCU WITH 8K FLASH/ROM, ADC, 4 TIMERS, SPI, SCI INTERFACE
ST72361 STMICROELECTRONICS-ST72361 Datasheet
4Mb / 224P
   8-BIT MCU WITH FLASH OR ROM, 10-BIT ADC, 5 TIMERS, SPI, 2x LINSCI
ST72361 STMICROELECTRONICS-ST72361_07 Datasheet
4Mb / 224P
   8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI?
ST72334XX-AUTO STMICROELECTRONICS-ST72334XX-AUTO Datasheet
3Mb / 150P
   8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, SCI interfaces
ST72334J STMICROELECTRONICS-ST72334J Datasheet
1,022Kb / 125P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com