công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74LVQ574 bảng dữ liệu(PDF) 1 Page - STMicroelectronics

tên linh kiện 74LVQ574
Giải thích chi tiết về linh kiện  OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUTS NON INVERTING
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVQ574 bảng dữ liệu(HTML) 1 Page - STMicroelectronics

  74LVQ574 Datasheet HTML 1Page - STMicroelectronics 74LVQ574 Datasheet HTML 2Page - STMicroelectronics 74LVQ574 Datasheet HTML 3Page - STMicroelectronics 74LVQ574 Datasheet HTML 4Page - STMicroelectronics 74LVQ574 Datasheet HTML 5Page - STMicroelectronics 74LVQ574 Datasheet HTML 6Page - STMicroelectronics 74LVQ574 Datasheet HTML 7Page - STMicroelectronics 74LVQ574 Datasheet HTML 8Page - STMicroelectronics 74LVQ574 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
74LVQ574
OCTAL D-TYPE FLIP FLOP
WITH 3 STATE OUTPUTS NON INVERTING
®
February 1999
s
HIGH SPEED:
fMAX = 180 MHz (TYP.) at VCC = 3.3V
s
COMPATIBLE WITH TTL OUTPUTS
s
LOW POWER DISSIPATION:
ICC =4
µA (MAX.) at TA =25 oC
s
LOW NOISE:
VOLP = 0.5 V (TYP.) at VCC =3.3V
s
75
Ω TRANSMISSION LINE DRIVING
CAPABILITY
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|=IOL = 12 mA (MIN)
s
PCI BUS LEVELS GUARANTEED AT 24 mA
s
BALANCED PROPAGATION DELAYS:
tPLH
≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 3.6V (1.2V Data Retention)
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 574
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The LVQ574 is a low voltage CMOS OCTAL
D-TYPE FLIP FLOP with 3 STATE OUTPUTS
NON INVERTING fabricated with sub-micron
silicon gate and double-layer metal wiring C
2MOS
technology. It is ideal for low power and low noise
3.3V applications.
These 8 bit D-Type flip-flops are controlled by a
clock input (CK) and an output enable input (OE).
On the positive transition of the clock, the Q
outputs will be set to logic state that were setup
at the D inputs.
While the (OE) input is low, the 8 outputs will be
in al normal logic state (high or low logic level)
and while high level, the outputs will be in a high
impedance state.
The output control does not affect the internal
operation of flip flop, that is, the old data can be
retained or the new data can be entered even
while the outputs are off.
It has better speed performance at 3.3V than 5V
LS-TTL family combined with the true CMOS low
power consumpion.
All inputs
and
outputs are
equipped with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES :
74LVQ574M
74LVQ574T
M
(Micro Package)
T
(TSSOP Package)
1/10


Số phần tương tự - 74LVQ574

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
74LVQ574 STMICROELECTRONICS-74LVQ574 Datasheet
289Kb / 13P
   OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUTS NON INVERTING
74LVQ574MTR STMICROELECTRONICS-74LVQ574MTR Datasheet
289Kb / 13P
   OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUTS NON INVERTING
74LVQ574TTR STMICROELECTRONICS-74LVQ574TTR Datasheet
289Kb / 13P
   OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUTS NON INVERTING
74LVQ574 STMICROELECTRONICS-74LVQ574_04 Datasheet
289Kb / 13P
   OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUTS NON INVERTING
More results

Mô tả tương tự - 74LVQ574

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
74VHCT574A STMICROELECTRONICS-74VHCT574A_04 Datasheet
273Kb / 13P
   OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUTS NON INVERTING
74VHC574 STMICROELECTRONICS-74VHC574_04 Datasheet
306Kb / 14P
   OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUTS NON INVERTING
74LVQ374 STMICROELECTRONICS-74LVQ374 Datasheet
289Kb / 13P
   OCTAL D-TYPE FLIP-FLOP WITH 3 STATE OUTPUTS NON INVERTING
74LVQ574 STMICROELECTRONICS-74LVQ574_04 Datasheet
289Kb / 13P
   OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUTS NON INVERTING
74VHC374 STMICROELECTRONICS-74VHC374_04 Datasheet
303Kb / 14P
   OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUTS NON INVERTING
logo
Toshiba Semiconductor
TC74HC564AP TOSHIBA-TC74HC564AP Datasheet
267Kb / 6P
   OCTAL D -TYPE FLIP-FLOP WITH 3-STATE OUTPUT. INVERTING, NON INVERTING
logo
ON Semiconductor
MC74HC374A ONSEMI-MC74HC374A Datasheet
196Kb / 8P
   Octal 3-State Non-Inverting D Flip-Flop
March, 2000 ??Rev. 8
MC74HC374A ONSEMI-MC74HC374A_14 Datasheet
122Kb / 7P
   Octal 3-State Non-Inverting D Flip-Flop
August, 2014 ??Rev. 14
logo
STMicroelectronics
74AC574 STMICROELECTRONICS-74AC574 Datasheet
248Kb / 11P
   OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
M74HCT374 STMICROELECTRONICS-M74HCT374 Datasheet
233Kb / 11P
   OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com