công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STA32613TR bảng dữ liệu(PDF) 5 Page - STMicroelectronics

tên linh kiện STA32613TR
Giải thích chi tiết về linh kiện  2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA32613TR bảng dữ liệu(HTML) 5 Page - STMicroelectronics

  STA32613TR Datasheet HTML 1Page - STMicroelectronics STA32613TR Datasheet HTML 2Page - STMicroelectronics STA32613TR Datasheet HTML 3Page - STMicroelectronics STA32613TR Datasheet HTML 4Page - STMicroelectronics STA32613TR Datasheet HTML 5Page - STMicroelectronics STA32613TR Datasheet HTML 6Page - STMicroelectronics STA32613TR Datasheet HTML 7Page - STMicroelectronics STA32613TR Datasheet HTML 8Page - STMicroelectronics STA32613TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
5/43
STA326
Table 3. Absolute Maximum Ratings
Table 4. Thermal Data
Table 5. Recommended Dc Operating Conditions
4
Electrical Characteristcs
(VDD3 = 3.3V ± 0.3V; Tamb = 25°C; unless otherwise specified)
4.1 GENERAL INTERFACE ELECTRICAL CHARACTERISTICS
Note 1: The leakage currents are generally very small, < 1na. The values given here are maximum after an electrostatic stress on the pin.
Note 2: Human Body Model
4.2 DC ELECTRICAL CHARACTERISTICS: 3.3V BUFFERS
Symbol
Parameter
Value
Unit
VDD3
3.3V Digital Power Supply
-0.5 to 4
V
VDDA
3.3V Analog Power Supply
-0.5 to 4
V
Vi
Voltage on input pins
-0.5 to (VDD+0.5)
V
Vo
Voltage on output pins
-0.5 to (VDD+0.5)
V
Tstg
Storage Temperature
-40 to +150
°C
Tamb
Ambient Operating Temperature
-20 to +85
°C
Tj
Operating Junction Temperature
0 to +150
°C
VCC
DC Supply Voltage
40
V
VMAX
Maximum voltage on pins 20
5.5
V
Symbol
Parameter
Min
Typ
Max
Unit
Rthj-case
Thermal resistance Junction to case (thermal pad)
2.5
°C/W
Tj-SD
Thermal Shut-down Junction Temperature
150
°C
TWARN
Thermal Warning Temperature
130
°C
Th-SD
Thermal Shut-down Hysteresis
25
°C
Symbol
Parameter
Value
Unit
VDD3
I/O Power Supply
3.0 to 3.6
V
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Note
Iil
Low Level Input no pull-up
Vi = 0V
1
µA1
Iih
High Level Input no pull-down
Vi = VDD3
2
µA1
IOZ
Tristate output leakage without
pullup/down
Vi = VDD3
2
µA1
Vesd
Electrostatic Protection
Leakage < 1
µA
2000
V
2
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VIL
Low Level Input Voltage
0.8
V
VIH
High Level Input Voltage
2.0
V
Vhyst
Schmitt Trigger Hysteresis
0.4
V
Vol
Low Level Output
IoI = 2mA
0.15
V
Voh
High Level Output
Ioh = -2mA
VDD -0.15
V


Số phần tương tự - STA32613TR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STA320 STMICROELECTRONICS-STA320 Datasheet
310Kb / 37P
   2.1 MULTICHANNELS DIGITAL AUDIO PROCESSOR WITH DDTM
STA321 STMICROELECTRONICS-STA321 Datasheet
2Mb / 157P
   4-channel digital audio system with FFX??driver
STA321MP STMICROELECTRONICS-STA321MP Datasheet
715Kb / 50P
   Scalable digital microphone processor
February 2012 Rev 1
STA321MPL STMICROELECTRONICS-STA321MPL Datasheet
715Kb / 50P
   Scalable digital microphone processor
February 2012 Rev 1
STA321MPL1 STMICROELECTRONICS-STA321MPL1 Datasheet
1Mb / 80P
   Scalable digital microphone processor
June 2016 Rev 1
More results

Mô tả tương tự - STA32613TR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STA328 STMICROELECTRONICS-STA328 Datasheet
409Kb / 41P
   2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
STA323W STMICROELECTRONICS-STA323W Datasheet
782Kb / 41P
   2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
STA323W STMICROELECTRONICS-STA323W_06 Datasheet
811Kb / 71P
   2.1 high efficiency digital audio system
STA323W STMICROELECTRONICS-STA323W_08 Datasheet
1Mb / 77P
   2.1-channel high-efficiency digital audio system
STA335BW STMICROELECTRONICS-STA335BW Datasheet
604Kb / 54P
   2.1 channels high efficiency digital audio system
STA328 STMICROELECTRONICS-STA328_08 Datasheet
782Kb / 57P
   2.1-channel high-efficiency digital audio system
STA335BWS STMICROELECTRONICS-STA335BWS Datasheet
1Mb / 68P
   2.1-channel high-efficiency digital audio system
STA333BW STMICROELECTRONICS-STA333BW Datasheet
1Mb / 64P
   2.1-channel high-efficiency digital audio system
STA339BW STMICROELECTRONICS-STA339BW Datasheet
2Mb / 77P
   2.1-channel high-efficiency digital audio system
STA382BW STMICROELECTRONICS-STA382BW Datasheet
3Mb / 172P
   Sound Terminal짰 2.1-channel high-efficiency digital audio system
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com