công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STA32613TR bảng dữ liệu(PDF) 11 Page - STMicroelectronics

tên linh kiện STA32613TR
Giải thích chi tiết về linh kiện  2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA32613TR bảng dữ liệu(HTML) 11 Page - STMicroelectronics

Back Button STA32613TR Datasheet HTML 7Page - STMicroelectronics STA32613TR Datasheet HTML 8Page - STMicroelectronics STA32613TR Datasheet HTML 9Page - STMicroelectronics STA32613TR Datasheet HTML 10Page - STMicroelectronics STA32613TR Datasheet HTML 11Page - STMicroelectronics STA32613TR Datasheet HTML 12Page - STMicroelectronics STA32613TR Datasheet HTML 13Page - STMicroelectronics STA32613TR Datasheet HTML 14Page - STMicroelectronics STA32613TR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
11/43
STA326
7.1 CONFIGURATION REGISTER A (Address 00h)
7.1.1
Master Clock Select
The STA326 will support sample rates of 32kHz, 44.1kHz, 48Khz, 88.2kHz, and 96kHz. Therefore the
internal clock will be:
32.768Mhz for 32kHz
45.1584Mhz for 44.1khz, 88.2kHz, and 176.4kHz
49.152Mhz for 48kHz, 96kHz, and 192kHz
The external clock frequency provided to the XTI pin must be a multiple of the input sample frequency (fs).
The correlation between the input clock and the input sample rate is determined by the status of the MCSx
bits and the IR (Input Rate) register bits. The MCSx bits determine the PLL factor generating the internal
clock and the IR bit determines the oversampling ratio used internally.
Table 7. IR and MCS Settings for Input Sample Rate and Clock Rate
7.1.2
Interpolation Ratio Select
The STA326 has variable interpolation (re-sampling) settings such that internal processing and DDX out-
put rates remain consistent. The first processing block interpolates by either 2 times or 1 time (pass-
through) or provides a down-sample by a factor of 2.
The IR bits determine the re-sampling ratio of this interpolation.
Table 8. IR bit settings as a function of Input Sample Rate
D7
D6
D5
D4
D3
D2
D1
D0
FDRB
TWAB
TFRB
IR1
IR0
MCS2
MCS1
MCS0
01100011
BIT
R/W
RST
NAME
DESCRIPTION
0
R/W
1
MCS0
Master Clock Select: Selects the ratio between the input
I2S sample frequency and the input clock.
1R/W
1
MCS1
2R/W
0
MCS2
Input Sample Rate
fs (kHz)
IR
MCS(2..0)
000
001
010
011
100
101
32, 44.1, 48
00
768fs
512fs
384fs
256fs
128fs
576fs
88.2, 96
01
384fs
256fs
192fs
128fs
64fs
x
176.4, 192
1X
384fs
256fs
192fs
128fs
64fs
x
BIT
R/W
RST
NAME
DESCRIPTION
4...3
R/W
00
IR (1...0)
Interpolation Ratio Select: Selects internal interpolation ratio based
on input I2S sample frequency
Input Sample Rate Fs (kHz)
IR (1,0)
1st Stage Interpolation Ratio
32
00
2 times over-sampling
44.1
00
2 times over-sampling
48
00
2 times over-sampling
88.2
01
Pass-Through
96
01
Pass-Through
176.4
10
Down-sampling by 2
192
10
Down-sampling by 2


Số phần tương tự - STA32613TR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STA320 STMICROELECTRONICS-STA320 Datasheet
310Kb / 37P
   2.1 MULTICHANNELS DIGITAL AUDIO PROCESSOR WITH DDTM
STA321 STMICROELECTRONICS-STA321 Datasheet
2Mb / 157P
   4-channel digital audio system with FFX??driver
STA321MP STMICROELECTRONICS-STA321MP Datasheet
715Kb / 50P
   Scalable digital microphone processor
February 2012 Rev 1
STA321MPL STMICROELECTRONICS-STA321MPL Datasheet
715Kb / 50P
   Scalable digital microphone processor
February 2012 Rev 1
STA321MPL1 STMICROELECTRONICS-STA321MPL1 Datasheet
1Mb / 80P
   Scalable digital microphone processor
June 2016 Rev 1
More results

Mô tả tương tự - STA32613TR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STA328 STMICROELECTRONICS-STA328 Datasheet
409Kb / 41P
   2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
STA323W STMICROELECTRONICS-STA323W Datasheet
782Kb / 41P
   2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
STA323W STMICROELECTRONICS-STA323W_06 Datasheet
811Kb / 71P
   2.1 high efficiency digital audio system
STA323W STMICROELECTRONICS-STA323W_08 Datasheet
1Mb / 77P
   2.1-channel high-efficiency digital audio system
STA335BW STMICROELECTRONICS-STA335BW Datasheet
604Kb / 54P
   2.1 channels high efficiency digital audio system
STA328 STMICROELECTRONICS-STA328_08 Datasheet
782Kb / 57P
   2.1-channel high-efficiency digital audio system
STA335BWS STMICROELECTRONICS-STA335BWS Datasheet
1Mb / 68P
   2.1-channel high-efficiency digital audio system
STA333BW STMICROELECTRONICS-STA333BW Datasheet
1Mb / 64P
   2.1-channel high-efficiency digital audio system
STA339BW STMICROELECTRONICS-STA339BW Datasheet
2Mb / 77P
   2.1-channel high-efficiency digital audio system
STA382BW STMICROELECTRONICS-STA382BW Datasheet
3Mb / 172P
   Sound Terminal짰 2.1-channel high-efficiency digital audio system
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com