công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS1582CM5RN bảng dữ liệu(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

tên linh kiện TS1582CM5RN
Giải thích chi tiết về linh kiện  3A Dual Input LDO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TSC [Taiwan Semiconductor Company, Ltd]
Trang chủ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1582CM5RN bảng dữ liệu(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS1582CM5RN Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1582CM5RN Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1582CM5RN Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1582CM5RN Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1582CM5RN Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1582CM5RN Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1582CM5RN Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS1582CM5RN Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS1582CM5RN Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TS1582
3A Dual Input LDO
3/9
Version: A07
Thermal Performance
Condition
Package type
Typ
Unit
TO-220-5L
50
Thermal Resistance
Junction to Ambient
TO-263-5L
60
oC/W
Pin Description
Pin No.
Pin Name
Pin Description
1
Sense
This pin is the positive side of the reference voltage for this device. With this pin it is
possible to Kelvin Sense the output voltage at the load.
2
Adjust /
Ground
This pin is the negative side of the reference voltage for this device. Transient response
can be improved by adding a small bypass capacitor from the adjust pin to ground.
3
Output
This pin is power output of the device.
4
Control
This pin is the supply pin for the control circuitry for the device. The current flow into this
pin will be about 1% of the output current. For the device to regulate, the voltage at this
pin must be 1.3V greater than the output voltage.
5
Power
This pin is the collector of the power transistor. The output load current is supplied
through this pin. The voltage at this pin must be 0.7V greater than the output voltage for
the device to regulate.
Application Information
Application
The TS1582 is a low dropout regulator designed to make used of multiple power supplies, present in most systems, to
reduce the dropout voltage. One of the advantages of the two supply approach is maximizing the efficiency. The
second supply is at least 1V greater than output voltage and is providing the power for the control circuitry and supplies
the drive current to the NPN output transistor. This allows the NPN output transistor to be driven into saturation. For the
control voltage the current requirement is small equal to about 1% of the output current or approximately 50mA for a
3A load. This drive current becomes part of the output current. The maximum voltage on the Control Pin is 15V. The
maximum voltage at the Power in is 7V.By tying the control and power inputs together the TS1582 can also be
operated as a single supply device. In single supply operation the dropout will be determined by the minimum control
voltage. Both the fixed and adjustable versions have remote sense pins, permitting very accurate regulation of output
voltage. As a result, over and output current range of 100mA to 3A, the typical load regulation is less than 1mV. For the
fixed voltages the adjust pin is brought out allowing the user to improve transient response by bypassing the internal
resistor divider. Optimum transient response is provided using a capacitor in the range of 0.1uF to 1uF for bypassing
the adjust pin.
The new generation of microprocessors cycle load current from several hundred million amperes to several amperes in
tens of nanoseconds. Output voltage tolerances are tighter and include transient response as part of the specification.
Designed to meet the fast current load step requirements of these microprocessors, the TS1582 also saves total cost
by needing less output capacitance to maintain regulation.
Typical applications for the TS1582 include 3.3V to 2.5V conversion with a 5V control supply, 5V to 4.2V conversion
with a 12V control supply or 5V to 3.6V conversion with a 12V control supply. It is easy to obtain dropout voltages less
than 0.5V at 1.3A along with excellent static and dynamic specifications. It is fully protected against over current and
over temperature conditions.


Số phần tương tự - TS1582CM5RN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiwan Semiconductor Co...
TS1582CM5 TSC-TS1582CM5 Datasheet
135Kb / 7P
   3A Dual Input Low Dropout Positive Voltage Regulator
TS1582CM52.5 TSC-TS1582CM52.5 Datasheet
135Kb / 7P
   3A Dual Input Low Dropout Positive Voltage Regulator
TS1582CM525 TSC-TS1582CM525 Datasheet
135Kb / 7P
   3A Dual Input Low Dropout Positive Voltage Regulator
TS1582CM53.3 TSC-TS1582CM53.3 Datasheet
135Kb / 7P
   3A Dual Input Low Dropout Positive Voltage Regulator
TS1582CM533 TSC-TS1582CM533 Datasheet
135Kb / 7P
   3A Dual Input Low Dropout Positive Voltage Regulator
More results

Mô tả tương tự - TS1582CM5RN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Micrel Semiconductor
MIC47300 MICREL-MIC47300 Datasheet
441Kb / 11P
   3A, Low Voltage, Adjustable LDO Regulator with Dual Input Supply
logo
Taiwan Semiconductor Co...
TS1581 TSC-TS1581_07 Datasheet
431Kb / 9P
   5A Dual Input LDO
TS1583 TSC-TS1583_07 Datasheet
432Kb / 9P
   1.5A Dual Input LDO
logo
Analog Microelectronics
AME8845 AME-AME8845 Datasheet
177Kb / 18P
   3A CMOS LDO
AME8845 AME-AME8845_11 Datasheet
180Kb / 19P
   3A CMOS LDO
logo
Renesas Technology Corp
RAA23021X RENESAS-RAA23021X_15 Datasheet
1Mb / 36P
   5.5V Input, 3A, Step-Down DC/DC Converter LDO
RAA23021X RENESAS-RAA23021X Datasheet
1Mb / 36P
   5.5V Input, 3A, Step-Down DC/DC Converter LDO
Jul 23, 2014
logo
Excelliance MOS Corp.
EM5106 EXCELLIANCE-EM5106 Datasheet
396Kb / 10P
   3A Low Dropout LDO
logo
Advanced Monolithic Sys...
AMS1085 AMS-AMS1085 Datasheet
2Mb / 11P
   3A LDO VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
EM5103 CYSTEKEC-EM5103 Datasheet
756Kb / 12P
   3A Low Dropout LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com