công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS1540CP50RO bảng dữ liệu(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

tên linh kiện TS1540CP50RO
Giải thích chi tiết về linh kiện  1A Low Dropout Voltage Regulator with Low Quiescent Current
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TSC [Taiwan Semiconductor Company, Ltd]
Trang chủ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1540CP50RO bảng dữ liệu(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS1540CP50RO Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1540CP50RO Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1540CP50RO Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1540CP50RO Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TS1540
1A Low Dropout Voltage Regulator
with Low Quiescent Current
1/4
Version: A07
TO-252
(DPAK)
General Description
TS1540 of high current LDOs has been developed for portable application where low quiescent current is an important
requirement. The device features excellent line and load transient response which does not exceed 10% of nominal
output value for full operating temperature range even during power ON cycle and short circuit removal. Internally
trimmed, temperature compensated bandgap reference guarantees 2.5% accuracy for full range of input voltage, output
current and temperature. Included on the chip are accurate current limit and thermal shutdown protection. Device
stability is achieved with only two external low ESR ceramic capacitors.
Features
Very Low Ground Current (IGND = 1mA)
Excellent Line Regulation
Excellent Load Regulation
Very Low transient Overshoot
Stable with low ESR output Capacitor (ESR = 0mΩ)
Thermal Shutdown
Current Limit
Ordering Information
Part No.
Package
Packing
TS1540CPxx RO
TO-252
2.5Kpcs / 13” Reel
Note: Where xx denotes voltage option, available are
50= 5.0V
33= 3.3V
25= 2.5V
18= 1.8V
15= 1.5V
Leave blank for adjustable version.
Application
Disk Drive Circuits
Desktop Computers
Laptop, Notebook Computers
Block Diagram
Typical Application Circuit
Fixed Output Voltage Version
VOUT = VREF(1+R2/R1) + Iadj R2
Adjustable Output Voltage Version
Note:
1. Use Low ESR Capacitors.
2. CIN should be placed as closed to VIN as possible
Pin Definition:
1. Output
2. Ground
3. Input


Số phần tương tự - TS1540CP50RO

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiwan Semiconductor Co...
TS1540CPXXRO TSC-TS1540CPXXRO Datasheet
67Kb / 4P
   1A Low Dropout Voltage Regulator with Low Quiescent Current
More results

Mô tả tương tự - TS1540CP50RO

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiwan Semiconductor Co...
TS1540 TSC-TS1540_08 Datasheet
67Kb / 4P
   1A Low Dropout Voltage Regulator with Low Quiescent Current
logo
Semtech Corporation
SC1118 SEMTECH-SC1118 Datasheet
192Kb / 6P
   1A (Sink & Source) Low Dropout, Low Quiescent Current Voltage Regulator
logo
SHANGHAI BELLING CO., L...
BL9110 BELLING-BL9110 Datasheet
964Kb / 27P
   1A Low Dropout, Low Quiescent Current
logo
Microchip Technology
MCP1726 MICROCHIP-MCP1726_14 Datasheet
682Kb / 32P
   1A, Low-Voltage, Low Quiescent Current LDO Regulator
03/25/14
MCP1726-3302E MICROCHIP-MCP1726-3302E Datasheet
534Kb / 30P
   1A, Low Voltage, Low Quiescent Current LDO Regulator
06/25/07
MCP1726 MICROCHIP-MCP1726 Datasheet
431Kb / 30P
   1A, Low Voltage, Low Quiescent Current LDO Regulator
2005
logo
SHANGHAI BELLING CO., L...
BL9110 BELLING-BL9110_16 Datasheet
1Mb / 30P
   1A Low Dropout, Low Quiescent Current High PSRR CMOS Linear Regulator
logo
Toshiba Semiconductor
TA4800AF TOSHIBA-TA4800AF Datasheet
210Kb / 9P
   1A Output Current Low Dropout Voltage Regulator
logo
ON Semiconductor
NCP4681 ONSEMI-NCP4681 Datasheet
340Kb / 18P
   Ultra Low Quiescent Current, Low Dropout Regulator
September, 2013 ??Rev. 3
logo
NXP Semiconductors
TDA3661 PHILIPS-TDA3661 Datasheet
88Kb / 16P
   Very low dropout voltage/quiescent current adjustable voltage regulator
Rev. 05-28 June 2005
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com