công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS1123 bảng dữ liệu(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

tên linh kiện TS1123
Giải thích chi tiết về linh kiện  Ultra Low Dropout Voltage Regulator Driver with Enable Function
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TSC [Taiwan Semiconductor Company, Ltd]
Trang chủ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1123 bảng dữ liệu(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS1123 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1123 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1123 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1123 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TS1123
Ultra Low Dropout Voltage Regulator Driver
with Enable Function
1/4
Version: A07
SOT-25
General Description
TS1123 is a low dropout voltage regulator driver for various electronic equipments. It provides constant voltage power
source with SOT-25 package. TS1123 with external PNP transistor can drive output current up to 4A, quiescent
current is typically at 5mA. Further more, the quiescent current is smaller when the regulator is in the dropout mode
(VIN<5.5V). TS1123 has various functions such as a over current protection, thermal shutdown and an output enable
function.
Features
Ultra Low Dropout performance 0.5Vmax.
Over Current Protection & Thermal Shutdown
Short Circuit Protection
Output Enable Function
±2.4% Typical Total output
Block Diagram
Ordering Information
Part No.
Package
Packing
TS1123CX5xx C0
SOT-25
3Kpcs / 7” Reel
Note: Where xx denotes voltage option,
33=3.3V
50=5.0V
80=8.0V
90=9.0V
12=12V
15=15V
Absolute Maximum Rating
Parameter
Symbol
Value
Unit
Input Voltage
VIN
35
V
Enable Voltage
VEN
35
V
Output Current
IOUT
200
mA
Power Dissipation
PD
Internal Limited
Junction Temperature
TJ
+150
°C
Operating Temperature Range
TOPR
-40 ~ +125
°C
Storage Temperature Range
TSTG
-65 ~ +150
°C
Pin Definition:
1. Output
2. Ground
3. Enable
4. Input
5. Drive


Số phần tương tự - TS1123

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiwan Semiconductor Co...
TS1123CX5RF TSC-TS1123CX5RF Datasheet
189Kb / 4P
   Ultra Low Dropout Voltage Regulator Driver with Enable Function
TS1123 TSC-TS1123_08 Datasheet
189Kb / 4P
   Ultra Low Dropout Voltage Regulator Driver with Enable Function
More results

Mô tả tương tự - TS1123

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiwan Semiconductor Co...
TS1123 TSC-TS1123_08 Datasheet
189Kb / 4P
   Ultra Low Dropout Voltage Regulator Driver with Enable Function
TS178RL00 TSC-TS178RL00 Datasheet
214Kb / 6P
   1A Ultra Low Dropout Voltage Regulator with Enable Function
logo
Gamma Microelectronics ...
GM6655 GAMMA-GM6655 Datasheet
118Kb / 7P
   600mA LOW DROPOUT CMOS VOLTAGE REGULATOR WITH ENABLE FUNCTION
logo
Acutechnology Semicondu...
AQ1541 ACUTECH-AQ1541 Datasheet
664Kb / 10P
   Low Dropout 1 Amp Voltage Regulator with Enable Function
AQ8211 ACUTECH-AQ8211 Datasheet
631Kb / 10P
   Ultra-Low Dropout 500mA Voltage Regulator with Enable
logo
Taiwan Semiconductor Co...
TS5218 TSC-TS5218 Datasheet
389Kb / 7P
   800mA Ultra Low Dropout Voltage Regulator with Enable
TS5218 TSC-TS5218_09 Datasheet
389Kb / 7P
   800mA Ultra Low Dropout Voltage Regulator with Enable
TS2938 TSC-TS2938_15 Datasheet
144Kb / 7P
   500mA Ultra Low Dropout Voltage Regulator With Inhibit Function
TS39100 TSC-TS39100_07 Datasheet
593Kb / 13P
   1A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39153CZ550 TSC-TS39153CZ550 Datasheet
654Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com