công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS1115 bảng dữ liệu(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

tên linh kiện TS1115
Giải thích chi tiết về linh kiện  500mA Low Dropout Positive Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TSC [Taiwan Semiconductor Company, Ltd]
Trang chủ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1115 bảng dữ liệu(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS1115 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1115 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1115 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1115 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1115 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1115 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1115 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS1115 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TS1115
500mA Low Dropout Positive Voltage Regulator
1/8
Version: A07
TO-92
SOT-223
SOT-89
General Description
The TS1115 Series are high performance positive voltage regulators are designed for use in applications requiring low
dropout performance at full rated current, Additionally, the TS1115 Series provides excellent regulation over variations
due to changes in line, load and temperature. Outstanding features include low dropout performance at rated current,
fast transient response, internal current limiting and thermal shutdown protection of the output device. The TS1115
Series are three terminal regulators with fixed and adjustable voltage options available in popular packages.
Ordering Information
Part No.
Package
Packing
TS1115CTxx B0
TO-92
1Kpcs / Bulk
TS1115CWxx RP
SOT-223
2.5Kpcs / 13” Reel
TS1115CYxx RM
SOT-89
1Kpcs / 7” Reel
TS1115ACYxx RM
SOT-89
1Kpcs / 7” Reel
Note: Where xx denotes voltage option, available are
5.0V, 3.3V, 2.5V, 1.8V and 1.5V. Leave blank for
adjustable version. Contact factory for additional
voltage options.
Features
Low Dropout Performance 1.5V max.
Fill Current Rating Over Line and Temperature
Fast Transient Response
±2% Total Output Regulation Over Line, Load and
Temperature
Adjust Pin Current max 90uA Over Temperature
Line Regulation Typical 0.015%
Load Regulation Typical 0.05%
Fixed / Adjustable Output Voltage
TO-92, SOT-223 and SOT-89 Package
Block Diagram
Typical Application Circuit
Fixed Output Voltage Version
Vout = Vref(1+R2/R1) + Iadj R2
Adjustable Output Voltage Version
Pin Definition:
1. Fixed / Adj
2. Output
3. Input
Pin Definition:
TS1115
TS1115A
1. Fixed / Adj
1. Output
2. Output
2. Fixed / Adj
3. Input
3. Input


Số phần tương tự - TS1115

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiwan Semiconductor Co...
TS1115ACYRM TSC-TS1115ACYRM Datasheet
191Kb / 5P
   500mA Low Dropout Positive Voltage Regulator
TS1115CYRM TSC-TS1115CYRM Datasheet
191Kb / 5P
   500mA Low Dropout Positive Voltage Regulator
TS1115 TSC-TS1115_09 Datasheet
191Kb / 5P
   500mA Low Dropout Positive Voltage Regulator
More results

Mô tả tương tự - TS1115

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Richtek Technology Corp...
RT9163 RICHTEK-RT9163 Datasheet
149Kb / 8P
   500MA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1118 TSC-TS1118 Datasheet
144Kb / 6P
   500mA Low Dropout Positive Voltage Regulator
logo
Richtek Technology Corp...
RT9163 RICHTEK-RT9163_07 Datasheet
123Kb / 7P
   500mA Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1115 TSC-TS1115_09 Datasheet
191Kb / 5P
   500mA Low Dropout Positive Voltage Regulator
TS2937 TSC-TS2937 Datasheet
152Kb / 6P
   500mA Ultra Low Dropout Fixed Positive Voltage Regulator
TS2937A TSC-TS2937A Datasheet
151Kb / 6P
   500mA Ultra Low Dropout Fixed Positive Voltage Regulator
logo
New Japan Radio
NJU7223 NJRC-NJU7223 Datasheet
127Kb / 5P
   500mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS3107 ADMOS-AMS3107 Datasheet
82Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2907 ADMOS-AMS2907 Datasheet
80Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS3107 ADMOS-AMS3107_1 Datasheet
77Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com