công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DM74AS258M bảng dữ liệu(PDF) 1 Page - Fairchild Semiconductor

tên linh kiện DM74AS258M
Giải thích chi tiết về linh kiện  3-STATE Quad 1 of 2 Line Data Selector/Multiplexers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74AS258M bảng dữ liệu(HTML) 1 Page - Fairchild Semiconductor

  DM74AS258M Datasheet HTML 1Page - Fairchild Semiconductor DM74AS258M Datasheet HTML 2Page - Fairchild Semiconductor DM74AS258M Datasheet HTML 3Page - Fairchild Semiconductor DM74AS258M Datasheet HTML 4Page - Fairchild Semiconductor DM74AS258M Datasheet HTML 5Page - Fairchild Semiconductor DM74AS258M Datasheet HTML 6Page - Fairchild Semiconductor DM74AS258M Datasheet HTML 7Page - Fairchild Semiconductor DM74AS258M Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
tm
May 2007
©1986 Fairchild Semiconductor Corporation
www.fairchildsemi.com
DM74AS257, DM74AS258 Rev. 1.2
DM74AS257, DM74AS258
3-STATE Quad 1 of 2 Line Data Selector/Multiplexers
Features
Switching specifications at 50pF
Switching specifications guaranteed over full
temperature and VCC range
Advanced oxide-isolated, ion-implanted Schottky
TTL process
Functionally and pin for pin compatible with Schottky,
low power Schottky, and advanced low power
Schottky TTL counterpart
Improved AC performance over Schottky, low power
Schottky, and advanced low power Schottky
counterparts
3-STATE buffer-type output drive bus lines directly
Expand any data input point
Multiplex dual data buses
General four functions of two variables (one variable
is common)
Source programmable counters
General Description
These data selectors/multiplexers contain inverters and
drivers to supply full on-chip data selection to the four
3-STATE outputs that can interface directly with data
lines of bus-organized systems. A 4-bit word selected
from one of two sources is routed to the four outputs.
The DM74AS257 presents true data whereas the
DM74AS258 presents inverted data to minimize propa-
gation delay time.
This 3-STATE output feature means that n-bit (paral-
leled) data selectors with up to 300 sources can be
implemented for data buses. It also permits the use of
standard TTL registers for data retention throughout the
system.
Ordering Information
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering number.
Order
Number
Package
Number
Package Description
DM74AS257M
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
DM74AS257N
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
DM74AS258M
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow


Số phần tương tự - DM74AS258M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
DM74AS258M FAIRCHILD-DM74AS258M Datasheet
60Kb / 6P
   3-STATE Quad 1 of 2 Line Data Selector/Multiplexers
More results

Mô tả tương tự - DM74AS258M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
DM74AS257 FAIRCHILD-DM74AS257 Datasheet
60Kb / 6P
   3-STATE Quad 1 of 2 Line Data Selector/Multiplexers
DM74ALS257 FAIRCHILD-DM74ALS257 Datasheet
74Kb / 7P
   3-STATE Quad 1-of-2-Line Data Selector/Multiplexer
DM74S257 FAIRCHILD-DM74S257 Datasheet
47Kb / 5P
   3-STATE Quad 1-of-2 Data Selector/Multiplexer
logo
National Semiconductor ...
DM54S157 NSC-DM54S157 Datasheet
128Kb / 5P
   QUAD 1 OF 2 LINE DATA SELECTORS/MULTIPLEXERS
logo
Fairchild Semiconductor
DM74S157 FAIRCHILD-DM74S157 Datasheet
53Kb / 5P
   Quad 1 of 2 Line Data Selector/Multiplexer
DM74ALS157 FAIRCHILD-DM74ALS157 Datasheet
67Kb / 6P
   Quad 1-of-2 Line Data Selector/Multiplexer
DM74AS157 FAIRCHILD-DM74AS157 Datasheet
72Kb / 7P
   Quad 1 of 2 Line Data Selector/Multiplexer
logo
National Semiconductor ...
DM54S257 NSC-DM54S257 Datasheet
153Kb / 8P
   TRI-STATE QUAD 1 OF 2 DATA SELECTORS / MULTIPLEXERS
logo
Fairchild Semiconductor
DM74ALS251N FAIRCHILD-DM74ALS251N Datasheet
80Kb / 7P
   3-STATE 1-of-8 Line Data Selector/Multiplexer
DM74ALS251 FAIRCHILD-DM74ALS251 Datasheet
76Kb / 7P
   3-STATE 1-of-8 Line Data Selector/Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com