công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TS39201CM5 bảng dữ liệu(PDF) 3 Page - Taiwan Semiconductor Company, Ltd |
|
TS39201CM5 bảng dữ liệu(HTML) 3 Page - Taiwan Semiconductor Company, Ltd |
3 / 12 page TS39200/1/2/3/4/5 2A Ultra Low Dropout Voltage Regulator with Multi-Function 3/12 Version: B07 Electrical Characteristics (Continue) Flag Output (TS39201) Output Leakage Current VOH=16V -- -- 2 uA Output Low Voltage (Note 9) VIN=0.9 * VOUT, IOL=250uA -- -- 400 mV Upper Threshold Voltage % of VOUT -- -- 99 % Lower Threshold Voltage % of VOUT 93 -- -- % Hysteresis -- 1 -- % Thermal Performance Condition Package type Typ Unit TO-220 / TO-220-5L 80 Thermal Resistance Junction to Case TO-263 / TO-263-5L 80 oC/W Note 1. Exceeding the absolute maximum ratings may be damaged the device. Note 2. The device is not guaranteed to function outside its operating rating. Note 3. Devices are ESD sensitive. Handling precautions recommended. Note 4. PD(max) = (TJ(max) - Ta) + ӨJA, where ӨJA depends upon the printed circuit layout. See ”Applications Information”. Note 5. Output voltage temperature coefficient is ΔVOUT (worst case)+(TJ(max) – TJ(MIN)) where TJ(max) is +125 oC and TJMIN) is -40 oC. Note 6. VDROP = VIN - VOUT when VOUT decreases to 99% of its nominal output voltage with VIN = VOUT + 1. For output voltages below 2.5V, dropout voltage is the input-to-output voltage differential with the minimum input voltage being 2.5V. Minimum input operating voltage is 2.5V Note 7. IGND is the quiescent current. IIN = IGND + IOUT Note 8. VEN <0.8V, VIN <8V and VOUT =0 Note 9. For 1.8V device, VIN = 2.25V (device is in dropout) Pin Description Pin Configuration Pin Description Enable TTL/COMS compatible input. Logic high is enable; logic low or open is shutdown Input Unregulated input: +16V maximum supply Ground Ground: Ground pin and TAB / heat sink are internally connected. Output Regulator output Flag (fixed voltage) Error Flag (output): Open-collector output. Active low indicates an output fault condition, if no used, leave open. Feed Back (adjustable) Adjustment input: Feedback input. Connect to resistive voltage-divider network. Sense Sense pin is the input to the error amplifier |
Số phần tương tự - TS39201CM5 |
|
Mô tả tương tự - TS39201CM5 |