công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS2576 bảng dữ liệu(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

tên linh kiện TS2576
Giải thích chi tiết về linh kiện  3A / 52KHz Buck Switching Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TSC [Taiwan Semiconductor Company, Ltd]
Trang chủ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2576 bảng dữ liệu(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS2576_07 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2576_07 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2576_07 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2576_07 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2576_07 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2576_07 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2576_07 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS2576_07 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TS2576
3A / 52KHz Buck Switching Regulator
1/8
Version: A07
TO-220-5L
TO-263-5L
(D
2PAK)
General Description
TS2576 Series are step-down switching regulators with all required active functions. It is capable of driving 3A load
with excellent line and load regulations. These devices are available in fixed output voltages of 3.3V, 5V and
adjustable output version.
TS2576 series operates at a switching frequency of 52kHz thus allowing smaller sized filter components than what
would be needed with lower frequency switching regulators. It substantially not only reduces the area of board size
but also the size of heat sink, and in some cases no heat sink is required. The ±4% tolerance on output voltage within
specified input voltages and output load conditions is guaranteed. Also, the oscillator frequency accuracy is within
±10%. External shutdown is included. Featuring 70µA (typical) standby current. The output switch includes cycle-by-
cycle current limiting, as well as thermal shutdown for full protection under fault conditions.
Ordering Information
Part No.
Package
Packing
TS2576CZ5xx C0
TO-220-5L
50pcs / Tube
TS2576CM5xx RN
TO-263-5L
800pcs / 13” Reel
Note: Where xx denotes voltage option, available are
50= 5.0V
33= 3.3V
Leave blank for adjustable version
Features
Output Voltage: 3.3V, 5V & Adjustable version
Adjustable Output Voltage Range 1.23V~37V ±4%
52kHz fixed switching frequency
Voltage Mode Non-synchronous PWM control
Thermal Shutdown and Current Limit Protection
ON/OFF Shutdown Control Input
High Efficiency
Short Circuit Protect (SCP)
Operating Voltage Can be up to 40V
Output Load Current 3A
Low Power Standby Mode
P+ Product Enhancement Tested
Application
Simple High-efficiency Step down Regulator
On-Card Switching Regulators
Positive to Negative Converter
Absolute Maximum Rating
Parameter
Symbol
Limit
Unit
Maximum Supply Voltage
VCC
+45
V
Recommend Operating Supply Voltage
VOP
4.5 to 40
V
SW, EN Pin Input Voltage
VSW, VEN
-0.3 to +25
V
Feedback Pin Voltage
VFB
-0.3 to +25
V
Power Dissipation
PD
Internally Limited
W
Output Voltage to Ground
VOUT
-1
V
Storage Temperature Range
TST
-65 to +150
oC
Operating Temperature Range
TOP
-40 to +125
oC
ESD Susceptibility (HBM)
2
kV
Pin Definition:
1. Input
2. SW Output
3. Ground
4. Feedback
5. Enable


Số phần tương tự - TS2576_07

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576_08 Datasheet
398Kb / 8P
   3A / 52KHz Buck Switching Regulator
More results

Mô tả tương tự - TS2576_07

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576_08 Datasheet
398Kb / 8P
   3A / 52KHz Buck Switching Regulator
logo
Micrel Semiconductor
LM2576 MICREL-LM2576_05 Datasheet
64Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2576-5.0WU MICREL-LM2576-5.0WU Datasheet
64Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2576-5.0WT MICREL-LM2576-5.0WT Datasheet
58Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2576 MICREL-LM2576 Datasheet
89Kb / 8P
   52kHz Simple 3A Buck Voltage Regulator
logo
Taiwan Semiconductor Co...
TS2580 TSC-TS2580 Datasheet
109Kb / 5P
   2A / 52KHz Buck Switching Regulator
logo
HTC Korea TAEJIN Techno...
LM2576 HTC-LM2576_11 Datasheet
413Kb / 11P
   3A, 52kHz, Step-Down Switching Regulator
LM2576HV HTC-LM2576HV Datasheet
592Kb / 7P
   3A, 52kHz, Step-down Switching Regulator
logo
TECH PUBLIC Electronics...
LM2576HVS-ADJ TECHPUBLIC-LM2576HVS-ADJ Datasheet
1Mb / 6P
   3A | 52kHz Step-Down Switching Regulator
LM2576HVS-5.0 TECHPUBLIC-LM2576HVS-5.0 Datasheet
1Mb / 6P
   3A | 52kHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com