công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP73838TYAIUN bảng dữ liệu(PDF) 6 Page - Microchip Technology

tên linh kiện MCP73838TYAIUN
Giải thích chi tiết về linh kiện  Advanced Stand-Alone Li-Ion / Li-Polymer Battery Charge Management Controller with Autonomous AC-Adapter or USB-Port Source Selection
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73838TYAIUN bảng dữ liệu(HTML) 6 Page - Microchip Technology

Back Button MCP73838TYAIUN Datasheet HTML 2Page - Microchip Technology MCP73838TYAIUN Datasheet HTML 3Page - Microchip Technology MCP73838TYAIUN Datasheet HTML 4Page - Microchip Technology MCP73838TYAIUN Datasheet HTML 5Page - Microchip Technology MCP73838TYAIUN Datasheet HTML 6Page - Microchip Technology MCP73838TYAIUN Datasheet HTML 7Page - Microchip Technology MCP73838TYAIUN Datasheet HTML 8Page - Microchip Technology MCP73838TYAIUN Datasheet HTML 9Page - Microchip Technology MCP73838TYAIUN Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
MCP73837/8
DS22071A-page 6
© 2007 Microchip Technology Inc.
Timer Enable (TE)
Input High Voltage Level
VIH
2—
V
Input Low Voltage Level
VIL
——
0.8
V
Input Leakage Current
ILK
—0.01
1
µA
VTE = VDD
Thermistor Bias
Thermistor Current Source
ITHERM
47
50
53
µA
2 k
Ω < RTHERM < 50 kΩ
Thermistor Comparator
Upper Trip Threshold
VT1
1.20
1.23
1.26
V
VT1 Low to High
Upper Trip Point Hysteresis
VT1HYS
—-40
mV
Lower Trip Threshold
VT2
0.235
0.250
0.265
V
VT2 High to Low
Lower Trip Point Hysteresis
VT2HYS
—40
mV
System Test (LDO) Mode
Input High Voltage Level
VIH
——
VDD - 0.1
V
THERM Input Sink Current
ISINK
3
5.5
20
µA
Stand-by Or System Test
Mode
Bypass Capacitance
CBAT
1
4.7
——
µF
µF
IOUT < 250 mA
IOUT > 250 mA
Automatic Power Down (SLEEP Comparator, Direction Control)
Automatic Power Down Entry
Threshold
VPD
VBAT +
10 mV
VBAT +
100 mV
V
2.3V < VBAT < VREG
VDD Falling
Automatic Power Down Exit Threshold
VPDEXIT
-VBAT +
150 mV
VBAT +
250 mV
V2.3V < VBAT < VREG
VDD Rising
Thermal Shutdown
Die Temperature
TSD
150
°C
Die Temperature Hysteresis
TSDHYS
—10
°C
DC CHARACTERISTICS (Continued)
Electrical Specifications: Unless otherwise indicated, all limits apply for VDD= [VREG(typical) + 0.3V] to 6V,
TA = -40°C to +85°C. Typical values are at +25°C, VDD = [VREG (typical) + 1.0V]
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1:
The supply voltage (VDD) = VAC when input power source is from Ac-Adapter and the supply voltage (VDD) = VUSB
when input power source is from USB-Port.
2:
The value is guaranteed by design and not production tested.
3:
The current is based on the ratio of selected current regulation (IREG).
4:
The maximum charge impedance has to be less than shutdown impedance for normal operation.


Số phần tương tự - MCP73838TYAIUN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP73838T-6SI/MF MICROCHIP-MCP73838T-6SI/MF Datasheet
1Mb / 36P
   Advanced Stand-Alone Li-Ion/Li-Polymer Battery Charge Management Controller with Autonomous AC Adapter or USB Port Source Selection
07/14/15
MCP73838T-6SI/UN MICROCHIP-MCP73838T-6SI/UN Datasheet
1Mb / 36P
   Advanced Stand-Alone Li-Ion/Li-Polymer Battery Charge Management Controller with Autonomous AC Adapter or USB Port Source Selection
07/14/15
MCP73838T-AMI/MF MICROCHIP-MCP73838T-AMI/MF Datasheet
1Mb / 36P
   Advanced Stand-Alone Li-Ion/Li-Polymer Battery Charge Management Controller with Autonomous AC Adapter or USB Port Source Selection
07/14/15
MCP73838T-AMI/UN MICROCHIP-MCP73838T-AMI/UN Datasheet
1Mb / 36P
   Advanced Stand-Alone Li-Ion/Li-Polymer Battery Charge Management Controller with Autonomous AC Adapter or USB Port Source Selection
07/14/15
MCP73838T-B6I/MF MICROCHIP-MCP73838T-B6I/MF Datasheet
1Mb / 36P
   Advanced Stand-Alone Li-Ion/Li-Polymer Battery Charge Management Controller with Autonomous AC Adapter or USB Port Source Selection
07/14/15
More results

Mô tả tương tự - MCP73838TYAIUN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP73837 MICROCHIP-MCP73837_15 Datasheet
1Mb / 36P
   Advanced Stand-Alone Li-Ion/Li-Polymer Battery Charge Management Controller with Autonomous AC Adapter or USB Port Source Selection
07/14/15
MCP73833T-AMI MICROCHIP-MCP73833T-AMI Datasheet
1Mb / 26P
   Stand-Alone Linear Li-Ion / Li-Polymer Charge Management Controller
08/29/06
MCP73833 MICROCHIP-MCP73833 Datasheet
1Mb / 26P
   Stand-Alone Linear Li-Ion / Li-Polymer Charge Management Controller
2006
MCP73833 MICROCHIP-MCP73833_09 Datasheet
1Mb / 32P
   Stand-Alone Linear Li-Ion / Li-Polymer Charge Management Controller
2009
MCP73871 MICROCHIP-MCP73871_13 Datasheet
1Mb / 40P
   Stand-Alone System Load Sharing and Li-Ion/Li-Polymer Battery Charge Management Controller
08/20/13
MCP73871 MICROCHIP-MCP73871_V01 Datasheet
1,009Kb / 36P
   Stand-Alone System Load Sharing and Li-Ion/Li-Polymer Battery Charge Management Controller
Revision F February 2022
MCP73871 MICROCHIP-MCP73871 Datasheet
670Kb / 38P
   Stand-Alone System Load Sharing and Li-Ion / Li-Polymer Battery Charge Management Controller
2009
logo
Texas Instruments
BQ24618 TI-BQ24618 Datasheet
1Mb / 36P
[Old version datasheet]   Stand-Alone USB-Friendly Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger
logo
Microchip Technology
MCP73853 MICROCHIP-MCP73853_13 Datasheet
799Kb / 32P
   USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
11/29/11 2004-2013
MCP73853-I MICROCHIP-MCP73853-I Datasheet
275Kb / 24P
   USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
10/20/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com