công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP73837TYAIUN bảng dữ liệu(PDF) 8 Page - Microchip Technology

tên linh kiện MCP73837TYAIUN
Giải thích chi tiết về linh kiện  Advanced Stand-Alone Li-Ion / Li-Polymer Battery Charge Management Controller with Autonomous AC-Adapter or USB-Port Source Selection
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73837TYAIUN bảng dữ liệu(HTML) 8 Page - Microchip Technology

Back Button MCP73837TYAIUN Datasheet HTML 4Page - Microchip Technology MCP73837TYAIUN Datasheet HTML 5Page - Microchip Technology MCP73837TYAIUN Datasheet HTML 6Page - Microchip Technology MCP73837TYAIUN Datasheet HTML 7Page - Microchip Technology MCP73837TYAIUN Datasheet HTML 8Page - Microchip Technology MCP73837TYAIUN Datasheet HTML 9Page - Microchip Technology MCP73837TYAIUN Datasheet HTML 10Page - Microchip Technology MCP73837TYAIUN Datasheet HTML 11Page - Microchip Technology MCP73837TYAIUN Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
MCP73837/8
DS22071A-page 8
© 2007 Microchip Technology Inc.
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, VDD = [VREG(typical) + 1V], IOUT = 30 mA, and TA= +25°C, Constant-voltage mode.
FIGURE 2-1:
Battery Regulation Voltage
(VBAT) vs. Supply Voltage (VDD).
FIGURE 2-2:
Battery Regulation Voltage
(VBAT) vs. Ambient Temperature (TA).
FIGURE 2-3:
Output Leakage Current
(IDISCHARGE) vs. Battery Regulation Voltage
(VBAT).
FIGURE 2-4:
Output Leakage Current
(IDISCHARGE) vs. Ambient Temperature (TA).
FIGURE 2-5:
Output Leakage Current
(IDISCHARGE) vs. Battery Voltage (VBAT).
FIGURE 2-6:
Charge Current (IOUT) vs.
Programming Resistor (RPROG).
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
4.160
4.165
4.170
4.175
4.180
4.185
4.190
4.195
4.200
4.205
4.210
4.54.8
5.05.3
5.55.8
6.0
Supply Voltage (V)
TEMP = 25°C
IOUT = 10 mA
IOUT = 100 mA
IOUT = 500 mA
IOUT = 1000 mA
IOUT = 50 mA
4.170
4.175
4.180
4.185
4.190
4.195
4.200
4.205
4.210
-40 -30 -20 -10 0 102030 40 50607080
Ambient Temperature (°C)
IOUT = 10 mA
VDD = 5.2V
IOUT = 1000 mA
IOUT = 500 mA
IOUT = 100 mA
IOUT = 50 mA
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
3.0 3.1 3.2 3.3 3.4 3.5 3.6 3.7 3.8 3.9 4.0 4.1 4.2
Battery Voltage (V)
VDD = VBAT
TEMP = 25 °C
0.0
0.4
0.8
1.2
1.6
2.0
-40 -30 -20 -10 0 1020304050607080
Temperature (°C)
VDD = Floating
VBAT = 4.2V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
3.0 3.1 3.2 3.3 3.4 3.5 3.6 3.7 3.8 3.9 4.0 4.1 4.2
Battery Voltage (V)
VDD = Floating
TEMP = +25°C
0
100
200
300
400
500
600
700
800
900
1000
1
6 11 16 21 26 31 36 41 46 51 56 61
RPROG (kΩ)
VDD = 5.2V
Temp = 25°C


Số phần tương tự - MCP73837TYAIUN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP73837T-6SI/MF MICROCHIP-MCP73837T-6SI/MF Datasheet
1Mb / 36P
   Advanced Stand-Alone Li-Ion/Li-Polymer Battery Charge Management Controller with Autonomous AC Adapter or USB Port Source Selection
07/14/15
MCP73837T-6SI/UN MICROCHIP-MCP73837T-6SI/UN Datasheet
1Mb / 36P
   Advanced Stand-Alone Li-Ion/Li-Polymer Battery Charge Management Controller with Autonomous AC Adapter or USB Port Source Selection
07/14/15
MCP73837T-AMI/MF MICROCHIP-MCP73837T-AMI/MF Datasheet
1Mb / 36P
   Advanced Stand-Alone Li-Ion/Li-Polymer Battery Charge Management Controller with Autonomous AC Adapter or USB Port Source Selection
07/14/15
MCP73837T-AMI/UN MICROCHIP-MCP73837T-AMI/UN Datasheet
1Mb / 36P
   Advanced Stand-Alone Li-Ion/Li-Polymer Battery Charge Management Controller with Autonomous AC Adapter or USB Port Source Selection
07/14/15
MCP73837T-B6I/MF MICROCHIP-MCP73837T-B6I/MF Datasheet
1Mb / 36P
   Advanced Stand-Alone Li-Ion/Li-Polymer Battery Charge Management Controller with Autonomous AC Adapter or USB Port Source Selection
07/14/15
More results

Mô tả tương tự - MCP73837TYAIUN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP73837 MICROCHIP-MCP73837_15 Datasheet
1Mb / 36P
   Advanced Stand-Alone Li-Ion/Li-Polymer Battery Charge Management Controller with Autonomous AC Adapter or USB Port Source Selection
07/14/15
MCP73833T-AMI MICROCHIP-MCP73833T-AMI Datasheet
1Mb / 26P
   Stand-Alone Linear Li-Ion / Li-Polymer Charge Management Controller
08/29/06
MCP73833 MICROCHIP-MCP73833 Datasheet
1Mb / 26P
   Stand-Alone Linear Li-Ion / Li-Polymer Charge Management Controller
2006
MCP73833 MICROCHIP-MCP73833_09 Datasheet
1Mb / 32P
   Stand-Alone Linear Li-Ion / Li-Polymer Charge Management Controller
2009
MCP73871 MICROCHIP-MCP73871_13 Datasheet
1Mb / 40P
   Stand-Alone System Load Sharing and Li-Ion/Li-Polymer Battery Charge Management Controller
08/20/13
MCP73871 MICROCHIP-MCP73871_V01 Datasheet
1,009Kb / 36P
   Stand-Alone System Load Sharing and Li-Ion/Li-Polymer Battery Charge Management Controller
Revision F February 2022
MCP73871 MICROCHIP-MCP73871 Datasheet
670Kb / 38P
   Stand-Alone System Load Sharing and Li-Ion / Li-Polymer Battery Charge Management Controller
2009
logo
Texas Instruments
BQ24618 TI-BQ24618 Datasheet
1Mb / 36P
[Old version datasheet]   Stand-Alone USB-Friendly Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger
logo
Microchip Technology
MCP73853 MICROCHIP-MCP73853_13 Datasheet
799Kb / 32P
   USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
11/29/11 2004-2013
MCP73853-I MICROCHIP-MCP73853-I Datasheet
275Kb / 24P
   USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
10/20/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com