công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM26LS32ACDE4 bảng dữ liệu(PDF) 3 Page - Texas Instruments |
|
|
AM26LS32ACDE4 bảng dữ liệu(HTML) 3 Page - Texas Instruments |
3 / 23 page www.ti.com 100k 100k 8.3k 85 20k 960 960 ABSOLUTE MAXIMUM RATINGS (1) AM26LS32AC ,, AM26LS32AI,, AM26LS33AC AM26LS32AM, AM26LS33AM QUADRUPLE DIFFERENTIAL LINE RECEIVERS SLLS115E – OCTOBER 1980 – REVISED OCTOBER 2007 SCHEMATICS OF INPUTS AND OUTPUTS over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT VCC Supply voltage(2) 7 V Any differential input ±25 VI Input voltage V Other inputs 7 VID Differential input voltage(3) ±25 V Continuous total power dissipation See Dissipation Ratings Table D package 73 N package 67 θJA Package thermal impedance(4) °C/W NS package 64 PW package 108 TC Case temperature for 60 seconds FK package 260 °C Lead temperature 1.6 mm (1/16 inch) from case for 10 D or N package 260 °C seconds Lead temperature 1.6 mm (1/16 inch) from case for 60 J package 300 °C seconds Tstg Storage temperature range –65 150 °C (1) Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) All voltage values, except differential voltages, are with respect to the network ground terminal. (3) Differential voltage values are at the noninverting (A) input terminals with respect to the inverting (B) input terminals. (4) The package thermal impedance is calculated in accordance with JESD 51-7. Copyright © 1980–2007, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Link(s): AM26LS32AC AM26LS32AI AM26LS33AC AM26LS32AM AM26LS33AM |
Số phần tương tự - AM26LS32ACDE4 |
|
Mô tả tương tự - AM26LS32ACDE4 |