công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD5422 bảng dữ liệu(PDF) 6 Page - Analog Devices

tên linh kiện AD5422
Giải thích chi tiết về linh kiện  Single Channel, 16-Bit, Serial Input, Current Source & Voltage Output DAC
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD5422 bảng dữ liệu(HTML) 6 Page - Analog Devices

Back Button AD5422 Datasheet HTML 2Page - Analog Devices AD5422 Datasheet HTML 3Page - Analog Devices AD5422 Datasheet HTML 4Page - Analog Devices AD5422 Datasheet HTML 5Page - Analog Devices AD5422 Datasheet HTML 6Page - Analog Devices AD5422 Datasheet HTML 7Page - Analog Devices AD5422 Datasheet HTML 8Page - Analog Devices AD5422 Datasheet HTML 9Page - Analog Devices AD5422 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
AD5422
Preliminary Technical Data
Rev. PrE | Page 6 of 37
Parameter
Value1
Unit
Test Conditions/Comments
DIGITAL INPUTS2
DVCC = 2.7 V to 5.5 V, JEDEC compliant
VIH, Input High Voltage
2
V min
VIL, Input Low Voltage
0.8
V max
Input Current
±1
µA max
Per pin
Pin Capacitance
10
pF typ
Per pin
DIGITAL OUTPUTS 2
SDO
VOL, Output Low Voltage
0.4
V max
sinking 200 µA
VOH, Output High Voltage
DVCC − 0.5
V min
sourcing 200 µA
High Impedance Leakage
Current
±1
µA max
High Impedance Output
Capacitance
5
pF typ
FAULT
VOL, Output Low Voltage
0.4
V max
10k
Ω pull-up resistor to DV
CC
VOL, Output Low Voltage
0.6
V typ
@ 2.5 mA
VOH, Output High Voltage
3.6
V min
10k
Ω pull-up resistor to DV
CC
POWER REQUIREMENTS
AVDD
10.8 to 40
V min to V max
AVSS
-26.4 to 0
V min to V max
DVCC
Input Voltage
2.7 to 5.5
V min to V max
Internal supply disabled
Output Voltage
4.5
V typ
DVCC can be overdriven up to 5.5V
Output Load Current
5
mA typ
Short Circuit Current
20
mA typ
AIDD
TBD
mA
Output unloaded
AISS
TBD
mA
Output unloaded
DICC
1
mA max
VIH = DVCC, VIL = GND, TBD mA typ
Power Dissipation
TBD
mW typ
AVDD = 40V, AVSS = 0 V, VOUT unloaded
TBD
mW typ
AVDD = 40V, AVSS = -15 V, VOUT unloaded
TBD
mW typ
AVDD = 15V, AVSS = -15 V, VOUT unloaded
1 Temperature range: -40°C to +85°C; typical at +25°C.
2 Guaranteed by characterization. Not production tested.


Số phần tương tự - AD5422

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5422 AD-AD5422 Datasheet
276Kb / 29P
   Single Channel, 16-Bit, Serial Input, Current Source DAC
Rev. PrD
AD5422 AD-AD5422 Datasheet
334Kb / 38P
   Single Channel, 12/16-Bit, Serial Input, Current Source & Voltage Output DAC
Rev. PrF
AD5422 AD-AD5422 Datasheet
1Mb / 40P
   Single Channel, 12-/16-Bit, Serial Input, Current Source and Voltage Output DACs
REV. A
AD5422 AD-AD5422 Datasheet
695Kb / 36P
   Industrial Current/Voltage Output Driver
REV. D
AD5422 AD-AD5422 Datasheet
502Kb / 20P
   Low Power HART Modem
REV. A
More results

Mô tả tương tự - AD5422

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5412 AD-AD5412 Datasheet
334Kb / 38P
   Single Channel, 12/16-Bit, Serial Input, Current Source & Voltage Output DAC
Rev. PrF
AD5420 AD-AD5420 Datasheet
276Kb / 29P
   Single Channel, 16-Bit, Serial Input, Current Source DAC
Rev. PrD
AD5410 AD-AD5410_08 Datasheet
291Kb / 30P
   Single Channel, 16-Bit, Serial Input, Current Source DAC
Rev. PrE
AD5412 AD-AD5412_09 Datasheet
1Mb / 40P
   Single Channel, 12-/16-Bit, Serial Input, Current Source and Voltage Output DACs
REV. A
AD5360 AD-AD5360 Datasheet
284Kb / 25P
   16-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
Rev. PrF
AD5360 AD-AD5360_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5370 AD-AD5370_15 Datasheet
652Kb / 29P
   40-Channel,16-Bit, Serial Input, Voltage Output DAC
REV. 0
AD5360 AD-AD5360_08 Datasheet
825Kb / 28P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5361 AD-AD5361_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5543 AD-AD5543 Datasheet
259Kb / 12P
   Current Output/ Serial Input, 16-/14-Bit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com