công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM1203A bảng dữ liệu(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LM1203A
Giải thích chi tiết về linh kiện  150 MHz RGB Video Amplifier System
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1203A bảng dữ liệu(HTML) 1 Page - National Semiconductor (TI)

  LM1203A Datasheet HTML 1Page - National Semiconductor (TI) LM1203A Datasheet HTML 2Page - National Semiconductor (TI) LM1203A Datasheet HTML 3Page - National Semiconductor (TI) LM1203A Datasheet HTML 4Page - National Semiconductor (TI) LM1203A Datasheet HTML 5Page - National Semiconductor (TI) LM1203A Datasheet HTML 6Page - National Semiconductor (TI) LM1203A Datasheet HTML 7Page - National Semiconductor (TI) LM1203A Datasheet HTML 8Page - National Semiconductor (TI) LM1203A Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TLH11441
January 1996
LM1203A
150 MHz RGB Video Amplifier System
General Description
The LM1203A is an improved version of the popular
LM1203 wideband video amplifier system The device is in-
tended for high resolution RGB CRT monitors In addition to
three matched video amplifiers the LM1203A contains
three gated differential input black level clamp comparators
for brightness control and three matched attenuator circuits
for contrast control Each video amplifier contains a gain set
or ‘‘Drive’’ node for setting maximum system gain or provid-
ing gain trim capability for white balance The LM1203A also
contains a voltage reference for the video inputs The
LM1203A is pin and function compatible with the LM1203
Features
Y
Three wideband video amplifiers 150 MHz
b
3dB
Y
Matched (g01 dB or 12%) attenuators for contrast
control
Y
Three externally gated comparators for brightness
control
Y
Provisions for individual gain control (Drive) of each
video amplifier
Y
Video input voltage reference
Y
Low impedance output driver
Improvements over LM1203
Y
150 MHz vs 70 MHz bandwidth
Y
VOUT low 015V vs 09V
Y
tr tf 4nsvs7ns
Y
Built in power down spot killer
Applications
Y
High resolution RGB CRT monitors
Y
Video AGC amplifiers
Y
Wideband amplifiers with gain and DC offset controls
Block and Connection Diagrams
TLH11441 – 1
FIGURE 1
Order Number LM1203AN
See NS Package Number N28B
C1996 National Semiconductor Corporation
RRD-B30M66Printed in U S A


Số phần tương tự - LM1203A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM1203A-N TI1-LM1203A-N Datasheet
555Kb / 20P
[Old version datasheet]   LM1203A 150 MHz RGB Video Amplifier System
More results

Mô tả tương tự - LM1203A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM1204 NSC-LM1204 Datasheet
399Kb / 20P
   150 MHz RGB Video Amplifier System
logo
Texas Instruments
LM1203A-N TI1-LM1203A-N Datasheet
555Kb / 20P
[Old version datasheet]   LM1203A 150 MHz RGB Video Amplifier System
logo
National Semiconductor ...
LM1203B NSC-LM1203B Datasheet
291Kb / 16P
   100 MHz RGB Video Amplifier System
logo
Texas Instruments
LM1203C TI1-LM1203C Datasheet
509Kb / 7P
[Old version datasheet]   RGB VIDEO-AMPLIFIER SYSTEM
logo
National Semiconductor ...
LM1203 NSC-LM1203 Datasheet
559Kb / 16P
   RGB Video Amplifier System
LM1267 NSC-LM1267 Datasheet
1Mb / 20P
   150 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
logo
Texas Instruments
LM1279 TI1-LM1279 Datasheet
798Kb / 20P
[Old version datasheet]   110 MHz RGB Video Amplifier System with OSD
logo
National Semiconductor ...
LM1279 NSC-LM1279 Datasheet
533Kb / 14P
   110 MHz RGB Video Amplifier System with OSD
LM1208 NSC-LM1208 Datasheet
917Kb / 23P
   130 MHz/85 MHz RGB Video Amplifier System with Blanking
LM1209 NSC-LM1209 Datasheet
391Kb / 24P
   130 MHz/100 MHz RGB Video Amplifier System with Blanking
January 1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com