công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM26LV31CDRG4 bảng dữ liệu(PDF) 7 Page - Texas Instruments |
|
|
AM26LV31CDRG4 bảng dữ liệu(HTML) 7 Page - Texas Instruments |
7 / 14 page www.ti.com PARAMETER MEASUREMENT INFORMATION Input tPZL tPLZ VCC 50% 50% 0 V Output VOL 50% VOLTAGE WAVEFORMS Voff ≈VCC 0.3 V NOTES: A. CL includes probe and jig capacitance. B. The input pulse is supplied by a generator having the following characteristics: PRR = 1 MHz, ZO = 50 Ω, 50% duty cycle, tr and tf (10% to 90%) ≤ 2 ns. C. To test the active-low enable G, ground G and apply an inverted waveform to G. S1 Generator (see Note B) 50 Ω VCC RL = 110 Ω CL = 15 pF (see Note A) VCC (see Note C) Output TEST CIRCUIT VCC A Y Z G G AM26LV31C, AM26LV31I LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVERS SLLS201G – MAY 1995 – REVISED MAY 2005 Figure 4. Test Circuit and Voltage Waveforms, tPZL and tPLZ 7 |
Số phần tương tự - AM26LV31CDRG4 |
|
Mô tả tương tự - AM26LV31CDRG4 |