công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SST29LE010-250-3I-WH bảng dữ liệu(PDF) 2 Page - Silicon Storage Technology, Inc

tên linh kiện SST29LE010-250-3I-WH
Giải thích chi tiết về linh kiện  1 Megabit (128K x 8) Page Mode EEPROM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SST [Silicon Storage Technology, Inc]
Trang chủ  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST29LE010-250-3I-WH bảng dữ liệu(HTML) 2 Page - Silicon Storage Technology, Inc

  SST29LE010-250-3I-WH Datasheet HTML 1Page - Silicon Storage Technology, Inc SST29LE010-250-3I-WH Datasheet HTML 2Page - Silicon Storage Technology, Inc SST29LE010-250-3I-WH Datasheet HTML 3Page - Silicon Storage Technology, Inc SST29LE010-250-3I-WH Datasheet HTML 4Page - Silicon Storage Technology, Inc SST29LE010-250-3I-WH Datasheet HTML 5Page - Silicon Storage Technology, Inc SST29LE010-250-3I-WH Datasheet HTML 6Page - Silicon Storage Technology, Inc SST29LE010-250-3I-WH Datasheet HTML 7Page - Silicon Storage Technology, Inc SST29LE010-250-3I-WH Datasheet HTML 8Page - Silicon Storage Technology, Inc SST29LE010-250-3I-WH Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
2
© 1998 Silicon Storage Technology, Inc.
304-04 12/97
1 Megabit Page Mode EEPROM
SST29EE010, SST29LE010, SST29VE010
chip is deselected and only standby power is consumed.
OE# is the output control and is used to gate data from
the output pins. The data bus is in high impedance state
when either CE# or OE# is high. Refer to the read cycle
timing diagram for further details (Figure 3).
Write
The Page Write to the SST29EE010/29LE010/29VE010
should always use the JEDEC Standard Software Data
Protection (SDP) 3-byte command sequence. The
29EE010/29LE010/29VE010 contain the optional
JEDEC approved Software Data Protection scheme.
SST recommends that SDP always be enabled, thus, the
description of the Write operations will be given using the
SDP enabled format. The 3-byte SDP Enable and SDP
Write commands are identical; therefore, any time a
SDP Write command is issued, software data protec-
tion is automatically assured. The first time the 3-byte
SDP command is given, the device becomes SDP en-
abled. Subsequent issuance of the same command
bypasses the data protection for the page being written.
At the end of the desired page write, the entire device
remains protected. For additional descriptions, please
see the application notes on “The Proper Use of JEDEC
Standard Software Data Protection” and “Protecting
Against Unintentional Writes When Using Single Power
Supply Flash Memories” in this data book.
The Write operation consists of three steps. Step 1 is the
three byte load sequence for Software Data Protection.
Step 2 is the byte-load cycle to a page buffer of the
29EE010/29LE010/29VE010. Steps 1 and 2 use the
same timing for both operations. Step 3 is an internally
controlled write cycle for writing the data loaded in the
page buffer into the memory array for nonvolatile stor-
age. During both the SDP 3-byte load sequence and the
byte-load cycle, the addresses are latched by the falling
edge of either CE# or WE#, whichever occurs last. The
data is latched by the rising edge of either CE# or WE#,
whichever occurs first. The internal write cycle is initiated
by the TBLCO timer after the rising edge of WE# or CE#,
whichever occurs first. The write cycle, once initiated, will
continue to completion, typically within 5 ms. See Fig-
ures 4 and 5 for WE# and CE# controlled page write cycle
timing diagrams and Figures 14 and 16 for flowcharts.
The Write operation has three functional cycles: the
Software Data Protection load sequence, the page load
cycle, and the internal write cycle. The Software Data
Protection consists of a specific three byte load se-
quence that allows writing to the selected page and will
leave the 29EE010/29LE010/29VE010 protected at the
end of the page write. The page load cycle consists of
loading 1 to 128 bytes of data into the page buffer. The
internal write cycle consists of the TBLCO time-out and the
write timer operation. During the Write operation, the only
valid reads are Data# Polling and Toggle Bit.
The Page-Write operation allows the loading of up to 128
bytes of data into the page buffer of the 29EE010/
29LE010/29VE010 before the initiation of the internal
write cycle. During the internal write cycle, all the data in
the page buffer is written simultaneously into the memory
array. Hence, the page-write feature of 29EE010/
29LE010/29VE010 allow the entire memory to be written
in as little as 5 seconds. During the internal write cycle,
the host is free to perform additional tasks, such as to
fetch data from other locations in the system to set up the
write to the next page. In each Page-Write operation, all
the bytes that are loaded into the page buffer must have
the same page address, i.e. A7 through A16. Any byte not
loaded with user data will be written to FF.
See Figures 4 and 5 for the page-write cycle timing
diagrams. If after the completion of the 3-byte SDP load
sequence or the initial byte-load cycle, the host loads a
second byte into the page buffer within a byte-load cycle
time (TBLC) of 100 µs, the 29EE010/29LE010/29VE010
will stay in the page load cycle. Additional bytes are then
loaded consecutively. The page load cycle will be termi-
nated if no additional byte is loaded into the page buffer
within 200 µs (TBLCO) from the last byte-load cycle, i.e.,
no subsequent WE# or CE# high-to-low transition after
the last rising edge of WE# or CE#. Data in the page
buffer can be changed by a subsequent byte-load cycle.
The page load period can continue indefinitely, as long
as the host continues to load the device within the byte-
load cycle time of 100 µs. The page to be loaded is
determined by the page address of the last byte loaded.
Software Chip-Erase
The 29EE010/29LE010/29VE010 provide a Chip-Erase
operation, which allows the user to simultaneously clear
the entire memory array to the “1” state. This is useful
when the entire device must be quickly erased.
The Software Chip-Erase operation is initiated by using
a specific six byte-load sequence. After the load se-
quence, the device enters into an internally timed cycle
similar to the write cycle. During the erase operation, the
only valid read is Toggle Bit. See Table 4 for the load
sequence, Figure 9 for timing diagram, and Figure 18 for
the flowchart.


Số phần tương tự - SST29LE010-250-3I-WH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicon Storage Technol...
SST29LE010-250-4C-EH SST-SST29LE010-250-4C-EH Datasheet
326Kb / 26P
   1 Mbit (128K x8) Page-Mode EEPROM
SST29LE010-250-4C-EH SST-SST29LE010-250-4C-EH Datasheet
267Kb / 26P
   1 Megabit (128K x8) Page-Mode EEPROM
SST29LE010-250-4C-NH SST-SST29LE010-250-4C-NH Datasheet
326Kb / 26P
   1 Mbit (128K x8) Page-Mode EEPROM
SST29LE010-250-4C-NH SST-SST29LE010-250-4C-NH Datasheet
267Kb / 26P
   1 Megabit (128K x8) Page-Mode EEPROM
SST29LE010-250-4C-PH SST-SST29LE010-250-4C-PH Datasheet
326Kb / 26P
   1 Mbit (128K x8) Page-Mode EEPROM
More results

Mô tả tương tự - SST29LE010-250-3I-WH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicon Storage Technol...
SST29EE010A SST-SST29EE010A Datasheet
256Kb / 26P
   1 Megabit (128K x 8) Page Mode EEPROM
SST29EE010 SST-SST29EE010_00 Datasheet
267Kb / 26P
   1 Megabit (128K x8) Page-Mode EEPROM
logo
Maxwell Technologies
28C010T MAXWELL-28C010T Datasheet
359Kb / 20P
   1 Megabit (128K x 8-Bit) EEPROM
28C011T MAXWELL-28C011T Datasheet
348Kb / 19P
   1 Megabit (128K x 8-Bit) EEPROM
logo
ATMEL Corporation
AT28C010 ATMEL-AT28C010_06 Datasheet
410Kb / 17P
   1-megabit (128K x 8) Paged Parallel EEPROM
logo
Maxwell Technologies
28LV010 MAXWELL-28LV010 Datasheet
363Kb / 20P
   3.3V 1 Megabit (128K x 8-Bit) EEPROM
28LV011 MAXWELL-28LV011 Datasheet
305Kb / 19P
   3.3V 1 Megabit (128K x 8-Bit) EEPROM
logo
Silicon Storage Technol...
SST29EE010 SST-SST29EE010 Datasheet
326Kb / 26P
   1 Mbit (128K x8) Page-Mode EEPROM
logo
Force Technologies Ltd
FT27C010 FORCE-FT27C010 Datasheet
809Kb / 11P
   1-Megabit (128K x 8) UVEPROM
logo
ATMEL Corporation
AT27C010 ATMEL-AT27C010_07 Datasheet
343Kb / 14P
   1-Megabit (128K x 8) OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com