công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SST29LE010-250-4I-NH bảng dữ liệu(PDF) 5 Page - Silicon Storage Technology, Inc |
|
SST29LE010-250-4I-NH bảng dữ liệu(HTML) 5 Page - Silicon Storage Technology, Inc |
5 / 27 page 5 © 1998 Silicon Storage Technology, Inc. 304-04 12/97 1 Megabit Page Mode EEPROM SST29EE010, SST29LE010, SST29VE010 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 FIGURE 2: PIN ASSIGNMENTS FOR 32-PIN PLASTIC DIPS AND 32-LEAD PLCCS FIGURE 1: PIN ASSIGNMENTS FOR 32-PIN TSOP PACKAGES 304 MSW F01.1 304 MSW F02.1 TABLE 2: PIN DESCRIPTION Symbol Pin Name Functions A16-A7 Row Address Inputs To provide memory addresses. Row addresses define a page for a write cycle. A6-A0 Column Address Column Addresses are toggled to load page data. Inputs DQ7-DQ0 Data Input/output To output data during read cycles and receive input data during write cycles. Data is internally latched during a write cycle. The outputs are in tri-state when OE# or CE# is high. CE# Chip Enable To activate the device when CE# is low. OE# Output Enable To gate the data output buffers. WE# Write Enable To control the write operations Vcc Power Supply To provide 5-volt supply (± 10%) for the 29EE010, 3-volt supply (3.0-3.6V) for the 29LE010 and 2.7-volt supply (2.7-3.6V) for the 29VE010 Vss Ground NC No Connection Unconnected pins. 304 PGM T2.0 Standard Pinout Top View Die up OE# A10 CE# DQ7 DQ6 DQ5 DQ4 DQ3 Vss DQ2 DQ1 DQ0 A0 A1 A2 A3 A11 A9 A8 A13 A14 NC WE# Vcc NC A16 A15 A12 A7 A6 A5 A4 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 32-Lead PLCC Top View A7 A6 A5 A4 A3 A2 A1 A0 DQ0 5 6 7 8 9 10 11 12 13 29 28 27 26 25 24 23 22 21 A14 A13 A8 A9 A11 OE# A10 CE# DQ7 DQ1 Vss DQ4 DQ6 DQ2 DQ3 DQ5 14 15 16 17 18 19 20 4 3 2 1 32 31 30 A15 NC WE# A12 A16 Vcc NC Top View 32-Pin PDIP NC A16 A15 A12 A7 A6 A5 A4 A3 A2 A1 A0 DQ0 DQ1 DQ2 Vss 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 Vcc WE# NC A14 A13 A8 A9 A11 OE# A10 CE# DQ7 DQ6 DQ5 DQ4 DQ3 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 |
Số phần tương tự - SST29LE010-250-4I-NH |
|
Mô tả tương tự - SST29LE010-250-4I-NH |