công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC88LV915T bảng dữ liệu(PDF) 9 Page - Motorola, Inc |
|
MC88LV915T bảng dữ liệu(HTML) 9 Page - Motorola, Inc |
9 / 12 page 9 MOTOROLA MC88LV915T System Level Testing Functionality 3–state functionality has been added to the 100MHz version of the MC88LV915T to ease system board testing. Bringing the OE/RST pin low will put all outputs (except for LOCK) into the high impedance state. As long as the PLL_EN pin is low, the Q0–Q4, Q5, and the Q/2 outputs will remain reset in the low state after the OE/RST until a falling SYNC edge is seen. The 2X_Q output will be the inverse of the SYNC signal in this mode. If the 3–state functionality will be used, a pull–up or pull– down resistor must be tied to the FEEDBACK input pin to prevent it from floating when the fedback output goes into high impedance. With the PLL_EN pin low the selected SYNC signal is gated directly into the internal clock distribution network, bypassing and disabling the VCO. In this mode the outputs are directly driven by the SYNC input (per the block diagram). This mode can also be used for low frequency board testing. Note: If the outputs are put into 3–state during normal PLL operation, the loop will be broken and phase–lock will be lost. It will take a maximum of 10mS (tLOCK spec) to regain phase–lock after the OE/RST pin goes back high. Figure 4. Representation of a Potential Multi–Processing Application Utilizing the MC88LV915T for Frequency Multiplication and Low Board–to–Board Skew MC88LV915T PLL 2f 2f MC88LV915T PLL SYSTEM CLOCK SOURCE CPU CARD CPU CARD MEMORY CARDS CMMU CMMU CMMU CMMU CMMU CPU CLOCK @ f CMMU CMMU CMMU CMMU CMMU CPU 2f PLL MEMORY CONTROL CLOCK @ 2f AT POINT OF USE CLOCK @ 2f AT POINT OF USE DISTRIBUTE CLOCK @ f MC88LV915T |
Số phần tương tự - MC88LV915T_01 |
|
Mô tả tương tự - MC88LV915T_01 |