công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SS12A bảng dữ liệu(PDF) 1 Page - List of Unclassifed Manufacturers

tên linh kiện SS12A
Giải thích chi tiết về linh kiện  RATING AND CHARACTERTIC CURVES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

SS12A bảng dữ liệu(HTML) 1 Page - List of Unclassifed Manufacturers

  SS12A Datasheet HTML 1Page - List of Unclassifed Manufacturers SS12A Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
For surface mounted applications
Metal-Semiconductor junction with guarding
Epitaxial construction
Very low forward votage drop
High current capability
●Plastic material has UL flammability
classification 94V-0
For use in lowvoltage, high frequency inverters,
free wheeling, and polarity protection applications.
MECHANICAL DATA
Case: Molded Plastic
Polarity: lndicated by cathode band
Weight: 0.002 ounces,0.053 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
CHARACTERISTICS
SYMBOL
SS12A
SS13A
SS14A
SS15A
SS16A
SS18A
SS110A
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
80
100
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
56
70
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
80
100
V
Maximum Average Forward
Rectified Current
@TL=100 ℃
Peak Forward Surage Current
8.3ms Single Half Sine-Wave
Super Imposed On Rated Load (JEDEC Method)
Maximum Forward Voltage at 1.0A DC
VF
0.45
0.55
0.6
V
Maximum DC Reverse Current
@TJ=25℃
at Rated DC Blocking Voltage
@TJ=100℃
Typical Junction Capacitance (Note1)
CJ
pF
Typical Thermal Resistance (Note2)
RθJL
℃/W
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
SS12A thru SS110A
1.0
~ 147 ~
IFSM
A
mA
IR
0.70
NOTES:1.Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
I(AV)
REVERSE VOLTAGE - 20 to 100 Volts
-55 to + 150
-55 to + 150
FORWARD CURREN - 1.0 Amperes
SURFACE MOUNT
SCHOTTKY BARRIER RECTIFIERS
2.Thermal resistance junction to lead.
Dimensions in inches and (millimeters)
A
40
0.85
1.0
10
110
20
A-SMA
.030(0.76)
.060(1.52)
.103(2.62)
.079(2.00)
.188(4.80)
.208(5.28)
.008(.203)
.002(.051)
.006(.152)
.012(.305)
.157(4.00)
.181(4.60)
.098(2.50)
.114(2.90)
.051(1.30)
.039(1.00)


Số phần tương tự - SS12A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rugao Dachang Electroni...
SS12A DACHANG-SS12A Datasheet
115Kb / 2P
   Surface Mount Schottky Barrier Rectifier Reverse Voltage 20 to 100 V Forward Current 1.0 A
SS12A DACHANG-SS12A Datasheet
115Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Jiangsu High diode Semi...
SS12A HDSEMI-SS12A Datasheet
1Mb / 4P
   SMAK Plastic-Encapsulate Diodes
logo
Shenzhen Luguang Electr...
SS12A LUGUANG-SS12A Datasheet
2Mb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
logo
Yangzhou yangjie electr...
SS12A YANGJIE-SS12A Datasheet
202Kb / 2P
   Schottky Rectifier
More results

Mô tả tương tự - SS12A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Shenzhen Ping Sheng Ele...
SS32B PFS-SS32B Datasheet
155Kb / 2P
   RATING AND CHARACTERTIC CURVES
logo
Shenzhen Luguang Electr...
50SMDG11A LUGUANG-50SMDG11A Datasheet
222Kb / 3P
   Rating and Characteristic Curves 5.0SMDG Series
logo
Jinan Gude Electronic D...
1N4001G JGD-1N4001G Datasheet
139Kb / 2P
   RATINGS AND CHARACTERISTIC CURVES
logo
New Jersey Semi-Conduct...
SM3F NJSEMI-SM3F Datasheet
121Kb / 2P
   Derating Curves
logo
Rohm
SLR343WBC7T3 ROHM-SLR343WBC7T3 Datasheet
164Kb / 5P
   Electrical Characteristics Curves
logo
SUNMATE electronic Co.,...
FMU-12S SUNMATE-FMU-12S Datasheet
450Kb / 2P
   FMU-12S-FMU-16S Ratings AND Charactieristic Curves
logo
List of Unclassifed Man...
J108 ETC-J108 Datasheet
68Kb / 1P
   Performance Curves NIP See Sedion 4
M3500-1324 ETC1-M3500-1324 Datasheet
40Kb / 1P
   2K. PERFORMANCE CURVES FOR M3500-1324
logo
WALSIN TECHNOLOGY CORPO...
MK06S WALSIN-MK06S Datasheet
269Kb / 7P
   Power rating and compact size
WF25S WALSIN-WF25S Datasheet
237Kb / 7P
   Power rating and compact size
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com