công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM26C31ID bảng dữ liệu(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện AM26C31ID
Giải thích chi tiết về linh kiện  QUADRUPLE DIFFERENTIAL LINE DRIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

AM26C31ID bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button AM26C31ID Datasheet HTML 5Page - Texas Instruments AM26C31ID Datasheet HTML 6Page - Texas Instruments AM26C31ID Datasheet HTML 7Page - Texas Instruments AM26C31ID Datasheet HTML 8Page - Texas Instruments AM26C31ID Datasheet HTML 9Page - Texas Instruments AM26C31ID Datasheet HTML 10Page - Texas Instruments AM26C31ID Datasheet HTML 11Page - Texas Instruments AM26C31ID Datasheet HTML 12Page - Texas Instruments AM26C31ID Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
AM26C31
QUADRUPLE DIFFERENTIAL LINE DRIVER
SLLS103J − DECEMBER 1990 − REVISED NOVEMBER 2003
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Enable G Input
(see Note C)
Output WIth
0 V to A Input
VOL + 0.3 V
tPLZ
tPHZ
tPZH
tPZL
C3 =
40 pF
C2 =
40 pF
C1 =
40 pF
Input A
50
50
500
TEST CIRCUIT
VOLTAGE WAVEFORMS
3 V
0 V
1.5 V
VOL
VOH
VOH − 0.3 V
1.5 V
See Note A
G
G
Enable G Input
Output
Output
Output WIth
3 V to A Input
Enable Inputs
(see Note B)
0 V
3 V
1.5 V
S1
NOTES: A. C1, C2, and C3 includes probe and jig capacitance.
B. All input pulses are supplied by generators having the following characteristics: PRR
≤ 1 MHz, duty cycle ≤ 50%, tr < 6 ns, and
tf < 6 ns.
C. Each enable is tested separately.
1.3 V
1.3 V
2 V
0.8 V
Figure 4. Output Enable- and Disable-Time Waveforms and Test Circuit


Số phần tương tự - AM26C31ID

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
AM26C31ID TI-AM26C31ID Datasheet
150Kb / 10P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
REVISED SEPTEMBER 1998
AM26C31ID TI-AM26C31ID Datasheet
608Kb / 21P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31ID TI-AM26C31ID Datasheet
633Kb / 20P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31ID TI-AM26C31ID Datasheet
620Kb / 21P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31ID TI1-AM26C31ID Datasheet
1Mb / 33P
[Old version datasheet]   AM26C31 Quadruple Differential Line Driver
More results

Mô tả tương tự - AM26C31ID

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN75174 TI-SN75174 Datasheet
139Kb / 9P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31 TI-AM26C31_10 Datasheet
620Kb / 21P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31-EP TI1-AM26C31-EP Datasheet
178Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
MC3487 TI-MC3487_06 Datasheet
392Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS172A TI-SN75ALS172A Datasheet
109Kb / 7P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS192 TI-SN75ALS192 Datasheet
156Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26LS31 TI1-AM26LS31_16 Datasheet
1Mb / 28P
[Old version datasheet]   Quadruple Differential Line Driver
AM26C31 TI-AM26C31_08 Datasheet
633Kb / 20P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS174A TI1-SN75ALS174A_18 Datasheet
1Mb / 19P
[Old version datasheet]   Quadruple Differential Line Driver
5962-7802301Q2A TI-5962-7802301Q2A Datasheet
1Mb / 22P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS174ADWR TI1-SN75ALS174ADWR Datasheet
839Kb / 14P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com