công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TA2160FNG bảng dữ liệu(PDF) 3 Page - Toshiba Semiconductor

tên linh kiện TA2160FNG
Giải thích chi tiết về linh kiện  Low Consumption Current Stereo Headphone Amplifier (1.5/3 V use)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2160FNG bảng dữ liệu(HTML) 3 Page - Toshiba Semiconductor

  TA2160FNG Datasheet HTML 1Page - Toshiba Semiconductor TA2160FNG Datasheet HTML 2Page - Toshiba Semiconductor TA2160FNG Datasheet HTML 3Page - Toshiba Semiconductor TA2160FNG Datasheet HTML 4Page - Toshiba Semiconductor TA2160FNG Datasheet HTML 5Page - Toshiba Semiconductor TA2160FNG Datasheet HTML 6Page - Toshiba Semiconductor TA2160FNG Datasheet HTML 7Page - Toshiba Semiconductor TA2160FNG Datasheet HTML 8Page - Toshiba Semiconductor TA2160FNG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
TA2160FNG
2004-05-11
3
Terminal Explanation (terminal voltage: typical terminal voltage at no signal with test
circuit, VCC = 1.3 V, Ta = 25°C)
Terminal
No.
Name
Function
Internal Circuit
Termin
al
Voltage
(V)
1
PRE OUTB
4
PRE OUTA
Input of preamplifier
0.44
17
OUTB
18
OUTC
19
OUTA
Output of power amplifier
0.56
2
PRE NFB
3
PRE NFA
NF of preamplifier
0.7
29
INA
30
INB
Input of preamplifier
0.73
5
VREF
Reference circuit
0.73
27
VREF IN
Input of reference circuit
0.73
6
PRE GND
0
7
BST SW
Boost on/off switch
BST on: H level or open
BST off: L level
Refer to application note 3 (2)
This switch is the control terminal of
the bass boost function. When it is
synchronized with treble boost
function, the external connection with
the PW NF terminal is required. Refer
to application circuit.
12
PW MUTE
Muting switch of power amplifier
PW MUTE OFF: H level or open
PW MUTE ON: L level
Refer to application note 3 (2)
4
27
5
20 k
7
500
VREF
10 pF
3
29


Số phần tương tự - TA2160FNG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TAI-SAW TECHNOLOGY CO.,...
TA2160A TAI-SAW-TA2160A Datasheet
810Kb / 9P
   SAW Filter 1250MHz
logo
Transko Electronics, In...
TA2160AM TRANSKO-TA2160AM Datasheet
425Kb / 4P
   WCDMA, RF-Rx SAW Filter
Revision 0: June 2005
TA2160CM TRANSKO-TA2160CM Datasheet
343Kb / 3P
   Wireless, RF SAW Filter
Revision 0: September 2007
TA2160DM TRANSKO-TA2160DM Datasheet
449Kb / 4P
   Wireless, RF SAW Filter
Revision 0: October 2008
TA2160EM TRANSKO-TA2160EM Datasheet
426Kb / 4P
   Wireless, RF SAW Filter
Revision 0: October 2008
More results

Mô tả tương tự - TA2160FNG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toshiba Semiconductor
TA2152FLG TOSHIBA-TA2152FLG Datasheet
302Kb / 18P
   Low Current Consumption Headphone Amplifier (for 1.5-V/3-V Use)
TA2152FNG TOSHIBA-TA2152FNG Datasheet
276Kb / 16P
   Low Current Consumption Headphone Amplifier (for 1.5-V/3-V Use)
TA2145AFG TOSHIBA-TA2145AFG Datasheet
310Kb / 16P
   3 V Stereo Headphone Amplifier (3 V USE)
TA2120FNG TOSHIBA-TA2120FNG Datasheet
253Kb / 17P
   Low Consumption Current Stereo Headphone Power Amplifier for Portable CD (3V Use)
TA2002F TOSHIBA-TA2002F Datasheet
757Kb / 17P
   STEREO HEADPHONE AMPLIFIER (3V USE)
TA8119P TOSHIBA-TA8119P Datasheet
402Kb / 10P
   STEREO HEADPHONE AMPLIFIER (3V USE)
logo
Sanyo Semicon Device
LA4800V SANYO-LA4800V Datasheet
192Kb / 11P
   3 V Stereo Headphone Power Amplifier
logo
Toshiba Semiconductor
TA7688F TOSHIBA-TA7688F Datasheet
446Kb / 11P
   STEREO HEADPHONE AMPLIFIER (3V USE)
TA8145FN TOSHIBA-TA8145FN Datasheet
312Kb / 8P
   STEREO HEADPHONE AMPLIFIER (1.5V USE)
logo
Sanyo Semicon Device
LA4592W SANYO-LA4592W Datasheet
161Kb / 5P
   1.5-V Preamplifier Power Amplifier for Headphone Stereo Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com