công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese▼

Delete All
ON OFF
ALLDATASHEET.VN

X  

Preview PDF Download HTML

TA48LS00F Datasheet(PDF) 5 Page - Toshiba Semiconductor

tên linh kiện TA48LS00F
Nội dung chi tiết  300 mA Output Current, Variable Output Voltage and Low Dropout Voltage Regulator with ON/OFF Control Switch
tải về  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo 

   
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TA48LS00F
2007-06-22
5
Electrical Characteristics Common to All Products
• Tj = 25°C in the measurement conditions of each item is the standard condition when a pulse test is carried
out, and any drift in the electrical characteristic due to a rise in the junction temperature of the chip may be
disregarded.
Standard Application Circuit
• Be sure to connect a capacitor near the input terminal and output terminal between both terminals and GND.
The use of a monolithic ceramic capacitor (B Characteristic or X7R) of low ESR (equivalent series resistance)
is recommended. The IC may oscillate due to external conditions (output current, temperature, or the type of
the capacitor used). The type of capacitor required must be determined by the actual application circuit in
which the IC is used.
Setting Output Voltage
• The output voltage is determined by the equation shown below. When you control the output voltage with R1,
a recommended value to use for R2 is 5 k
Ω. R1 and R2 must be placed as close as possible to each other, and
the board trace to the ADJ terminal must be kept as short as possible.
)
R2
R1
+
1
(
×
REF
V
=
OUT
V
The notice in case of application
• The IC might be destroyed if a voltage greater than the input terminal voltage is applied to the output
terminal, or if the input terminal is connected to GND during operation. To prevent such an occurrence,
connect a diode as in the following diagram.
• There is a possibility that internal parasitic devices may be generated when momentary transients cause a
terminal’s potential to fall below that of the GND terminal. In such case, that the device could be destroyed.
The voltage of each terminal and any state must therefore never fall below the GND potential.。
• Depending on the load conditions, a steep increase in the input voltage applied (VIN) may cause a momentary
rise in output voltage (VOUT) even if the EN (enable) pin is Low. Treat with care.
CIN
0.33
μF
IN
OUT
EN
ADJ
GND
CPU etc.
Load
COUT
1
μF
TA48LS00F
R1
R2
CIN
0.33
μF
IN
OUT
EN
ADJ
GND
CPU etc.
Load
COUT
1
μF
TA48LS00F
R1
R2



Html Pages

1  2  3  4  5  6  7  8  9 


bảng dữ liệu tải về



tên linh kiện liên quan

Tên linh kiênNội dung chi tiếtHtmlNhà sản xuất
PQ20RX05Variable Output Type Low Power-Loss Voltage Regulator with ON/OFF Control Function 1 2 3 4 5 MoreSharp Electrionic Components
MC33375300 mA Low Dropout Voltage Regulator with On/Off Control 1 2 3 4 5 MoreON Semiconductor
TA48L018FThree-Terminal Low Dropout Voltage Regulator with Output Current of 0.15 A 1 2 3 4 5 MoreToshiba Semiconductor
PQ070VK01FZHVariable Output Low Power-Loss Voltage Regulators with Output ON/OFF Control Function 1 2 3 4 5 MoreSharp Electrionic Components
PQ150VB01FZVariable Output Low Power-Loss Voltage Regulator Built-in Overheart Shutdown function Output ON/OFF control function 1 2 3 4 5 MoreSharp Electrionic Components
NCP623Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control 1 2 3 4 5 MoreON Semiconductor
ISL6421ASingle Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs 1 2 3 4 5 MoreIntersil Corporation
RT9232PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER WITH 1.5V/2.5V DUAL LOW DROPOUT LINEAR REGULATOR CONTROLLER AND REFERENCE OUTPUT 1 2 3 4 5 MoreRichtek Technology Corporation
NCP5661Low Output Voltage Ultra−Fast 1.0 A Low Dropout Linear Regulator with Enable 1 2 3 4 5 MoreON Semiconductor
ISL6422Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs 1 2 3 4 5 MoreIntersil Corporation

Link URL




Privacy Policy
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ]  

Alldatasheet là?   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Đánh dấu trang   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved© Alldatasheet.com


Site nhân bản
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn