công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GS4915-INE3 bảng dữ liệu(PDF) 10 Page - Gennum Corporation |
|
GS4915-INE3 bảng dữ liệu(HTML) 10 Page - Gennum Corporation |
10 / 26 page GS4915 Data Sheet 39145 - 3 November 2007 10 of 26 2.3 AC Electrical Characteristics Table 2-2: AC Electrical Characteristics VDD = 1.8V ±5%, TA = 0ºC to 70ºC, unless otherwise shown Parameter Symbol Conditions Min Typ Max Units Notes Input Jitter Tolerance IJT < 0.5Hz -10 – 10 UI 1 0.5Hz to 1Hz -5 – 5 UI 1 1Hz to 100Hz -1 – 1 UI 1 > 100Hz -0.1 – 0.1 UI 1 Output Jitter Differential Output – 100kHz to 10MHz – 20 – ps – – Unfiltered – 40 – ps – Output Jitter Single-ended Output – 100kHz to 10MHz – 60 – ps – – Unfiltered – 100 – ps – Output Duty Cycle – Differential output 45 – 55 % – Single-ended output 40 – 60 % – Differential Clock Output Rise / Fall Time – 100 Ω diff. load – 500 – ps – Single-ended Clock Output Rise / Fall Time – 10 pF load – 1200 – ps – Input Clock Frequency – – 12 – 165 MHz – Output Clock Frequency – – 12 – 165 MHz – Lock Detect Time tLOCKD Within 300ppm of reference frequency – – 500 us – Unlock Detect Time tUNLOCKD Within 700ppm of reference frequency – – 500 us – Lock Time tLOCK – ––1 s 2 Device Latency – Differential in, Differential out, SKEW_EN = LOW –1.2 – ns – Differential in, Differential out, SKEW_EN = HIGH – 1.2 - Tout/4 –ns – Single ended in, single ended out, SKEW_EN = LOW –3.5 – ns – Single ended in, single ended out, SKEW_EN = HIGH – 3.5 - Tout/4 –ns – Device Latency Difference – – – 750 – ps 3 NOTES: 1. One UI refers to one cycle of the input CLK. 2. Assuming power up has already occured. 3. Difference between cleaning and bypass modes. |
Số phần tương tự - GS4915-INE3 |
|
Mô tả tương tự - GS4915-INE3 |