công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GS4915-INE3 bảng dữ liệu(PDF) 9 Page - Gennum Corporation |
|
GS4915-INE3 bảng dữ liệu(HTML) 9 Page - Gennum Corporation |
9 / 26 page GS4915 Data Sheet 39145 - 3 November 2007 9 of 26 Clock Output Drive Current – 1.8V operation – 10 – mA 2,3,4 3.3V operation – 8 – mA 2,3,4 Differential Input Common Mode Voltage VICM – 1.121.251.38 V – Differential Input Swing VIDIFF – 240 350 460 mV – Differential Clock Output Common Mode Voltage VOCM 100 Ω termination between CLKOUT and CLKOUT –1.45– V – Differential Clock Output Swing VODIFF 100 Ω termination between CLKOUT and CLKOUT 250 350 460 mV 6 NOTES: 1. For all LVCMOS compatible inputs. 2. For LVCMOS compatible output SE_CLK. 3. For LVCMOS compatible output LOCK. 4. While still satisfying VOL max and VOH min. 5. IO_VDD refers to the power supply that supplies the particular pin in question. D_VDD supplies pins 10-21. IN_VDD supplies CLKIN_SE. SE_VDD supplies CLKOUT_SE. 6. Differential swing as defined here: Table 2-1: DC Electrical Characteristics (Continued) VDD = 1.8V ±5%, 3.3V ±5%; TA = -20ºC to 85ºC, unless otherwise shown Parameter Symbol Conditions Min Typ Max Units Notes VOCM 0V CLKOUT CLKOUT CLKOUT - CLKOUT VODIFF +VODIFF -VODIFF |
Số phần tương tự - GS4915-INE3 |
|
Mô tả tương tự - GS4915-INE3 |