công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

JDH3D01S bảng dữ liệu(PDF) 1 Page - Toshiba Semiconductor

tên linh kiện JDH3D01S
Giải thích chi tiết về linh kiện  Diode Silicon Epitaxial Schottky Barrier Type For wave detection
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

JDH3D01S bảng dữ liệu(HTML) 1 Page - Toshiba Semiconductor

  JDH3D01S Datasheet HTML 1Page - Toshiba Semiconductor JDH3D01S Datasheet HTML 2Page - Toshiba Semiconductor JDH3D01S Datasheet HTML 3Page - Toshiba Semiconductor JDH3D01S Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
JDH3D01S
2007-11-01
1
TOSHIBA Diode Silicon Epitaxial Schottky Barrier Type
JDH3D01S
For wave detection
Small package
Absolute Maximum Ratings (Ta = 25°C)
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings.
Please design the appropriate reliability upon reviewing the
Toshiba Semiconductor Reliability Handbook (“Handling
Precautions”/Derating Concept and Methods) and individual
reliability data (i.e. reliability test report and estimated failure rate,
etc).
Electrical Characteristics (Ta = 25°C)
Marking
Caution
This device is sensitive to electrostatic discharge. Operators should wear antistatic clothing, and containers and
other objects that come into direct contact with the product should be made of antistatic materials.
Unit: mm
1 アノード 1
2 カソード 2
3 カソード 1/アノード 2
JEDEC
JEITA
TOSHIBA
1-2S1C
Characteristic
Symbol
Rating
Unit
Reverse voltage
VR
4
V
Forward current
IF
25
mA
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Forward voltage
VF
IF = 2 mA
0.25
V
Forward current
IF
VF = 0.5 V
25
mA
Reverse current
IR
VR = 0.5 V
25
uA
Capacitance
CT
VR = 0.2 V, f = 1 MHz
0.6
pF
B H
Weight:0.0024g(typ.)
SSM 1. ANODE1
2. CATHODE2
3. CATHODE1/ANODE2


Số phần tương tự - JDH3D01S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toshiba Semiconductor
JDH3D01FV TOSHIBA-JDH3D01FV Datasheet
180Kb / 5P
   Diode Silicon Epitaxial Schottky Barrier Type For wave detection
More results

Mô tả tương tự - JDH3D01S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toshiba Semiconductor
JDH3D01FV TOSHIBA-JDH3D01FV Datasheet
180Kb / 5P
   Diode Silicon Epitaxial Schottky Barrier Type For wave detection
DSF05S30U TOSHIBA-DSF05S30U Datasheet
183Kb / 3P
   Diode Silicon Epitaxial Schottky Barrier Type
DSF07S30U TOSHIBA-DSF07S30U Datasheet
186Kb / 3P
   Diode Silicon Epitaxial Schottky Barrier Type
DSR07S30U TOSHIBA-DSR07S30U Datasheet
188Kb / 3P
   Diode Silicon Epitaxial Schottky Barrier Type
DSR05S30CTB TOSHIBA-DSR05S30CTB Datasheet
179Kb / 3P
   Diode Silicon Epitaxial Schottky Barrier Type
DSF05S30CTB TOSHIBA-DSF05S30CTB Datasheet
178Kb / 3P
   Diode Silicon Epitaxial Schottky Barrier Type
JDH2S01T TOSHIBA-JDH2S01T Datasheet
70Kb / 2P
   Diode Silicon Epitaxial Schottky Barrier Type
DSR05S30U TOSHIBA-DSR05S30U Datasheet
184Kb / 3P
   Diode Silicon Epitaxial Schottky Barrier Type
logo
KEC(Korea Electronics)
KDR322 KEC-KDR322_15 Datasheet
351Kb / 2P
   SILICON EPITAXIAL SCHOTTKY BARRIER TYPE DIODE
logo
Renesas Technology Corp
HSC285 RENESAS-HSC285 Datasheet
46Kb / 5P
   SILICON SCHOTTKY BARRIER DIODE FOR HIGH FREQUENCY DETECTION
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com