công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
1SV307 bảng dữ liệu(PDF) 1 Page - Toshiba Semiconductor |
|
1SV307 bảng dữ liệu(HTML) 1 Page - Toshiba Semiconductor |
1 / 3 page 1SV307 2007-11-01 1 TOSHIBA Diode Silicon Epitaxial Pin Type 1SV307 VHF Tuner Band Switch Applications • Small package • Low series resistance: rs = 1.1 Ω (typ.) • Small total capacitance: CT = 0.3 pF (typ.) Absolute Maximum Ratings (Ta = 25°C) Characteristics Symbol Rating Unit Reverse voltage VR 30 V Forward current IF 50 mA Junction temperature Tj 125 °C Storage temperature range Tstg −55~125 °C Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). Electrical Characteristics (Ta = 25°C) Characteristics Symbol Test Condition Min Typ. Max Unit Reverse voltage VR IR = 10 μA 30 ⎯ ⎯ V Reverse current IR VR = 30 V ⎯ ⎯ 0.1 μA Forward voltage VF IF = 50 mA ⎯ 0.95 1.0 V Total capacitance CT VR = 1 V, f = 1 MHz ⎯ 0.3 0.5 pF Series resistance 1 rs (1) IF = 10 mA, f = 100 MHz ⎯ 1.0 1.5 Ω Series resistance 2 rs (2) IF = 10 mA, f = 1.5 GHz ⎯ 1.1 ⎯ Ω Marking Unit: mm JEDEC ― JEITA ― TOSHIBA 1-1E1A Weight: 0.004 g (typ.) |
Số phần tương tự - 1SV307 |
|
Mô tả tương tự - 1SV307 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |