công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

U10FWJ2C48M bảng dữ liệu(PDF) 1 Page - Toshiba Semiconductor

tên linh kiện U10FWJ2C48M
Giải thích chi tiết về linh kiện  LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

U10FWJ2C48M bảng dữ liệu(HTML) 1 Page - Toshiba Semiconductor

  U10FWJ2C48M Datasheet HTML 1Page - Toshiba Semiconductor U10FWJ2C48M Datasheet HTML 2Page - Toshiba Semiconductor U10FWJ2C48M Datasheet HTML 3Page - Toshiba Semiconductor U10FWJ2C48M Datasheet HTML 4Page - Toshiba Semiconductor U10FWJ2C48M Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
10FWJ2C48M,U10FWJ2C48M
2006-11-10
1
TOSHIBA SCHOTTKY BARRIER RECTIFIER STACK SCHOTTKY BARRIER TYPE
10FWJ2C48M,U10FWJ2C48M
LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODE
SWITCHING MODE POWER SUPPLY APPLICATION
CONVERTER & CHOPPER APPLICATION
• Peak Forward Voltage: VFM≤0.47V
• Repetitive Peak Reverse Voltage: VRRM=30V
• Average Output Rectified Current: IO=10A
• Low Switching Losses and Output Noise.
Unit: mm
10FWJ2C48M
U10FWJ2C48M
JEDEC
JEDEC
JEITA
JEITA
TOSHIBA
12-10D1A
TOSHIBA
12-10D2A
ABSOLUTE MAXIMUM RATINGS (Ta = 25°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Repetitive Peak Reverse Voltage
VRRM
30
V
Average Output Rectified Current
IO
10
A
100 (50Hz)
Peak One Cycle Surge Forward
Current (Sine Wave)
IFSM
110 (60Hz)
A
Junction Temparature
Tj
−40~125
°C
Storage Temparature Range
Tstg
−40~150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
POLARITY


Số phần tương tự - U10FWJ2C48M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toshiba Semiconductor
U10FWJ2C48M TOSHIBA-U10FWJ2C48M Datasheet
178Kb / 3P
   SCHOTTKY BARRIER RECTIFIER STACK (LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODE SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION)
More results

Mô tả tương tự - U10FWJ2C48M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toshiba Semiconductor
10FWJ2CZ47M TOSHIBA-10FWJ2CZ47M_06 Datasheet
275Kb / 5P
   LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODE
30FWJ2C48M TOSHIBA-30FWJ2C48M_06 Datasheet
325Kb / 6P
   LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODE
10FWJ2CZ47M TOSHIBA-10FWJ2CZ47M Datasheet
170Kb / 3P
   SCHOTTKY BARRIER RECTIFIER STACK(LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODE)
logo
Leshan Radio Company
LMSD103AT1G LRC-LMSD103AT1G Datasheet
122Kb / 3P
   SCHOTTKY BARRIER SWITCHING DIODE Low Forward Voltage Drop
logo
Toshiba Semiconductor
30FWJ2CZ47M TOSHIBA-30FWJ2CZ47M_06 Datasheet
302Kb / 5P
   LOW FORWARD VOLTAGE SCHOTTKY BARRIER
logo
STMicroelectronics
AN836 STMICROELECTRONICS-AN836 Datasheet
59Kb / 5P
   LOW FORWARD VOLTAGE SCHOTTKY DIODE
logo
Leshan Radio Company
LBAS40LT1G LRC-LBAS40LT1G_11 Datasheet
99Kb / 4P
   SCHOTTKY BARRIER DIODE Low forward current
LBAS70LT1G LRC-LBAS70LT1G Datasheet
66Kb / 4P
   SCHOTTKY BARRIER DIODE Low forward current
logo
Toshiba Semiconductor
30FWJ2C48M TOSHIBA-30FWJ2C48M Datasheet
172Kb / 3P
   SCHOTTKY BARRIER TYPE (SOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODE)
logo
MIC GROUP RECTIFIERS
SRL3030P MIC-SRL3030P Datasheet
60Kb / 2P
   LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com