công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS1A220KT bảng dữ liệu(PDF) 9 Page - DB Lectro Inc

tên linh kiện CS1A220KT
Giải thích chi tiết về linh kiện  CHIP TYPE, STANDARD
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DBLECTRO [DB Lectro Inc]
Trang chủ  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

CS1A220KT bảng dữ liệu(HTML) 9 Page - DB Lectro Inc

Back Button CS1A220KT Datasheet HTML 5Page - DB Lectro Inc CS1A220KT Datasheet HTML 6Page - DB Lectro Inc CS1A220KT Datasheet HTML 7Page - DB Lectro Inc CS1A220KT Datasheet HTML 8Page - DB Lectro Inc CS1A220KT Datasheet HTML 9Page - DB Lectro Inc CS1A220KT Datasheet HTML 10Page - DB Lectro Inc CS1A220KT Datasheet HTML 11Page - DB Lectro Inc CS1A220KT Datasheet HTML 12Page - DB Lectro Inc CS1A220KT Datasheet HTML 13Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Cleaning condition: Total cleaning time shall be within 5 minutes by immersion, ultrasonic or other
method. Temperature of the cleaning agent shall be 60 C or lower. After
cleaning, capacitors should be dried using hot air for minimum of 10 minutes
along with the PC board. Hot air temperature should be below the maximum
operating temperature of the capacitor. Insufficient dry after water rinse may
cause appearance problems, sleeve shirk, bottom- plate bulge and such.
Avoid using ozone destructive substance for cleaning agents to concern about global
environment. Please consult us regarding other cleaning agents or cleaning methods.
3. In The Equipment
1) Do not directly touch terminal by hand.
2) Do not short between terminal by conductor, nor spill conductible liquid such as alkaline or acidic
solution on or near the capacitor.
3) Please make sure that the ambient conditions where the set is installed will be free from spilling water
or oil, direct sunlight, ultraviolet rays, radiation, poisonous gases, vibration or mechanical shock.
4. Maintenance and Inspection
Please periodically inspect the aluminum capacitors that are installed in industrial equipment. The
following Items should be checked:
Appearance: Remarkable abnormality such as vent operation, leaking electrolyte etc.
Electrical characteristic: Capacitance, dielectric loss tangent, leakage current etc., which are specified
in this catalogue.
5. In an Emergency
1) If you see smoke due to operation of safety vent, turn off the main switch or pull out the plug from the
outlet.
2) Do not draw your face to the safety vent since gas over 100 C will be emitted when the safety vent
operates. If the gas has entered your eyes, please flush your eyes immediately in pure water. If you
breathed the gas immediately wash out your mouth and throat with water. Do not ingest electrolyte. If
your skin is exposed to electrolyte, please wash it away using soap and water.
6. Storage
1) Do not keep capacitor in high temperature and high humidity.
Storage conditions should be:
Temperature : +5 C ~ +35 C
Humidity
: Lower than 75%
Place
: Indoor
2) Avoid ambient conditions where capacitors can be covered with water, brine or oil.
3) Avoid ambient conditions where capacitors are exposed to poisonous gases such as hydrogen sulfide,
sulfurous acid, nitrous acid, chlorine, ammonium etc.
4) Do not keep capacitor in conditions that expose the capacitor to ozone, ultraviolet ray or radiation.
7. Disposal
Please dispose capacitors in either of the following ways:
1) Incinerate capacitors after crushing parts or making a hole on the capacitor body.
2) Bury capacitors in the ground. Please have a disposal specialist do it.
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Số phần tương tự - CS1A220KT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Cooper Bussmann, Inc.
CS1 COOPER-CS1 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
List of Unclassifed Man...
CS1 ETC2-CS1 Datasheet
63Kb / 1P
   Style CS1 and Style CW
logo
Fujitsu Component Limit...
CS1 FUJITSU-CS1 Datasheet
563Kb / 56P
   2ch DC/DC converter IC with PFM/ PWM synchronous rectification
logo
List of Unclassifed Man...
CS10 ETC1-CS10 Datasheet
124Kb / 2P
   CS10
CS10 ETC2-CS10 Datasheet
794Kb / 1P
   AT-CUT CRYSTAL UNIT
More results

Mô tả tương tự - CS1A220KT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nichicon corporation
PCF NICHICON-PCF Datasheet
1Mb / 3P
   Chip Type, Standard
logo
Rohm
SML-A10 ROHM-SML-A10 Datasheet
314Kb / 3P
   Standard Type Side view chip LEDs
SML-810 ROHM-SML-810 Datasheet
163Kb / 3P
   Standard Type Back-fire chip LEDs
SML-310DTT86 ROHM-SML-310DTT86 Datasheet
424Kb / 3P
   Standard Type Mini-molded chip LEDs
SML-010YTT86 ROHM-SML-010YTT86 Datasheet
367Kb / 4P
   Standard Type Chip LEDs with reflector
SML-210 ROHM-SML-210 Datasheet
653Kb / 3P
   Standard Type Mini-molded chip LEDs
SML-310 ROHM-SML-310 Datasheet
418Kb / 3P
   Standard Type Mini-molded chip LEDs
SML-010 ROHM-SML-010 Datasheet
363Kb / 3P
   Standard Type Chip LEDs with reflector
SML-410 ROHM-SML-410 Datasheet
143Kb / 3P
   Standard Type Mini-molded chip LEDs
logo
Kemet Corporation
Z0201C601ASMST KEMET-Z0201C601ASMST Datasheet
185Kb / 1P
   Multilayer Ferrite Chip Beads Standard Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com