công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KZ2D010MT bảng dữ liệu(PDF) 1 Page - DB Lectro Inc

tên linh kiện KZ2D010MT
Giải thích chi tiết về linh kiện  CHIP TYPE, EXTRA LOW IMPEDANCE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DBLECTRO [DB Lectro Inc]
Trang chủ  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

KZ2D010MT bảng dữ liệu(HTML) 1 Page - DB Lectro Inc

  KZ2D010MT Datasheet HTML 1Page - DB Lectro Inc KZ2D010MT Datasheet HTML 2Page - DB Lectro Inc KZ2D010MT Datasheet HTML 3Page - DB Lectro Inc KZ2D010MT Datasheet HTML 4Page - DB Lectro Inc KZ2D010MT Datasheet HTML 5Page - DB Lectro Inc KZ2D010MT Datasheet HTML 6Page - DB Lectro Inc KZ2D010MT Datasheet HTML 7Page - DB Lectro Inc KZ2D010MT Datasheet HTML 8Page - DB Lectro Inc KZ2D010MT Datasheet HTML 9Page - DB Lectro Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
KZ Series
SPECIFICATIONS
Characteristics
Operation Temperature Range
-55 ~ +105°C
Rated Working Voltage
6.3 ~ 50V
Capacitance Tolerance
±20% at 120Hz, 20°C
I 0.01CV or 3 A whichever is greater (after 2 minutes)
Leakage Current
I: Leakage current ( A)
C: Normal capacitance ( F)
V: Rated voltage (V)
Measurement frequency: 120Hz, Temperature: 20°C
WV
6.3
10162535
50
tan
0.22
0.20
0.16
0.14
0.12
0.12
Dissipation Factor max.
Rated voltage (V)
6.3
10
16
25
35
50
Z(-25°C) / Z(20°C)
3
22222
Impedance ratio
ZT/Z20 (max.)
Z(-40°C) / Z(20°C)
5
44333
Capacitance Change
Within 25% of initial value
Dissipation Factor
200% or less of initial specified value
Leakage Current
Initial specified value or less
Shelf Life (at 105°C)
After leaving capacitors under no load at 105°C for 1000 hours, they meet the specified value
for load life characteristics listed above.
Capacitance Change
Within 10% of initial value
Dissipation Factor
Initial specified value or less
Leakage Current
Initial specified value or less
Resistance to Soldering Heat
Reference Standard
JIS C-5141 and JIS C-5102
Negative
0.5~0.8
0.3max.
Positive
C 0.2
L
+0.1
-0.2
*L 0.3 (Applicable to 6.3 x 7.7)
DRAWING (Unit: mm)
DIMENSIONS (Unit: mm)
D x L
4 x 5.4
5 x 5.4
6.3 x 5.4
6.3 x 7.7
8 x 10.5
10 x 10.5
A
1.8
2.1
2.4
2.4
2.9
3.2
B
4.3
5.3
6.6
6.6
8.3
10.3
C
4.3
5.3
6.6
6.6
8.3
10.3
E
1.0
1.3
2.2
2.2
3.1
4.5
L
5.4
5.4
5.4
7.7
10.5
10.5
(
4 ∼ 6.3)
Plastic platform
Negative
0.8 ~ 1.1
Plastic platform
0.3max.
Positive
C 0.2
L 0.5
(
8, 10)
Low Temperature Characteristics
(Measurement frequency: 120Hz)
*Voltage mark for 6.3V is [6V]
CHIP TYPE,
EXTRA LOW IMPEDANCE
Extra low impedance, temperature range up to +105 C
Impedance 40 ~ 60% less than LZ series
Items
Load Life
(After 2000 hours (1000 hours for 4,
5, 6.3x5.4) application of the rated
voltage at 105°C, capacitors meet the
characteristics requirements listed.)
Comply with the RoHS directive (2002/95/EC)
After reflow soldering according to Reflow Soldering Condition (see page 8) and restored at
room temperature,
they meet the characteristics requirements listed as below.
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Số phần tương tự - KZ2D010MT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Schneider Electric
KZ27 SCHNEIDER-KZ27 Datasheet
78Kb / 2P
   handle 34 mm old shape - black - set of 5
Feb 10, 2022
More results

Mô tả tương tự - KZ2D010MT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
DB Lectro Inc
FZ1A100KC DBLECTRO-FZ1A100KC Datasheet
567Kb / 13P
   CHIP TYPE, LONG LIFE WITH EXTRA LOWER IMPEDANCE
logo
Nichicon corporation
UUD1H101MNL1GS NICHICON-UUD1H101MNL1GS Datasheet
56Kb / 2P
   Chip Type, Low Impedance
UCM NICHICON-UCM Datasheet
965Kb / 2P
   Chip Type, Low Impedance
UCV NICHICON-UCV_17 Datasheet
629Kb / 2P
   Chip Type, Low Impedance.
UUD0J331MCL1GS NICHICON-UUD0J331MCL1GS Datasheet
452Kb / 3P
   Chip Type, Low Impedance
logo
DB Lectro Inc
LZ1H010KC DBLECTRO-LZ1H010KC Datasheet
508Kb / 13P
   CHIP TYPE, LOW IMPEDANCE
logo
Nichicon corporation
UCV NICHICON-UCV_18 Datasheet
630Kb / 2P
   Chip Type, Low Impedance.
logo
SAMWHA ELECTRIC
CK1V227M08010VR200 SAMWHA-CK1V227M08010VR200 Datasheet
286Kb / 2P
   Chip type, Low Impedance, High CV Series
logo
RHOPOINT COMPONENTS
PCH163250T RHOPOINT-PCH163250T Datasheet
69Kb / 1P
   CHIP TYPE IMPEDANCE CONVERTER
logo
Bourns Electronic Solut...
MT4532-250Y BOURNS-MT4532-250Y Datasheet
661Kb / 5P
   Low Impedance Chip Ferrite Beads
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com